Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M61113FP Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # M61113FP
Description  Semiconductor integrated circuit built-in the PLL inter-carrier method VIF/SIF dedicated to NTSC.
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

M61113FP Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button M61113FP Datasheet HTML 4Page - Hitachi Semiconductor M61113FP Datasheet HTML 5Page - Hitachi Semiconductor M61113FP Datasheet HTML 6Page - Hitachi Semiconductor M61113FP Datasheet HTML 7Page - Hitachi Semiconductor M61113FP Datasheet HTML 8Page - Hitachi Semiconductor M61113FP Datasheet HTML 9Page - Hitachi Semiconductor M61113FP Datasheet HTML 10Page - Hitachi Semiconductor M61113FP Datasheet HTML 11Page - Hitachi Semiconductor M61113FP Datasheet HTML 12Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
M61113FP
Rev.1.00, Aug.25.2003, page 8 of 16
VIF Section 2
(Unless otherwise specified: Ta = 25
°C, Vcc = 5.0 V, Ref Signal = 3.579545 MHz, Vi = 100 mVpp, SW = 1)
Limits
No.
Parameter
Symbol
Test
circuit
Test
point
Input
point
Input
signal
SW
condition
Min
Typ
Max
Unit
Note#
21
AFT sensitivity
µ
1
TP13
Pin16,
17
SG13
10
26
40
mV/
kHz
10
22
AFT High
voltage
AFTH
1
TP13
Pin16,
17
SG14
4.3
4.7
5
V
10
23
AFT Low
voltage
AFTL
1
TP13
Pin16,
17
SG15
0
0.3
0.7
V
10
24
AFT Mute
voltage
AFTM
1
TP13
Pin16,
17
SG16
2.4
2.5
2.6
V
25
AFT Center
voltage @US
mode
VaftUS
1
TP13
Pin16,
17
SG2
2.40
2.65
2.90
V
26
AFT Center
voltage @JP
mode
VaftJP
1
TP13
Pin16,
17
SG17
SW8=2
2.60
2.87
3.15
V
SIF Section
(Unless otherwise specified: Ta = 25
°C, Vcc = 5.0 V, Ref Signal = 3.579545 MHz, Vi = 100 mVpp, SW = 1)
Limits
No.
Parameter
Symbol
Test
circuit
Test
point
Input
point
Input
signal
SW
condition
Min
Typ
Max
Unit
Note#
27
AF output level
VoAF
1
TP9
Pin7
SG18
SW7=2
400
700
1000
mVrms
28
AF output THD
THDAF
1
TP9
Pin7
SG18
SW7=2
0.4
0.9
%
29
Audio S/N
AF S/N
1
TP9
Pin7
SG19
SW7=2
SW19=2
50
55
dB
11
30
Limiting
sensitivity
LIM
1
TP9
Pin7
SG20
SG21
SW7=2
SW19=2
—50
55
dBuV
12
31
SIF output level
SIFG
1
TP8
Pin7
SG19
SW7=2
90
96
102
dBuV
VCO Section
(Unless otherwise specified: Ta = 25
°C, Vcc = 5.0 V, Ref Signal = 3.579545 MHz, Vi = 100 mVpp, SW = 1)
Limits
No.
Parameter
Symbol
Test
circuit
Test
point
Input
point
Input
signal
SW
condition
Min
Typ
Max
Unit
Note#
32
VIF VCO
freerun @US
mode
FvcofUS
1
TP13
SW10=2
SW13,19=2
-500
0
+500
kHz
13
33
VIF VCO
freerun @JP
mode
FvcofJP
1
TP13
SW8,10=2
SW13,19=2
-500
0
+500
kHz
13


Similar Part No. - M61113FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M61113FP RENESAS-M61113FP Datasheet
283Kb / 17P
   Coil-less VIF/SIF
More results

Similar Description - M61113FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52768FP MITSUBISHI-M52768FP Datasheet
242Kb / 14P
   PLL-INTER VIF/SIF
logo
Renesas Technology Corp
M52768FP RENESAS-M52768FP Datasheet
4Mb / 15P
   PLL-INTER VIF/SIF
logo
NTE Electronics
NTE7015 NTE-NTE7015 Datasheet
86Kb / 4P
   Integrated Circuit PLL SIF & VIF for TV & VCR
logo
Mitsubishi Electric Sem...
M52313SP MITSUBISHI-M52313SP Datasheet
413Kb / 7P
   STANDARD PLL VIF/SIF
M51366SP MITSUBISHI-M51366SP Datasheet
665Kb / 10P
   PLL-SPLIT VIF/SIF
logo
Renesas Technology Corp
M52767FP RENESAS-M52767FP Datasheet
6Mb / 21P
   PLL-SPLIT VIF/SIF
logo
Mitsubishi Electric Sem...
M52769FP MITSUBISHI-M52769FP Datasheet
220Kb / 17P
   PLL-SPLIT VIF/SIF
M52034FP MITSUBISHI-M52034FP Datasheet
366Kb / 11P
   Standard pll vif/sif
M51362SP MITSUBISHI-M51362SP Datasheet
924Kb / 12P
   PLL SPLIT VIF/SIF
logo
Renesas Technology Corp
M51362SP RENESAS-M51362SP Datasheet
5Mb / 13P
   PLL-SPLIT VIF/SIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com