Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4766BETA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4766BETA
Description  0.075A to 1.5A, Programmable Current-Limit Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4766BETA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4766BETA Datasheet HTML 1Page - Maxim Integrated Products MAX4766BETA Datasheet HTML 2Page - Maxim Integrated Products MAX4766BETA Datasheet HTML 3Page - Maxim Integrated Products MAX4766BETA Datasheet HTML 4Page - Maxim Integrated Products MAX4766BETA Datasheet HTML 5Page - Maxim Integrated Products MAX4766BETA Datasheet HTML 6Page - Maxim Integrated Products MAX4766BETA Datasheet HTML 7Page - Maxim Integrated Products MAX4766BETA Datasheet HTML 8Page - Maxim Integrated Products MAX4766BETA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX4766 is a programmable current-limit switch
that uses a proprietary control topology to provide a
±10% accurate current limit. It operates from 2.25V to
4.5V input voltage.
The current limit is resistor settable from 0.075A to 1.5A
and features an adjustable soft-start function to control
the output-voltage ramp rate, thereby limiting the inrush
current. It also has an adjustable blanking time to
accommodate various capacitive loads.
If the load current is greater than the current-limit
threshold, the current limiter handles the overcurrent
situation in one of three ways depending on the option
selected. It enters an autoretry mode (MAX4766A),
latches off the switch (MAX4766B), or places the
device in a continuous current-limit mode (MAX4766C).
Additional safety features include thermal shutdown to
prevent overheating and reverse-current blocking to
prevent current from being driven back into the source.
The MAX4766 is available in a tiny 8-pin 3mm x 3mm
TDFN package and operates over the extended tem-
perature range of -40
°C to +85°C.
Applications
SDIO Ports
Notebook Computers
PDAs and Palmtop Devices
Cell Phones
Features
♦ ±10% Accurate Current Limit
♦ 0.075A to 1.5A Programmable Current Limit
♦ Inrush Current Protection
♦ Thermal Shutdown Protection
♦ Reverse-Current Protection
♦ Low Dropout Voltage
♦ Programmable Blanking Time
♦ Programmable Soft-Start Time
♦ FFLLA
AG
G Function (MAX4766B/MAX4766C)
♦ Tiny 8-Pin TDFN Package (3mm x 3mm)
♦ 2.25V to 4.5V Supply Range
0.075A to 1.5A, Programmable
Current-Limit Switch
________________________________________________________________ Maxim Integrated Products
1
Ordering Information/Selector Guide
2.25V TO 4.5V
IN
OUT
FLAG*
GND
ON
µP
MAX4766
SETB
SETS
SETI
*MAX4766B/C
Typical Operating Circuit
19-3458; Rev 0; 10/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
TOP MARK
PKG CODE
SOFT-START/
BLANKING
OVERCURRENT
RESPONSE
MAX4766AETA
-40°C to +85°C
8 TDFN
AKV
T833-1
Programmable
Autoretry
MAX4766BETA
-40°C to +85°C
8 TDFN
AKW
T833-1
Programmable
Latch-Off
MAX4766CETA
-40°C to +85°C
8 TDFN
AKX
T833-1
Programmable
Continuous
SETS
IN
OUT
1
2
8
7
GND
ON
FLAG
SETI
SETB
TDFN
TOP VIEW
3
4
6
5
MAX4766
Pin Configuration


Similar Part No. - MAX4766BETA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4760 MAXIM-MAX4760 Datasheet
703Kb / 14P
   High-Bandwidth, Quad DPDT Switches
Rev 1; 11/04
MAX4760 MAXIM-MAX4760 Datasheet
178Kb / 14P
   High-Bandwidth, Quad DPDT Switches
Rev 5; 4/09
MAX4760-MAX4761 MAXIM-MAX4760-MAX4761 Datasheet
703Kb / 14P
   High-Bandwidth, Quad DPDT Switches
Rev 1; 11/04
MAX4760A MAXIM-MAX4760A Datasheet
178Kb / 14P
   High-Bandwidth, Quad DPDT Switches
Rev 5; 4/09
MAX4760AETX+T MAXIM-MAX4760AETX+T Datasheet
178Kb / 14P
   High-Bandwidth, Quad DPDT Switches
Rev 5; 4/09
More results

Similar Description - MAX4766BETA

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9722 RICHTEK-RT9722 Datasheet
320Kb / 14P
   145m廓, 1.5A Power Switch with Programmable Current Limit
logo
Rohm
BD82020FVJ ROHM-BD82020FVJ Datasheet
622Kb / 24P
   1.5A Current Limit High Side Switch ICs
BD82031FVJ ROHM-BD82031FVJ Datasheet
666Kb / 24P
   1.5A Current Limit High Side Switch ICs
BD82030FVJ ROHM-BD82030FVJ Datasheet
664Kb / 24P
   1.5A Current Limit High Side Switch ICs
BD82000FVJ-LB ROHM-BD82000FVJ-LB Datasheet
532Kb / 26P
   1.5A Current Limit High Side Switch ICs
BD2061AFJ ROHM-BD2061AFJ Datasheet
1,023Kb / 26P
   1.5A Current Limit High Side Switch ICs
BD82000FVJ ROHM-BD82000FVJ_14 Datasheet
1Mb / 27P
   1.5A Current Limit High Side Switch ICs
BD82021FVJ ROHM-BD82021FVJ Datasheet
624Kb / 24P
   1.5A Current Limit High Side Switch ICs
logo
Monolithic Power System...
MP5000 MPS-MP5000 Datasheet
772Kb / 12P
   12V, 5A Programmable Current Limit Switch
MP5000A MPS-MP5000A Datasheet
487Kb / 14P
   12V, 5A Programmable Current Limit Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com