Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1947ETA33 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1947ETA33
Description  Low Input/Output Voltage Step-Up DC-DC Converter with RESET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1947ETA33 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1947ETA33 Datasheet HTML 2Page - Maxim Integrated Products MAX1947ETA33 Datasheet HTML 3Page - Maxim Integrated Products MAX1947ETA33 Datasheet HTML 4Page - Maxim Integrated Products MAX1947ETA33 Datasheet HTML 5Page - Maxim Integrated Products MAX1947ETA33 Datasheet HTML 6Page - Maxim Integrated Products MAX1947ETA33 Datasheet HTML 7Page - Maxim Integrated Products MAX1947ETA33 Datasheet HTML 8Page - Maxim Integrated Products MAX1947ETA33 Datasheet HTML 9Page - Maxim Integrated Products MAX1947ETA33 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Control Scheme
The MAX1947 is a bootstrapped design. Upon turn-on,
a startup oscillator brings the output voltage high
enough to allow the main DC-DC circuitry to run. Once
the output voltage reaches 1.62V (typ) the main DC-DC
circuitry turns on and boosts the output voltage to the
final regulation point.
The unique minimum off-time, current-limited control
scheme is the key to the MAX1947’s low operating cur-
rent and high efficiency over a wide load range. The
architecture combines the high output power and effi-
ciency of a pulse-width modulation (PWM) device with
the ultra-low quiescent current of a traditional pulse-
skipping controller. The switching frequency can be as
high as 2MHz and depends upon the load current and
input voltage. The MAX1947 is designed to operate
using low-ESR ceramic capacitors, so output voltage
ripple due to ESR is very small (approximately 10mVP-P).
Track Mode
The MAX1947 enters track mode when BATT is greater
than the output-voltage regulation point. Track mode
can only be entered under the following conditions:
VBATT > VOUT, VOUT > VOUT regulation point, and the
minimum off-time expires. During track mode, the syn-
chronous rectifier is turned on 100% of the time and the
output voltage tracks the battery voltage. Track mode is
exited by VOUT falling below the VOUT regulation point.
Synchronous Rectification
The internal synchronous rectifier eliminates the need
for an external Schottky diode, reducing cost and board
space. During the cycle off-time, the p-channel MOSFET
turns on and shunts the MOSFET body diode. As a
result, the synchronous rectifier significantly improves
efficiency without the addition of an external compo-
nent. Conversion efficiency can be as high as 94%.
RESET
The MAX1947 features an active-low push-pull RESET
output for use with a microcontroller (µC). It signals the
µC when the MAX1947 output voltage is within operat-
ing limits. During startup, RESET is held low. When the
RESET threshold (90% of the output regulation voltage)
is reached, a 75ms (min) timer begins counting. RESET
is switched high once the timer expires.
Low Input/Output Voltage
Step-Up DC-DC Converter with RESET
_______________________________________________________________________________________
7
Functional Diagram
STARTUP
OSCILLATOR
SHUTDOWN
CIRCUITRY
tON
MAX TIMER
CONTROL
LOGIC AND
GATE DRIVERS
BATT
SHDN
0.9 x REF
REF
ERROR
AMPLIFIER
ZERO-CROSSING
AMPLIFIER
CURRENT-LIMIT
AMPLIFIER
P*
N
LX
PGND
OUT
RESET
75ms TIMER
tOFF
MIN TIMER
1.25V REFERENCE
(REF)
GND
MAX1947
REF
*BODY DIODE CONTROL


Similar Part No. - MAX1947ETA33

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1947ETAXY+T MAXIM-MAX1947ETAXY+T Datasheet
250Kb / 11P
   Low Input/Output Voltage Step-Up DC-DC Converter with RESET
2006
MAX1947ETAXY-T MAXIM-MAX1947ETAXY-T Datasheet
250Kb / 11P
   Low Input/Output Voltage Step-Up DC-DC Converter with RESET
2006
More results

Similar Description - MAX1947ETA33

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1947 MAXIM-MAX1947_V01 Datasheet
250Kb / 11P
   Low Input/Output Voltage Step-Up DC-DC Converter with RESET
2006
logo
National Semiconductor ...
LM2621 NSC-LM2621_05 Datasheet
655Kb / 11P
   Low Input Voltage, Step-Up DC-DC Converter
LM2621 NSC-LM2621 Datasheet
254Kb / 10P
   Low Input Voltage, Step-Up DC-DC Converter
logo
Texas Instruments
LM2621 TI1-LM2621_14 Datasheet
1Mb / 16P
[Old version datasheet]   Low Input Voltage, Step-Up DC-DC Converter
LM2621 TI1-LM2621_15 Datasheet
507Kb / 17P
[Old version datasheet]   Low Input Voltage, Step-Up DC-DC Converter
LM2621MM TI-LM2621MM Datasheet
1Mb / 17P
[Old version datasheet]   LM2621 Low Input Voltage, Step-Up DC-DC Converter
LM2621 TI-LM2621_15 Datasheet
1Mb / 18P
[Old version datasheet]   LM2621 Low Input Voltage, Step-Up DC-DC Converter
logo
Semtech Corporation
SC1633 SEMTECH-SC1633 Datasheet
181Kb / 7P
   LOW VOLTAGE STEP-UP DC-DC CONVERTER
logo
List of Unclassifed Man...
AIC1641 ETC-AIC1641 Datasheet
160Kb / 12P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
Silicon Standard Corp.
SS6640 SSC-SS6640 Datasheet
336Kb / 12P
   Low Voltage Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com