Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7042 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX7042
Description  308MHz/315MHz/418MHz/433.92MHz Low-Power, FSK Superheterodyne Receiver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7042 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX7042 Datasheet HTML 1Page - Maxim Integrated Products MAX7042 Datasheet HTML 2Page - Maxim Integrated Products MAX7042 Datasheet HTML 3Page - Maxim Integrated Products MAX7042 Datasheet HTML 4Page - Maxim Integrated Products MAX7042 Datasheet HTML 5Page - Maxim Integrated Products MAX7042 Datasheet HTML 6Page - Maxim Integrated Products MAX7042 Datasheet HTML 7Page - Maxim Integrated Products MAX7042 Datasheet HTML 8Page - Maxim Integrated Products MAX7042 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
308MHz/315MHz/418MHz/433.92MHz
Low-Power, FSK Superheterodyne Receiver
_______________________________________________________________________________________
5
6.1
6.5
6.3
6.9
6.7
7.3
7.1
7.5
300
350
375
325
400
425
450
SUPPLY CURRENT vs. RF FREQUENCY
(2x ILNA)
RF FREQUENCY (MHz)
+125
°C
+85
°C
+25
°C
-40
°C
DEEP-SLEEP CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
110
85
60
35
10
-15
200
400
600
800
1000
0
-40
VCC = +3.6V
VCC = +3.0V
VCC = +2.4V
BIT-ERROR RATE vs. AVERAGE INPUT POWER
(1x ILNA)
AVERAGE INPUT POWER (dBm)
-106
-108
-110
-112
0.1
1
10
100
0.01
-114
-104
fRF = 433.92MHz
0.2% BER
fRF = 315MHz
BIT-ERROR RATE vs. AVERAGE INPUT POWER
(2x ILNA)
AVERAGE INPUT POWER (dBm)
-109
-113
-111
-115
0.1
1
10
100
0.01
-117
-107
fRF = 433.92MHz
0.2% BER
fRF = 315MHz
-108
-107
-106
-105
-104
-103
-109
SENSITIVITY vs. TEMPERATURE
(1x ILNA)
TEMPERATURE (
°C)
110
85
60
35
10
-15
-40
fRF = 433.92MHz
fRF = 315MHz
-111
-110
-109
-108
-107
-106
-112
SENSITIVITY vs. TEMPERATURE
(2x ILNA)
TEMPERATURE (
°C)
110
85
60
35
10
-15
-40
fRF = 433.92MHz
fRF = 315MHz
SENSITIVITY
vs. FREQUENCY DEVIATION
FREQUENCY DEVIATION (kHz)
10
-110
-108
-106
-104
-102
-100
-112
1100
FREQUENCY DEVIATION IS
MEASURED FROM 0 TO PEAK
0
0.6
0.3
1.2
0.9
1.5
1.8
-3
-1
-2
1
0
2
3
-90
-50
-30
-70
-10
10
RSSI AND DELTA
vs. IF INPUT POWER
MAX7042 toc11
RF INPUT POWER (dBm)
RSSI
DELTA
0
0.8
0.4
1.6
1.2
2.0
10.3
10.5
10.6
10.4
10.8
10.7
10.9
11.0
FSK DEMODULATOR OUTPUT
vs. IF FREQUENCY
IF FREQUENCY (MHz)
Typical Operating Characteristics (continued)
(Typical Application Circuit, VDD = 3.0V, fRF = 433.92MHz, IF BW = 280kHz, data rate = 4kbps Manchester encoded, frequency
deviation = ±50kHz, BER = 0.2%, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX7042

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7042 MAXIM-MAX7042 Datasheet
440Kb / 19P
   308MHz/315MHz/418MHz/433.92MHz Low-Power, FSK Superheterodyne Receiver
Rev 1; 3/07
MAX7042 MAXIM-MAX7042 Datasheet
190Kb / 17P
   308MHz/315MHz/418MHz/433.92MHz Low-Power, FSK Superheterodyne Receiver
Rev 2; 1/12
MAX7042 MAXIM-MAX7042 Datasheet
1Mb / 7P
   Available in 315MHz or 433.92MHz Optimized Versions
Rev 0; 9/09
MAX7042AAX MAXIM-MAX7042AAX Datasheet
440Kb / 19P
   308MHz/315MHz/418MHz/433.92MHz Low-Power, FSK Superheterodyne Receiver
Rev 1; 3/07
MAX7042ATJ MAXIM-MAX7042ATJ Datasheet
440Kb / 19P
   308MHz/315MHz/418MHz/433.92MHz Low-Power, FSK Superheterodyne Receiver
Rev 1; 3/07
More results

Similar Description - MAX7042

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7042 MAXIM-MAX7042_07 Datasheet
440Kb / 19P
   308MHz/315MHz/418MHz/433.92MHz Low-Power, FSK Superheterodyne Receiver
Rev 1; 3/07
MAX7042 MAXIM-MAX7042_12 Datasheet
190Kb / 17P
   308MHz/315MHz/418MHz/433.92MHz Low-Power, FSK Superheterodyne Receiver
Rev 2; 1/12
MAX1471 MAXIM-MAX1471 Datasheet
806Kb / 26P
   315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 0; 4/04
MAX1471 MAXIM-MAX1471_V01 Datasheet
1Mb / 27P
   315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
2017
MAX1471 MAXIM-MAX1471_10 Datasheet
332Kb / 26P
   315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 3; 12/10
MAX1471 MAXIM-MAX1471_05 Datasheet
396Kb / 26P
   315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 1; 3/05
MAX1471 MAXIM-MAX1471_11 Datasheet
328Kb / 26P
   315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 4; 9/11
MAX7031 MAXIM-MAX7031_09 Datasheet
220Kb / 20P
   Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
Rev 2; 6/09
MAX7031 MAXIM-MAX7031 Datasheet
651Kb / 19P
   Low-Cost, 308MHz, 315MHz, and 433.92MHz FSK Transceiver with Fractional-N PLL
Rev 0; 5/05
MAX1470 MAXIM-MAX1470 Datasheet
220Kb / 12P
   315MHz Low-Power, 3V Superheterodyne Receiver
Rev 1; 8/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com