Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5426B Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5426B
Description  Precision Resistor Network for Programmable Instrumentation Amplifiers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5426B Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5426B Datasheet HTML 1Page - Maxim Integrated Products MAX5426B Datasheet HTML 2Page - Maxim Integrated Products MAX5426B Datasheet HTML 3Page - Maxim Integrated Products MAX5426B Datasheet HTML 4Page - Maxim Integrated Products MAX5426B Datasheet HTML 5Page - Maxim Integrated Products MAX5426B Datasheet HTML 6Page - Maxim Integrated Products MAX5426B Datasheet HTML 7Page - Maxim Integrated Products MAX5426B Datasheet HTML 8Page - Maxim Integrated Products MAX5426B Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Precision Resistor Network for
Programmable Instrumentation Amplifiers
_______________________________________________________________________________________
5
Detailed Description
The MAX5426 is a precision resistor network with low
temperature drift and high accuracy that performs the
same function as a precision resistor array and CMOS
switches. Operationally, this device consists of fixed
resistors and digitally controlled variable resistors that
provide differential gains of 1, 2, 4, and 8 (see
Functional Diagram). The MAX5426 provides gains
accurate to 0.025% (MAX5426A), 0.09% (MAX5426B)
or 0.5% (MAX5426C).
The MAX5426 is ideal for programmable instrumenta-
tion amplifiers. An offset pin is available to apply a DC
offset voltage to the output of the differential amplifier.
Pin CM is the common-mode input voltage and can be
buffered and connected to the common-mode input of
the instrumentation amplifier (usually the shield of the
input cable to reduce the effects of cable capacitance
and leakage).
Digital Interface Operation
The MAX5426 features a simple two-bit parallel pro-
gramming interface. D1 and D0 program the gain set-
ting according to the Logic-Control Truth Table (see
Table 1). The digital interface is CMOS/TTL logic com-
patible.
Timing Diagram
Figure 3 shows the timing diagram of MAX5426 for two
cases. In case 1, the differential input changes are at
OUT1 and OUT2, while the voltage settling is observed
at FB1 and FB2. The settling time (tSETTLE) is defined
as the time for the output voltage (from the change in
the input) to reach (and stay) within 0.02% of its final
value.
In case 2, the differential inputs (OUT1 and OUT2) are
at constant voltages, while D1 and D0 are varied (for
example from 01 to 10) to make a change in the gain.
No op amps are used in these cases.
Pin Description
PIN
NAME
FUNCTION
1VDD
Positive Power Supply. Bypass VDD to GND with a 0.1µF capacitor.
2
GND
Ground
3VSS
Negative Power Supply. Bypass VSS to GND with a 0.1µF capacitor.
4
FB2
First Stage Positive Input Terminal Resistor. Connect to the inverting terminal of the second input buffer
(see Figure 1).
5
OUT2
First Stage Positive Output Terminal Resistor. Connect to the output terminal of the second input buffer.
6
OFFSET
Second Stage Offset Terminal. Connect to a DC voltage to offset the output of the differential amplifier.
7
INDIF-
Second Stage Negative Input Terminal Resistor. Connect to the inverting input terminal of the
differential op amp.
8
INDIF+
Second Stage Positive Input Terminal Resistor. Connect to the noninverting input terminal of the
differential op amp.
9
OUT
Second Stage Output Terminal, Final Output Terminal
10
OUT1
First Stage Negative Output Terminal of Resistor. Connect to the output terminal of the first input buffer.
11
FB1
First Stage Negative Input Terminal of Resistor. Connect to the inverting input terminal of the first input
buffer.
12
CM
Common-Mode Voltage. CM is the input common-mode voltage of the instrumentation amplifier.
Typically varies ±1% of input common-mode voltage.
13, 14
D0, D1
Digital Inputs. See Table 1.
DIGITAL INPUTS
D1
D0
GAIN
00
1
01
2
10
4
11
8
Table 1. Logic-Control Truth Table


Similar Part No. - MAX5426B

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
MAX542 AMD-MAX542 Datasheet
493Kb / 35P
   256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
logo
Maxim Integrated Produc...
MAX542 MAXIM-MAX542 Datasheet
239Kb / 12P
   5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 12/99
MAX542 MAXIM-MAX542 Datasheet
1Mb / 12P
   MAX54X Evaluation Kit
Rev 0; 5/12
MAX5420 MAXIM-MAX5420 Datasheet
258Kb / 9P
   Digitally Programmable Precision Voltage Divider for PGAs
Rev 1; 7/03
MAX5420AEUA MAXIM-MAX5420AEUA Datasheet
258Kb / 9P
   Digitally Programmable Precision Voltage Divider for PGAs
Rev 1; 7/03
More results

Similar Description - MAX5426B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT5401 AD-LT5401 Datasheet
939Kb / 16P
   Matched Resistor Network for Precision Amplifiers
logo
Linear Technology
LT1167 LINER-LT1167_02 Datasheet
304Kb / 20P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
logo
TT Electronics.
4800 TTELEC-4800 Datasheet
410Kb / 3P
   Ideal resistor for precision instrumentation
logo
Linear Technology
LT1167 LINER-LT1167 Datasheet
426Kb / 20P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1920 LINER-LT1920_15 Datasheet
306Kb / 12P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167_15 Datasheet
364Kb / 22P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1920 LINER-LT1920 Datasheet
329Kb / 12P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1168 LINER-LT1168_06 Datasheet
363Kb / 20P
   Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1168 LINER-LT1168_15 Datasheet
349Kb / 20P
   Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier
logo
Texas Instruments
INA128 TI-INA128 Datasheet
1Mb / 20P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com