Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5426C Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5426C
Description  Precision Resistor Network for Programmable Instrumentation Amplifiers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5426C Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX5426C Datasheet HTML 1Page - Maxim Integrated Products MAX5426C Datasheet HTML 2Page - Maxim Integrated Products MAX5426C Datasheet HTML 3Page - Maxim Integrated Products MAX5426C Datasheet HTML 4Page - Maxim Integrated Products MAX5426C Datasheet HTML 5Page - Maxim Integrated Products MAX5426C Datasheet HTML 6Page - Maxim Integrated Products MAX5426C Datasheet HTML 7Page - Maxim Integrated Products MAX5426C Datasheet HTML 8Page - Maxim Integrated Products MAX5426C Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Precision Resistor Network for
Programmable Instrumentation Amplifiers
6
_______________________________________________________________________________________
Applications Information
The MAX5426 is ideal for programmable instrumentation
amplifier applications. The typical application circuit of
Figure 1 uses the MAX5426 in classical instrumentation
amplifier configurations. Two digital inputs set the gain to
1, 2, 4, or 8.
Op Amp Selection Guidelines
Selection of an op amp for instrumentation amplifier cir-
cuits depends on the accuracy requirements of the
specific application. General guidelines are to choose
an op amp with sufficient open-loop gain, low input-off-
set voltage, and a high common-mode rejection ratio.
High open-loop gain is needed to increase the gain
accuracy, while low input-offset voltage and low input-
offset current help meet gain and offset requirements.
Other parameters such as low input capacitance, low
input bias current, high input common-mode range,
and low noise often need to be considered for a wide
input voltage range stability and AC considerations.
The MAX427 is an excellent choice to use with the
MAX5426.
Stereo Audio-Taper Attenuator
Figure 2 shows the application of the MAX5426 as a dual
attenuator that can be used in stereo audio systems.
Power Supplies and Bypassing
The MAX5426 operates from dual ±5V to ±15V sup-
plies. In many applications the MAX5426 does not
require bypassing. If power-supply noise is excessive,
bypass VDD and VSS with 0.1µF ceramic capacitors to
GND.
Layout Concerns
For best performance, reduce parasitic board capaci-
tance by minimizing the circuit board trace from ampli-
fier outputs to inverting inputs. Also choose op amps
with low input capacitance.
CM
FB2
INDIF-
OUT2
INDIF+
OUT
OFFSET
VDD
VIN-
VIN+
GND
D1
D0
FB1
OUT1
VSS
VOUT
MAX5426
MAX427
MAX427
MAX427
Figure 1. Programmable Instrumentation Amplifier Using MAX5426


Similar Part No. - MAX5426C

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
MAX542 AMD-MAX542 Datasheet
493Kb / 35P
   256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
logo
Maxim Integrated Produc...
MAX542 MAXIM-MAX542 Datasheet
239Kb / 12P
   5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 12/99
MAX542 MAXIM-MAX542 Datasheet
1Mb / 12P
   MAX54X Evaluation Kit
Rev 0; 5/12
MAX5420 MAXIM-MAX5420 Datasheet
258Kb / 9P
   Digitally Programmable Precision Voltage Divider for PGAs
Rev 1; 7/03
MAX5420AEUA MAXIM-MAX5420AEUA Datasheet
258Kb / 9P
   Digitally Programmable Precision Voltage Divider for PGAs
Rev 1; 7/03
More results

Similar Description - MAX5426C

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT5401 AD-LT5401 Datasheet
939Kb / 16P
   Matched Resistor Network for Precision Amplifiers
logo
Linear Technology
LT1167 LINER-LT1167_02 Datasheet
304Kb / 20P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
logo
TT Electronics.
4800 TTELEC-4800 Datasheet
410Kb / 3P
   Ideal resistor for precision instrumentation
logo
Linear Technology
LT1167 LINER-LT1167 Datasheet
426Kb / 20P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1920 LINER-LT1920_15 Datasheet
306Kb / 12P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167_15 Datasheet
364Kb / 22P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1920 LINER-LT1920 Datasheet
329Kb / 12P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1168 LINER-LT1168_06 Datasheet
363Kb / 20P
   Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1168 LINER-LT1168_15 Datasheet
349Kb / 20P
   Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier
logo
Texas Instruments
INA128 TI-INA128 Datasheet
1Mb / 20P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com