Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8718ETA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX8718ETA
Description  High-Voltage, Low-Power Linear Regulators for Notebook Computers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8718ETA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX8718ETA Datasheet HTML 2Page - Maxim Integrated Products MAX8718ETA Datasheet HTML 3Page - Maxim Integrated Products MAX8718ETA Datasheet HTML 4Page - Maxim Integrated Products MAX8718ETA Datasheet HTML 5Page - Maxim Integrated Products MAX8718ETA Datasheet HTML 6Page - Maxim Integrated Products MAX8718ETA Datasheet HTML 7Page - Maxim Integrated Products MAX8718ETA Datasheet HTML 8Page - Maxim Integrated Products MAX8718ETA Datasheet HTML 9Page - Maxim Integrated Products MAX8718ETA Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Current Limit
Output current is limited to 210mA (typ). The current
limit exceeds the 100mA (min) safe operating limit. The
output can be shorted to ground for 30 seconds without
damaging the part.
Thermal-Overload Protection
When the junction temperature exceeds TJ = +165°C,
an internal thermal sensor sends a signal to the shut-
down logic, turning off the pass transistor and allowing
the IC to cool. The thermal sensor turns the pass tran-
sistor on again after the IC’s junction temperature cools
by 20°C (typ), causing the output to pulse on and off
during continuous thermal-overload conditions.
Operating Region and Power Dissipation
Maximum power dissipation depends on the thermal
resistance of the case and circuit board, the tempera-
ture difference between the die junction and ambient
air, and the rate of airflow. The device’s power dissipa-
tion is P = IOUT x (VIN - VOUT). The power dissipation at
+70°C ambient is 1951mW (see the Absolute Maximum
High-Voltage, Low-Power Linear Regulators for
Notebook Computers
8
_______________________________________________________________________________________
VCC
5/3
(MAX8718)
FB
(MAX8719)
SHDN
BIAS
REF
CURRENT
LIMIT
IN
OUT
MAX8718
MAX8719
GND
PGOOD
DELAY
THRESHOLD
THERMAL
SHUTDOWN
Figure 3. MAX8718/MAX8719 Functional Diagram


Similar Part No. - MAX8718ETA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX871 MAXIM-MAX871 Datasheet
97Kb / 8P
   Switched-Capacitor Voltage Inverters
Rev 0; 6/97
MAX8710 MAXIM-MAX8710 Datasheet
618Kb / 25P
   Low-Cost, Linear-Regulator LCD Panel Power Supplies
Rev 1; 10/05
MAX8710-MAX8761 MAXIM-MAX8710-MAX8761 Datasheet
618Kb / 25P
   Low-Cost, Linear-Regulator LCD Panel Power Supplies
Rev 1; 10/05
MAX8710ETG++ MAXIM-MAX8710ETG+ Datasheet
618Kb / 25P
   Low-Cost, Linear-Regulator LCD Panel Power Supplies
Rev 1; 10/05
MAX8711 MAXIM-MAX8711 Datasheet
618Kb / 25P
   Low-Cost, Linear-Regulator LCD Panel Power Supplies
Rev 1; 10/05
More results

Similar Description - MAX8718ETA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1615 MAXIM-MAX1615 Datasheet
92Kb / 8P
   High-Voltage, Low-Power Linear Regulators for Notebook Computers
19-1225; Rev 2; 1/98
MAX1615EUK MAXIM-MAX1615EUK Datasheet
108Kb / 8P
   High-Voltage, Low-Power Linear Regulators for Notebook Computers
Rev 3; 9/04
logo
Shanghai Leiditech Elec...
LCDA12C-8 LEIDITECH-LCDA12C-8 Datasheet
223Kb / 3P
   Notebook Computers
logo
Microchip Technology
EMC1186 MICROCHIP-EMC1186 Datasheet
461Kb / 43P
   Notebook Computers
Rev. 1.0 07-11-13
EMC1188 MICROCHIP-EMC1188 Datasheet
541Kb / 48P
   Notebook Computers
Rev. 1.0 07-11-13
logo
SMSC Corporation
EMC1186 SMSC-EMC1186 Datasheet
461Kb / 43P
   Notebook Computers
EMC1188 SMSC-EMC1188 Datasheet
541Kb / 48P
   Notebook Computers
logo
Anpec Electronics Corop...
APW8820 ANPEC-APW8820 Datasheet
534Kb / 23P
   System Power PWM Controller for Notebook Computers
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Richtek Technology Corp...
RT8206B RICHTEK-RT8206B Datasheet
439Kb / 26P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com