Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9716EBL-T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9716EBL-T
Description  Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9716EBL-T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9716EBL-T Datasheet HTML 1Page - Maxim Integrated Products MAX9716EBL-T Datasheet HTML 2Page - Maxim Integrated Products MAX9716EBL-T Datasheet HTML 3Page - Maxim Integrated Products MAX9716EBL-T Datasheet HTML 4Page - Maxim Integrated Products MAX9716EBL-T Datasheet HTML 5Page - Maxim Integrated Products MAX9716EBL-T Datasheet HTML 6Page - Maxim Integrated Products MAX9716EBL-T Datasheet HTML 7Page - Maxim Integrated Products MAX9716EBL-T Datasheet HTML 8Page - Maxim Integrated Products MAX9716EBL-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Low-Cost, Mono, 1.4W BTL Audio Power
Amplifiers
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—3V Supply (continued)
(VCC = 3V, GND = 0, SHDN = VCC, TA = +25°C. CBIAS = 1µF, RIN = RF = 20k
Ω (MAX9716/MAX9717A), IN+ = BIAS (MAX9716),
BTL/SE = GND (MAX9717_), RL =
∞ connected between OUT+ and OUT-. Typical values are at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Short-Circuit Current Limit
ISC
(Note 9)
1.1
A
Thermal Shutdown Threshold
+160
°C
Thermal Shutdown Hysteresis
15
°C
250
Power-Up/Enable from Shutdown
Time (Note 10)
tPU
CBIAS = 0.1µF
25
ms
Shutdown Time
tSHDN
5µs
Input Resistance
RIN
MAX9717B/C/D
12
20
28
k
Note 1: Continuous power dissipation must also be observed.
Note 2: All specifications are tested at TA = +25°C. Specifications over temperature (TA = TMIN to TMAX) are not production tested,
and guaranteed by design.
Note 3: Quiescent power-supply current is specified and tested with no load. Quiescent power-supply current depends on the off-
set voltage when a practical load is connected to the amplifier.
Note 4: Common-mode bias voltage is the voltage on BIAS and is nominally VCC/2.
Note 5: VOS = VOUT+ - VOUT-.
Note 6: The amplifier input IN- is AC-coupled to GND through CIN.
Note 7: Output power is specified by a combination of a functional output current test and characterization analysis.
Note 8: Measurement bandwidth for THD+N is 22Hz to 22kHz.
Note 9: Extended short-circuit conditions result in a pulsed output.
Note 10: Time for VOUT to rise to 50% of final DC value.


Similar Part No. - MAX9716EBL-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9716EBL+TG45 MAXIM-MAX9716EBL+TG45 Datasheet
405Kb / 21P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 2; 3/09
MAX9716EBL+TG45 MAXIM-MAX9716EBL+TG45 Datasheet
450Kb / 21P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 3; 3/12
More results

Similar Description - MAX9716EBL-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9716 MAXIM-MAX9716_09 Datasheet
405Kb / 21P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 2; 3/09
MAX9716 MAXIM-MAX9716_12 Datasheet
450Kb / 21P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 3; 3/12
MAX9718 MAXIM-MAX9718_10 Datasheet
1Mb / 26P
   Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 7; 4/10
MAX9718 MAXIM-MAX9718 Datasheet
569Kb / 23P
   Low-Cost, Mono/Stereo,1.4W Differential Audio Power Amplifiers
Rev 0; 10/03
MAX9718 MAXIM-MAX9718_09 Datasheet
603Kb / 26P
   Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 6; 3/09
MAX9710 MAXIM-MAX9710_08 Datasheet
303Kb / 13P
   3W Mono/Stereo BTL Audio Power Amplifiers with Shutdown
19-2841; Rev 1; 6/08
MAX9710 MAXIM-MAX9710 Datasheet
606Kb / 15P
   3W Mono/Stereo BTL Audio Power Amplifiers with Shutdown
Rev 0; 4/03
logo
Analog Devices
AD74111YRUZ AD-AD74111YRUZ Datasheet
350Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111_17 Datasheet
282Kb / 21P
   Low Cost, Low Power Mono Audio Codec
AD74111YRUZ AD-AD74111YRUZ Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com