Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCC122-14IO1 Datasheet(PDF) 1 Page - IXYS Corporation

Part # MCC122-14IO1
Description  Thyristor Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MCC122-14IO1 Datasheet(HTML) 1 Page - IXYS Corporation

  MCC122-14IO1 Datasheet HTML 1Page - IXYS Corporation MCC122-14IO1 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2000 IXYS All rights reserved
1 - 2
I
TRMS
= 2x300 A
I
TAVM
= 2x128 A
V
RRM, DRM = 800-1800 V
V
RSM
V
RRM
Type
V
DSM
V
DRM
VV
900
800
MCC 122-08io1
1300
1200
MCC 122-12io1
1500
1400
MCC 122-14io1
1700
1600
MCC 122-16io1
1900
1800
MCC 122-18io1
Data according to IEC 60747 and refer to a single thyristor/diode unless otherwise stated.
Symbol
Conditions
Maximum Ratings
I
TRMS
300
A
I
TAVM
T
C = 85°C; 180° sine
128
A
I
TSM
T
VJ = 45°C
t = 10 ms (50 Hz), sine
3600
A
V
R = 0
t = 8.3 ms (60 Hz), sine
3850
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
3200
A
V
R = 0
t = 8.3 ms (60 Hz), sine
3420
A
I2dt
T
VJ = 45°C
t = 10 ms (50 Hz), sine
64800
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
62300
A2s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
51200
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
49100
A2s
(di/dt)
cr
T
VJ = TVJM
repetitive, I
T = 500 A
150
A/µs
f = 50Hz, t
P = 200µs
V
D =
2/
3 VDRM
I
G = 0.5 A
non repetitive, I
T = 500 A
500
A/µs
di
G/dt = 0.5 A/µs
(dv/dt)
cr
T
VJ = TVJM;VDR =
2/
3 VDRM
1000
V/µs
R
GK =
¥; method 1 (linear voltage rise)
P
GM
T
VJ = TVJM
t
P =
30 µs
120
W
I
T = ITAVM
t
P = 500 µs
60
W
P
GAV
8W
V
RGM
10
V
T
VJ
-40...+125
°C
T
VJM
125
°C
T
stg
-40...+125
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
3000
V~
I
ISOL
£ 1 mA
t = 1 s
3600
V~
M
d
Mounting torque (M6)
2.25-2.75/20-25 Nm/lb.in.
Terminal connection torque (M6)
4.5-5.5/40-48 Nm/lb.in.
Weight
Typical including screws
125
g
MCC 122
Thyristor Module
Preliminary data
36 7 1
5 4 2
Dimensions in mm (1 mm = 0.0394")
1
2
3
6 7
5
4
Features
• International standard package
• Direct copper bonded Al
2O3-ceramic
base plate
• Planar passivated chips
• Isolation voltage 3600 V~
• UL registered, E 72873
• Keyed gate/cathode twin pins
Applications
• Motor control
• Power converter
• Heat and temperature control for industrial
furnaces and chemical processes
• Lighting control
• Contactless switches
Advantages
• Space and weight savings
• Simple mounting
• Improved temperature and power cycling
• Reduced protection circuits


Similar Part No. - MCC122-14IO1

ManufacturerPart #DatasheetDescription
logo
MAKO SEMICONDUCTOR CO.,...
MCC1045UL MAKOSEMI-MCC1045UL Datasheet
499Kb / 4P
   High current capability, low forward voltage
MCC1045UL MAKOSEMI-MCC1045UL Datasheet
499Kb / 4P
   High current capability, low forward voltage
logo
IXYS Corporation
MCC132 IXYS-MCC132 Datasheet
172Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC132-08IO1 IXYS-MCC132-08IO1 Datasheet
172Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC132-08IO1 IXYS-MCC132-08IO1 Datasheet
212Kb / 6P
   Thyristor Module
More results

Similar Description - MCC122-14IO1

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMTT-500I SEMPO-SMTT-500I Datasheet
353Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-300 SEMPO-SMTT-300 Datasheet
46Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-250H SEMPO-SMTT-250H Datasheet
105Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-90I SEMPO-SMTT-90I Datasheet
51Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-90H SEMPO-SMTT-90H Datasheet
43Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-70I SEMPO-SMTT-70I Datasheet
51Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-50I SEMPO-SMTT-50I Datasheet
51Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTD-800I SEMPO-SMTD-800I Datasheet
81Kb / 1P
   THYRISTOR-THYRISTOR MODULE
logo
Naina Semiconductor ltd...
160NTT NAINA-160NTT Datasheet
117Kb / 2P
   Thyristor - Thyristor Module
70NTT NAINA-70NTT Datasheet
125Kb / 2P
   Thyristor - Thyristor Module
logo
SEMPO ELECTRONIC Limite...
SMTT-160I SEMPO-SMTT-160I Datasheet
61Kb / 1P
   THYRISTOR-THYRISTOR MODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com