Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9717CETA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9717CETA
Description  Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9717CETA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9717CETA Datasheet HTML 1Page - Maxim Integrated Products MAX9717CETA Datasheet HTML 2Page - Maxim Integrated Products MAX9717CETA Datasheet HTML 3Page - Maxim Integrated Products MAX9717CETA Datasheet HTML 4Page - Maxim Integrated Products MAX9717CETA Datasheet HTML 5Page - Maxim Integrated Products MAX9717CETA Datasheet HTML 6Page - Maxim Integrated Products MAX9717CETA Datasheet HTML 7Page - Maxim Integrated Products MAX9717CETA Datasheet HTML 8Page - Maxim Integrated Products MAX9717CETA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
General Description
The MAX9716/MAX9717 audio power amplifiers are ideal
for portable audio devices with internal speakers. A
bridge-tied load (BTL) architecture minimizes external
component count, while providing high-quality audio
reproduction. Both devices deliver 1.4W continuous
power into a 4
Ω load with less than 1% Total Harmonic
Distortion (THD) while operating from a single +5V sup-
ply. With an 8
Ω load, both devices deliver 1W continuous
power. These devices also deliver 350mW continuous
power into an 8
Ω load while operating from a single
+3.0V supply. The devices are available as adjustable
gain amplifiers (MAX9716/MAX9717A) or with internally
fixed gains of 6dB, 9dB, and 12dB (MAX9717B/
MAX9717C/MAX9717D), reducing component count.
A low-power shutdown mode disables the bias generator
and amplifiers, reducing quiescent current consumption
to less than 10nA. These devices feature Maxim’s
industry-leading, comprehensive click-and-pop sup-
pression that reduces audible clicks and pops during
startup and shutdown.
The MAX9717 features a headphone sense input (BTL/SE)
that senses when a headphone is connected to the
device, disables the BTL slave driver, muting the speaker
while driving the headphone as a single-ended load.
The MAX9716 is pin compatible with the LM4890 and is
available in 9-bump UCSP™, 8-pin TDFN (3mm x
3mm), and 8-pin µMAX packages. The MAX9717 is
available in 9-bump UCSP, 8-pin TDFN, and 8-pin
µMAX packages. Both devices operate over the -40°C
to +85°C extended temperature range.
Applications
Mobile Phones
PDAs
Portable Devices
Features
♦ 2.7V to 5.5V Single-Supply Operation
♦ 1.4W into 4Ω at 1% THD+N
♦ 10nA Low-Power Shutdown Mode
♦ 73dB PSRR at 1kHz
♦ No Audible Clicks or Pops at Power-Up/Down
♦ Internal Fixed Gain to Reduce Component Count
(MAX9717B/C/D)
♦ Adjustable Gain Option (MAX9716/MAX9717A)
♦ BTL /SE Input Senses when Headphones are
Connected (MAX9717)
♦ Pin Compatible with LM4890 (MAX9716)
♦ Pin Compatible with TPA711 (MAX9717A)
♦ Available in Compact, Thermally Enhanced µMAX
and TDFN (3mm x 3mm) Packages
Low-Cost, Mono, 1.4W BTL Audio Power
Amplifiers
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
VCC
BTL/SE
BIAS
IN-
MAX9717B/C/D
SINGLE SUPPLY
2.7V TO 5.5V
BIAS
IN-
MAX9716
SINGLE SUPPLY
2.7V TO 5.5V
Simplified Block Diagrams
19-3146; Rev 0; 1/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Pin Configurations and Selector Guide appear at end of data
sheet.
UCSP is a trademark of Maxim Integrated Products, Inc.
*Future product—contact factory for availability.
**EP = Exposed paddle.
PART
TEMP RANGE
PIN-
PACKAGE
GAIN
(dB)
MAX9716ETA
-40°C to +85°C
8 TDFN-EP**
Adj.
MAX9716EBL-T*
-40°C to +85°C
3 x 3 UCSP
Adj.
MAX9716EUA
-40°C to +85°C
8 µMAX-EP**
Adj.
Ordering Information continued at end of data sheet.


Similar Part No. - MAX9717CETA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9717C MAXIM-MAX9717C Datasheet
362Kb / 5P
   Surface-Mount Construction
Rev 2; 10/20
More results

Similar Description - MAX9717CETA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9716 MAXIM-MAX9716_09 Datasheet
405Kb / 21P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 2; 3/09
MAX9716 MAXIM-MAX9716_12 Datasheet
450Kb / 21P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 3; 3/12
MAX9718 MAXIM-MAX9718_10 Datasheet
1Mb / 26P
   Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 7; 4/10
MAX9718 MAXIM-MAX9718 Datasheet
569Kb / 23P
   Low-Cost, Mono/Stereo,1.4W Differential Audio Power Amplifiers
Rev 0; 10/03
MAX9718 MAXIM-MAX9718_09 Datasheet
603Kb / 26P
   Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 6; 3/09
MAX9710 MAXIM-MAX9710_08 Datasheet
303Kb / 13P
   3W Mono/Stereo BTL Audio Power Amplifiers with Shutdown
19-2841; Rev 1; 6/08
MAX9710 MAXIM-MAX9710 Datasheet
606Kb / 15P
   3W Mono/Stereo BTL Audio Power Amplifiers with Shutdown
Rev 0; 4/03
logo
Analog Devices
AD74111YRUZ AD-AD74111YRUZ Datasheet
350Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111_17 Datasheet
282Kb / 21P
   Low Cost, Low Power Mono Audio Codec
AD74111YRUZ AD-AD74111YRUZ Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com