Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC17510EJ Datasheet(PDF) 4 Page - Motorola, Inc

Part # MPC17510EJ
Description  1.2 A 15 V H-Bridge Motor Driver IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC17510EJ Datasheet(HTML) 4 Page - Motorola, Inc

  MPC17510EJ Datasheet HTML 1Page - Motorola, Inc MPC17510EJ Datasheet HTML 2Page - Motorola, Inc MPC17510EJ Datasheet HTML 3Page - Motorola, Inc MPC17510EJ Datasheet HTML 4Page - Motorola, Inc MPC17510EJ Datasheet HTML 5Page - Motorola, Inc MPC17510EJ Datasheet HTML 6Page - Motorola, Inc MPC17510EJ Datasheet HTML 7Page - Motorola, Inc MPC17510EJ Datasheet HTML 8Page - Motorola, Inc MPC17510EJ Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
17510
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
4
MAXIMUM RATINGS
All voltages are with respect to ground unless otherwise noted. Exceeding the ratings may cause a malfunction or permanent
damage to the device.
Rating
Symbol
Value
Unit
Motor Supply Voltage
VM
-0.5 to 16
V
Charge Pump Output Voltage (Note 1)
VC
RES
-0.5 to 13
V
Logic Supply Voltage
VDD
-0.5 to 6.0
V
Signal Input Voltage (EN, IN1, IN2, GIN)
VIN
-0.5 to VDD+0.5
V
Driver Output Current
Continuous
Peak (Note 2)
IO
IOPK
1.2
3.8
A
ESD Voltage
Human Body Model (Note 3)
Machine Model (Note 4)
VESD1
VESD2
±1900
±130
V
Storage Temperature
TSTG
-65 to 150
°C
Operating Junction Temperature
TJ
-30 to 150
°C
Operating Ambient Temperature
TA
-30 to 65
°C
Power Dissipation (Note 5)
PD
1.0
W
Thermal Resistance
RθJA
120
°C/W
Soldering Temperature (Note 6)
TSOLDER
260
°C
Notes
1.
When supplied externally, connect via 3.0 k
Ω resistor.
2.
TA = 25°C, 10 ms pulse at 200 ms interval.
3.
ESD1 testing is performed in accordance with the Human Body Model (CZAP = 100 pF, RZAP = 1500 Ω).
4.
ESD2 testing is performed in accordance with the Machine Model (CZAP = 200 pF, RZAP = 0 Ω).
5.
TA = 25°C, RθJA = 120°C/W, 37 mm x 50 mm Cu area (1.6 mm FR-4 PCB).
6.
Soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may cause
malfunction or permanent damage to the device.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MPC17510EJ

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC17510EJ/R2 FREESCALE-MPC17510EJ/R2 Datasheet
407Kb / 14P
   1.2 A 15 V H-Bridge Motor Driver IC
MPC17510EJ/R2 FREESCALE-MPC17510EJ/R2 Datasheet
407Kb / 14P
   1.2 A 15 V H-Bridge Motor Driver IC
More results

Similar Description - MPC17510EJ

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC17510 FREESCALE-MPC17510 Datasheet
407Kb / 14P
   1.2 A 15 V H-Bridge Motor Driver IC
17510 FREESCALE-17510 Datasheet
407Kb / 14P
   1.2 A 15 V H-Bridge Motor Driver IC
logo
Renesas Technology Corp
HD74LV2GT04A RENESAS-HD74LV2GT04A Datasheet
83Kb / 8P
   1.0 A 6.8 V H-Bridge Motor Driver IC
logo
Freescale Semiconductor...
17511A FREESCALE-17511A Datasheet
222Kb / 16P
   1.0 A 6.8 V H-Bridge Motor Driver IC
MPC17511A FREESCALE-MPC17511A Datasheet
852Kb / 17P
   1.0 A 6.8 V H-Bridge Motor Driver IC
logo
Renesas Technology Corp
HD74HC670 RENESAS-HD74HC670 Datasheet
106Kb / 9P
   1.0 A 6.8 V H-Bridge Motor Driver IC
logo
Texas Instruments
DRV8829 TI1-DRV8829 Datasheet
712Kb / 17P
[Old version datasheet]   H-BRIDGE MOTOR DRIVER IC
logo
Freescale Semiconductor...
MPC17C724 FREESCALE-MPC17C724 Datasheet
839Kb / 13P
   0.4 A Dual H-Bridge Motor Driver IC
MPC17C724EPR2 FREESCALE-MPC17C724EPR2 Datasheet
842Kb / 13P
   0.4 A Dual H-Bridge Motor Driver IC
logo
HuaXinAn Electronics CO...
AP1016AEN HUAXINAN-AP1016AEN Datasheet
547Kb / 16P
   Dual H-Bridge Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com