Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9718DETB Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9718DETB
Description  Low-Cost, Mono/Stereo,1.4W Differential Audio Power Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9718DETB Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9718DETB Datasheet HTML 1Page - Maxim Integrated Products MAX9718DETB Datasheet HTML 2Page - Maxim Integrated Products MAX9718DETB Datasheet HTML 3Page - Maxim Integrated Products MAX9718DETB Datasheet HTML 4Page - Maxim Integrated Products MAX9718DETB Datasheet HTML 5Page - Maxim Integrated Products MAX9718DETB Datasheet HTML 6Page - Maxim Integrated Products MAX9718DETB Datasheet HTML 7Page - Maxim Integrated Products MAX9718DETB Datasheet HTML 8Page - Maxim Integrated Products MAX9718DETB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Low-Cost, Mono/Stereo,
1.4W Differential Audio Power Amplifiers
_______________________________________________________________________________________
5
TOTAL HARMONIC DISTORTION + NOISE
vs. FREQUENCY
FREQUENCY (Hz)
100
1k
10k
0.001
0.01
0.1
1
10
0.0001
10
100k
VCC = 5V
RL = 8
AV = 4
OUTPUT POWER = 200mW
OUTPUT POWER = 800mW
TOTAL HARMONIC DISTORTION + NOISE
vs. FREQUENCY
FREQUENCY (Hz)
100
1k
10k
0.001
0.01
0.1
1
10
0.0001
10
100k
VCC = 3V
RL = 4
AV = 2
OUTPUT POWER = 250mW
OUTPUT POWER = 50mW
TOTAL HARMONIC DISTORTION + NOISE
vs. FREQUENCY
FREQUENCY (Hz)
100
1k
10k
0.001
0.01
0.1
1
10
0.0001
10
100k
VCC = 3V
RL = 4
AV = 4
OUTPUT POWER = 70mW
OUTPUT POWER = 175mW
TOTAL HARMONIC DISTORTION + NOISE
vs. FREQUENCY
FREQUENCY (Hz)
100
1k
10k
0.001
0.01
0.1
1
10
0.0001
10
100k
VCC = 3V
RL = 8
AV = 2
OUTPUT POWER = 250mW
OUTPUT POWER = 100mW
TOTAL HARMONIC DISTORTION + NOISE
vs. FREQUENCY
FREQUENCY (Hz)
100
1k
10k
0.001
0.01
0.1
1
10
0.0001
10
100k
VCC = 3V
RL = 8
AV = 4
OUTPUT POWER = 200mW
OUTPUT POWER = 50mW
TOTAL HARMONIC DISTORTION + NOISE
vs. OUTPUT POWER
OUTPUT POWER (W)
0.2 0.4 0.6 0.8
1.2 1.4
1.0
1.8
0.01
0.1
1
10
100
0.001
0
2.0
fIN = 1kHz
fIN = 100Hz
fIN = 10kHz
1.6
VCC = 5V
RL = 4
AV = 2
TOTAL HARMONIC DISTORTION + NOISE
vs. OUTPUT POWER
OUTPUT POWER (W)
0.5
1.5
1.0
0.01
0.1
1
10
100
0.001
0
2.0
fIN = 1kHz
fIN = 100Hz
fIN = 10kHz
VCC = 5V
RL = 4
AV = 4
TOTAL HARMONIC DISTORTION + NOISE
vs. OUTPUT POWER
OUTPUT POWER (W)
0.2
0.6
0.8
1.0
1.2
0.4
0.01
0.1
1
10
100
0.001
0
1.4
fIN = 1kHz
fIN = 100Hz
fIN = 10kHz
VCC = 5V
RL = 8
AV = 2
TOTAL HARMONIC DISTORTION + NOISE
vs. OUTPUT POWER
OUTPUT POWER (W)
0.2
0.6
0.8
1.0
1.2
0.4
0.01
0.1
1
10
100
0.001
0
1.4
fIN = 100Hz
fIN = 1kHz
fIN = 10kHz
VCC = 5V
RL = 8
AV = 4
Typical Operating Characteristics (continued)
(VCC = 5V, CBIAS = 0.1µF, THD+N measurement bandwidth = 22Hz to 22kHz, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX9718DETB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9718DETB+T MAXIM-MAX9718DETB+T Datasheet
1Mb / 26P
   Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 7; 4/10
More results

Similar Description - MAX9718DETB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9718 MAXIM-MAX9718_10 Datasheet
1Mb / 26P
   Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 7; 4/10
MAX9718 MAXIM-MAX9718_09 Datasheet
603Kb / 26P
   Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 6; 3/09
MAX9716 MAXIM-MAX9716_09 Datasheet
405Kb / 21P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 2; 3/09
MAX9716 MAXIM-MAX9716 Datasheet
333Kb / 19P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 0; 1/04
MAX9716 MAXIM-MAX9716_12 Datasheet
450Kb / 21P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 3; 3/12
logo
Analog Devices
AD74111YRUZ AD-AD74111YRUZ Datasheet
350Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111_17 Datasheet
282Kb / 21P
   Low Cost, Low Power Mono Audio Codec
AD74111YRUZ AD-AD74111YRUZ Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111 Datasheet
344Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111YRUZ-REEL AD-AD74111YRUZ-REEL Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com