Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRFG35005NT1 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MRFG35005NT1
Description  Gallium Arsenide PHEMT RF Power Field Effect Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRFG35005NT1 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MRFG35005NT1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRFG35005NT1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRFG35005NT1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRFG35005NT1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRFG35005NT1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRFG35005NT1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRFG35005NT1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRFG35005NT1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRFG35005NT1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MRFG35005NT1 MRFG35005MT1
3
RF Device Data
Freescale Semiconductor
Z11
0.400″ x 0.081″ Microstrip
Z12
0.120″ x 0.408″ Microstrip
Z13
0.259″ x 0.058″ Microstrip
Z14
0.269″ x 0.348″ Microstrip
Z16
0.149″ x 0.062″ Microstrip
Z17
0.553″ x 0.044″ Microstrip
PCB
Rogers 4350, 20 mil, εr = 3.5
Figure 1. 3.5 GHz Test Circuit Schematic
Z1, Z18
0.125″ x 0.044″ Microstrip
Z2
0.435″ x 0.044″ Microstrip
Z3
0.298″ x 0.254″ Microstrip
Z4
0.336″ x 0.590″ Microstrip
Z5, Z15
0.527″ x 0.015″ Microstrip
Z6, Z8, Z10
0.050″ x 0.025″ Microstrip
Z7, Z9
0.125″ x 0.025″ Microstrip
C11
RF
INPUT
RF
OUTPUT
R1
C10
C9
C8
C7
C6
C5
C16
C17
C18
C19
C20
C21
C22
C3 C4
C14 C15
Z5
Z15
C2
C12
C23
C25
C27
C29
C1
C24
Z1
Z2
Z3
Z4
Z10 Z11
Z12 Z13 Z14
Z16
Z17
Z18
VDD
VGS
C13
C26
Z9
Z8
Z6 Z7
C28
Table 5. 3.5 GHz Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
C1, C24
7.5 pF Chip Capacitors
100A7R5JP150X
ATC
C2
0.4 pF Chip Capacitor (0805)
08051J0R4BBT
AVX
C3, C4, C14, C15
3.9 pF Chip Capacitors (0805)
08051J3R9BBT
AVX
C5, C16
10 pF Chip Capacitors
100A100JP500X
ATC
C6, C17
100 pF Chip Capacitors
100A101JP500X
ATC
C7, C18
100 pF Chip Capacitors
100B101JP500X
ATC
C8, C19
1000 pF Chip Capacitors
100B102JP500X
ATC
C9, C20
3.9 µF Chip Capacitors
ATC
C10, C21
0.1 µF Chip Capacitors
ATC
C11, C22
22 µF, 35 V Tantalum Surface Mount Capacitors
Newark
C12, C28
0.1 pF Chip Capacitors (0805)
08051J0R1BBT
AVX
C13, C26, C27
0.3 pF Chip Capacitors (0805)
08051J0R3BBT
AVX
C23
1.0 pF Chip Capacitor (0805)
08051J1R0BBT
AVX
C25
1.2 pF Chip Capacitor (0805)
08051J1R2BBT
AVX
C29
0.9 pF Chip Capacitor (0805)
08051J0R9BBT
AVX
R1
100 W Chip Resistor
Newark


Similar Part No. - MRFG35005NT1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRFG35005ANT1 FREESCALE-MRFG35005ANT1 Datasheet
452Kb / 13P
   Gallium Arsenide PHEMT RF Power Field Effect Transistor
MRFG35005MT1 FREESCALE-MRFG35005MT1 Datasheet
132Kb / 12P
   Gallium Arsenide PHEMT RF Power Field Effect Transistor
MRFG35005MT1 FREESCALE-MRFG35005MT1_06 Datasheet
132Kb / 12P
   Gallium Arsenide PHEMT RF Power Field Effect Transistor
More results

Similar Description - MRFG35005NT1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRFG35010MT1 FREESCALE-MRFG35010MT1 Datasheet
516Kb / 12P
   Gallium Arsenide PHEMT RF Power Field Effect Transistor
logo
NXP Semiconductors
MRFG35010A NXP-MRFG35010A Datasheet
490Kb / 18P
   Gallium Arsenide PHEMT RF Power Field Effect Transistor
Rev. 2, 12/2008
logo
Freescale Semiconductor...
MRFG35005ANT1 FREESCALE-MRFG35005ANT1 Datasheet
452Kb / 13P
   Gallium Arsenide PHEMT RF Power Field Effect Transistor
MRFG35003N6AT1 FREESCALE-MRFG35003N6AT1 Datasheet
221Kb / 11P
   Gallium Arsenide PHEMT RF Power Field Effect Transistor
logo
NXP Semiconductors
MRFG35010AN NXP-MRFG35010AN Datasheet
1Mb / 25P
   Gallium Arsenide pHEMT RF Power Field Effect Transistor
Rev. 4, 8/2013
logo
Freescale Semiconductor...
MRFG35003M6T1 FREESCALE-MRFG35003M6T1_06 Datasheet
132Kb / 12P
   Gallium Arsenide PHEMT RF Power Field Effect Transistor
MRFG35003ANT1 FREESCALE-MRFG35003ANT1 Datasheet
473Kb / 18P
   Gallium Arsenide PHEMT RF Power Field Effect Transistor
MRFG35005MT1 FREESCALE-MRFG35005MT1_06 Datasheet
132Kb / 12P
   Gallium Arsenide PHEMT RF Power Field Effect Transistor
MRFG35002N6AT1 FREESCALE-MRFG35002N6AT1 Datasheet
187Kb / 11P
   Gallium Arsenide PHEMT RF Power Field Effect Transistor
MRFG35010NT1 FREESCALE-MRFG35010NT1 Datasheet
173Kb / 10P
   Gallium Arsenide PHEMT RF Power Field Effect Transistor
MRFG35010R1 FREESCALE-MRFG35010R1 Datasheet
373Kb / 11P
   Gallium Arsenide PHEMT RF Power Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com