Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9719AEAE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX9719AEAE
Description  Low-Cost, Mono/Stereo,1.4W Differential Audio Power Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9719AEAE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX9719AEAE Datasheet HTML 5Page - Maxim Integrated Products MAX9719AEAE Datasheet HTML 6Page - Maxim Integrated Products MAX9719AEAE Datasheet HTML 7Page - Maxim Integrated Products MAX9719AEAE Datasheet HTML 8Page - Maxim Integrated Products MAX9719AEAE Datasheet HTML 9Page - Maxim Integrated Products MAX9719AEAE Datasheet HTML 10Page - Maxim Integrated Products MAX9719AEAE Datasheet HTML 11Page - Maxim Integrated Products MAX9719AEAE Datasheet HTML 12Page - Maxim Integrated Products MAX9719AEAE Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Low-Cost, Mono/Stereo,
1.4W Differential Audio Power Amplifiers
_______________________________________________________________________________________
9
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
1
2
3
4
5
6
0
-40
85
VCC = 5V
VCC = 3V
SHUTDOWN CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
-0.02
-0.01
0
0.01
0.02
0.03
-0.03
-40
85
VCC = 5V
VCC = 3V
TURN-ON TIME
vs. DC BIAS BYPASS CAPACITOR
CBIAS (
µF)
0.80
0.60
0.20
0.40
10
20
30
40
50
60
70
80
0
0
1.00
VCC = 5V
VCC = 3V
TO -3dB OF FINAL VALUE
Typical Operating Characteristics (continued)
(VCC = 5V, CBIAS = 0.1µF, THD+N measurement bandwidth = 22Hz to 22kHz, TA = +25°C, unless otherwise noted.)
Pin Description
PIN
MAX9718
MAX9719
TDFN/
µMAX
UCSP
TQFN
UCSP
TSSOP
NAME
FUNCTION
1C2
——
SHDN
Shutdown Input. The polarity of SHDN is dependent on the state
of SHDM.
——
9B3
11
SHDN
Shutdown Input. Active-low shutdown input.
2C1
——
IN-
Inverting Input
3B2
——
SHDM
Shutdown-Mode Polarity Input. SHDM controls the polarity of
SHDN. Connect SHDM high for an active-high SHDN input.
Connect SHDM low for an active-low SHDN input (see Table 1).
4A1
——
IN+
Noninverting Input
5
A2
5
B2
7
BIAS
DC Bias Bypass
6A3
——
OUT-
Bridge Amplifier Negative Output
7
B3
1, 6, 11
A2,
C2, C4
3, 8,13
GND
Ground
8
13
15
N.C.
No Connection. Not internally connected.
9
B1
8, 14
A4, D3
16, 10
VCC
Power Supply
10
C3
——
OUT+
Bridge Amplifier Positive Output
——
2
C1
4
INR+
Right-Channel Noninverting Input
——
3
B1
5
INL-
Left-Channel Inverting Input
——
4
A1
6
INL+
Left-Channel Noninverting Input
——
7
A3
9
OUTL+
Left-Channel Bridge Amplifier Positive Output
——
10
B4
12
OUTL-
Left-Channel Bridge Amplifier Negative Output


Similar Part No. - MAX9719AEAE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9719AEBE+T MAXIM-MAX9719AEBE+T Datasheet
1Mb / 26P
   Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 7; 4/10
MAX9719AETE++ MAXIM-MAX9719AETE+ Datasheet
1Mb / 26P
   Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 7; 4/10
MAX9719AEUE++ MAXIM-MAX9719AEUE+ Datasheet
1Mb / 26P
   Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 7; 4/10
More results

Similar Description - MAX9719AEAE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9718 MAXIM-MAX9718_10 Datasheet
1Mb / 26P
   Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 7; 4/10
MAX9718 MAXIM-MAX9718_09 Datasheet
603Kb / 26P
   Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 6; 3/09
MAX9716 MAXIM-MAX9716_09 Datasheet
405Kb / 21P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 2; 3/09
MAX9716 MAXIM-MAX9716 Datasheet
333Kb / 19P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 0; 1/04
MAX9716 MAXIM-MAX9716_12 Datasheet
450Kb / 21P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 3; 3/12
logo
Analog Devices
AD74111YRUZ AD-AD74111YRUZ Datasheet
350Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111_17 Datasheet
282Kb / 21P
   Low Cost, Low Power Mono Audio Codec
AD74111YRUZ AD-AD74111YRUZ Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111 Datasheet
344Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111YRUZ-REEL AD-AD74111YRUZ-REEL Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com