Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUBW10-06A7 Datasheet(PDF) 6 Page - IXYS Corporation

Part # MUBW10-06A7
Description  Converter - Brake - Inverter Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MUBW10-06A7 Datasheet(HTML) 6 Page - IXYS Corporation

  MUBW10-06A7 Datasheet HTML 1Page - IXYS Corporation MUBW10-06A7 Datasheet HTML 2Page - IXYS Corporation MUBW10-06A7 Datasheet HTML 3Page - IXYS Corporation MUBW10-06A7 Datasheet HTML 4Page - IXYS Corporation MUBW10-06A7 Datasheet HTML 5Page - IXYS Corporation MUBW10-06A7 Datasheet HTML 6Page - IXYS Corporation MUBW10-06A7 Datasheet HTML 7Page - IXYS Corporation MUBW10-06A7 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
© 2001 IXYS All rights reserved
6 - 8
0
200
400
600
800
1000
0
10
20
30
40

!
$
'
 
01
23
45
6
0
5
10
15
20
25
30
0
102030405060
0
5
10
15
20
01
234
56
0
5
10
15
20
25
30
T
J = 25°C
T
J = 125°C
V
CE = 300V
I
C
= 10A
V
CE
V
I
C
V
CE
A
I
C
V
nC
Q
G
-di/dt
V
V
GE
I
RM
t
rr
ns
A/
µs
MUBW1006A7
T
J = 125°C
V
R = 300V
I
F = 10A
I
RM
t
rr
9V
11V
V
GE= 17V
15V
13V
A
9V
11V
V
GE= 17V
15V
13V
A
4
6
8
10
12
14
0
5
10
15
20
V
CE = 20V
V
V
GE
A
I
C
T
J = 25°C
T
J = 125°C
0
123
0
5
10
15
20
V
V
F
I
F
T
J = 25°C
T
J = 125°C
A
Fig. 7 Typ. output characteristics
Fig. 8 Typ. output characteristics
Fig. 9 Typ. transfer characteristics
Fig. 10 Typ. forward characteristics of
free wheeling diode
Fig. 11 Typ. turn on gate charge
Fig. 12 Typ. turn off characteristics of
free wheeling diode
Output Inverter T1 - T6 / D1 - D6
MUBW 10-06 A7


Similar Part No. - MUBW10-06A7

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MUBW10-06A6 IXYS-MUBW10-06A6 Datasheet
218Kb / 8P
   Converter - Brake - Inverter Module (CBI1)
MUBW10-06A6K IXYS-MUBW10-06A6K Datasheet
254Kb / 5P
   Converter - Brake - Inverter Module NPT IGBT Preliminary data
More results

Similar Description - MUBW10-06A7

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSIPM10006 POWERSEM-PSIPM10006 Datasheet
732Kb / 4P
   Converter - Brake - Inverter Module
PSIPM50-06 POWERSEM-PSIPM50-06 Datasheet
735Kb / 4P
   Converter - Brake - Inverter Module
PSIPM30-06 POWERSEM-PSIPM30-06 Datasheet
729Kb / 4P
   Converter - Brake - Inverter Module
logo
IXYS Corporation
MUBW25-06A6 IXYS-MUBW25-06A6 Datasheet
213Kb / 8P
   Converter - Brake - Inverter Module
MUBW35-06A6K IXYS-MUBW35-06A6K Datasheet
124Kb / 4P
   Converter - Brake - Inverter Module
MUBW30-12A6 IXYS-MUBW30-12A6 Datasheet
290Kb / 8P
   Converter - Brake - Inverter Module
logo
Powersem GmbH
PSIPM35-12 POWERSEM-PSIPM35-12 Datasheet
727Kb / 4P
   Converter - Brake - Inverter Module
logo
IXYS Corporation
MUBW50-12E8 IXYS-MUBW50-12E8 Datasheet
91Kb / 4P
   Converter - Brake - Inverter Module
MUBW100-06A8 IXYS-MUBW100-06A8 Datasheet
98Kb / 4P
   Converter - Brake - Inverter Module
MUBW25-12A7 IXYS-MUBW25-12A7 Datasheet
192Kb / 8P
   Converter - Brake - Inverter Module
MUBW35-12E7 IXYS-MUBW35-12E7 Datasheet
72Kb / 4P
   Converter - Brake - Inverter Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com