Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9719CEAE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX9719CEAE
Description  Low-Cost, Mono/Stereo,1.4W Differential Audio Power Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9719CEAE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX9719CEAE Datasheet HTML 7Page - Maxim Integrated Products MAX9719CEAE Datasheet HTML 8Page - Maxim Integrated Products MAX9719CEAE Datasheet HTML 9Page - Maxim Integrated Products MAX9719CEAE Datasheet HTML 10Page - Maxim Integrated Products MAX9719CEAE Datasheet HTML 11Page - Maxim Integrated Products MAX9719CEAE Datasheet HTML 12Page - Maxim Integrated Products MAX9719CEAE Datasheet HTML 13Page - Maxim Integrated Products MAX9719CEAE Datasheet HTML 14Page - Maxim Integrated Products MAX9719CEAE Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
single-ended amplifiers. These capacitors can be
large, expensive, consume board space, and degrade
low-frequency performance.
Power Dissipation and Heat Sinking
Under normal operating conditions, the MAX9718/
MAX9719 dissipate a significant amount of power. The
maximum power dissipation for each package is given
in the Absolute Maximum Ratings section under
Continuous Power Dissipation or can be calculated by
the following equation:
where TJ(MAX) is +150°C, TA is the ambient tempera-
ture, and
θJA is the reciprocal of the derating factor in
°C/W as specified in the Absolute Maximum Ratings
section. For example,
θJA of the TQFN package is
+59.2°C/W.
The increase in power delivered by the BTL configura-
tion directly results in an increase in internal power dis-
sipation over the single-ended configuration. The
maximum internal power dissipation for a given VCC
and load is given by the following equation:
If the internal power dissipation for a given application
exceeds the maximum allowed for a given package,
reduce power dissipation by increasing the ground
plane heat-sinking capability and the size of the traces
to the device (see the Layout and Grounding section).
Other methods for reducing power dissipation are to
reduce VCC, increase load impedance, decrease ambi-
ent temperature, reduce gain, or reduce input signal.
Thermal-overload protection limits total power dissipa-
tion in the MAX9718/MAX9719. When the junction tem-
perature exceeds +160°C, the thermal protection
circuitry disables the amplifier output stage. The ampli-
fiers are enabled once the junction temperature cools
by 15°C. A pulsing output under continuous thermal
overload results as the device heats and cools.
For optimum power dissipation and heat sinking, con-
nect the exposed pad found on the µMAX, TDFN,
TQFN, and TSSOP packages to a large ground plane.
Fixed Differential Gain
The MAX9718B, MAX9718C, MAX9718D, MAX9719B,
MAX9719C, and MAX9719D feature internally fixed
gains (see the Selector Guide). This simplifies design,
decreases required footprint size, and eliminates exter-
nal gain-setting resistors. Resistors R1 and R2 shown in
the Typical Operating Circuit are used to achieve each
fixed gain.
Adjustable Differential Gain
Gain-Setting Resistors
External feedback resistors set the gain of the
MAX9718A and MAX9719A. Resistors RF and RIN
(Figure 2) set the gain of the amplifier as follows:
where AV is the desired voltage gain. Hence, an RIN of
10k
Ω and an RF of 20kΩ yields a gain of 2V/V, or 6dB.
RF can be either fixed or variable, allowing the use of a
digitally controlled potentiometer to alter the gain under
software control.
A
R
R
V
F
IN
=
P
V
R
DISSPKG MAX
CC
L
() =
2
2
2
π
P
TT
DISSPKG MAX
J MAX
A
JA
()
()
=
θ
Low-Cost, Mono/Stereo,
1.4W Differential Audio Power Amplifiers
______________________________________________________________________________________
11
+1
VOUT(P-P)
2 x VOUT(P-P)
VOUT(P-P)
-1
Figure 1. Bridge-Tied Load Configuration
RF
RF
MAX9718A
MAX9719A
BIAS
GENERATOR
INVERTING
DIFFERENTIAL
INPUT
NONINVERTING
DIFFERENTIAL
INPUT (OPTIONAL)
(OPTIONAL)
IN+
IN-
OUT+
OUT-
RIN
RIN
Figure 2. Setting the MAX9718A/MAX9719A Gain


Similar Part No. - MAX9719CEAE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9719CEBE+TG45 MAXIM-MAX9719CEBE+TG45 Datasheet
1Mb / 26P
   Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 7; 4/10
MAX9719CETE++ MAXIM-MAX9719CETE+ Datasheet
1Mb / 26P
   Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 7; 4/10
MAX9719CEUE++ MAXIM-MAX9719CEUE+ Datasheet
1Mb / 26P
   Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 7; 4/10
More results

Similar Description - MAX9719CEAE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9718 MAXIM-MAX9718_10 Datasheet
1Mb / 26P
   Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 7; 4/10
MAX9718 MAXIM-MAX9718_09 Datasheet
603Kb / 26P
   Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 6; 3/09
MAX9716 MAXIM-MAX9716_09 Datasheet
405Kb / 21P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 2; 3/09
MAX9716 MAXIM-MAX9716 Datasheet
333Kb / 19P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 0; 1/04
MAX9716 MAXIM-MAX9716_12 Datasheet
450Kb / 21P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 3; 3/12
logo
Analog Devices
AD74111YRUZ AD-AD74111YRUZ Datasheet
350Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111_17 Datasheet
282Kb / 21P
   Low Cost, Low Power Mono Audio Codec
AD74111YRUZ AD-AD74111YRUZ Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111 Datasheet
344Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111YRUZ-REEL AD-AD74111YRUZ-REEL Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com