Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MXL1544 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MXL1544
Description  5V Multiprotocol, Software-Selectable Control Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MXL1544 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MXL1544 Datasheet HTML 5Page - Maxim Integrated Products MXL1544 Datasheet HTML 6Page - Maxim Integrated Products MXL1544 Datasheet HTML 7Page - Maxim Integrated Products MXL1544 Datasheet HTML 8Page - Maxim Integrated Products MXL1544 Datasheet HTML 9Page - Maxim Integrated Products MXL1544 Datasheet HTML 10Page - Maxim Integrated Products MXL1544 Datasheet HTML 11Page - Maxim Integrated Products MXL1544 Datasheet HTML 12Page - Maxim Integrated Products MXL1544 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
+5V Multiprotocol, Software-Selectable
Control Transceivers
_______________________________________________________________________________________
9
Detailed Description
The MXL1544/MAX3175 are four-driver/four-receiver
multiprotocol transceivers that operate from a single
+5V supply and the charge pump from the MXL1543.
The MXL1544/MAX3175, along with the MXL1543 and
MXL1344A, form a complete software-selectable DTE
or DCE interface port that supports the V.28 (RS-232),
V.10/V.11 (RS-449, V.36, EIA-530, EIA-530A, X.21, RS-
423), and V.35 protocols. The MXL1544 or MAX3175
usually carries the control signals. The MXL1543 car-
ries the high-speed clock and data signals, and the
MXL1344A provides termination for the clock and data
signals.
The MXL1544/MAX3175 feature a 0.5µA no-cable
mode, true fail-safe operation, and thermal shutdown
circuitry. Thermal shutdown protects the drivers against
excessive power dissipation. When activated, the ther-
mal shutdown circuitry places the driver outputs into a
high-impedance state. The MAX3175 deglitching fea-
ture reduces errors in unterminated equipment.
The state of the mode-select pins M0, M1, and M2
determines which serial-interface protocol is selected
(Table 1). The state of the DCE/DTE input determines
whether the transceivers will be configured as a DTE
serial port or a DCE serial port. When the DCE/DTE
input is logic HIGH, driver T3 is activated and receiver
R1 is disabled. When the DCE/DTE input is logic LOW,
driver T3 is disabled and receiver R1 is activated. The
INVERT pin state changes the DCE/DTE functionality
regarding T4 and R4 only. M0, M1, M2, INVERT, and
DCE/DTE are internally pulled up to VCC to ensure logic
HIGH if left unconnected.
VOC
R
R
VOD
Figure 1. V.11 DC Test Circuit
CL
RL
VO
DA
Figure 3. V.10/V.28 Driver Test Circuit
100pF
15pF
100pF
100
D
A
B
B
A
R
15pF
DA
R
Figure 2. V.11 AC Test Circuit
Figure 4. V.10/V.28 Receiver Test Circuit
Test Circuits


Similar Part No. - MXL1544

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MXL1543 MAXIM-MXL1543 Datasheet
343Kb / 18P
   5V Multiprotocol, 3Tx/3Rx, Software-Selectable Clock/Data Transceivers
Rev 1; 9/01
MXL1543B MAXIM-MXL1543B Datasheet
695Kb / 18P
   5V Multiprotocol, 3Tx/3Rx, Software- Selectable Clock/Data Transceivers
Rev 0; 10/04
MXL1543BCAI MAXIM-MXL1543BCAI Datasheet
695Kb / 18P
   5V Multiprotocol, 3Tx/3Rx, Software- Selectable Clock/Data Transceivers
Rev 0; 10/04
MXL1543CAI MAXIM-MXL1543CAI Datasheet
343Kb / 18P
   5V Multiprotocol, 3Tx/3Rx, Software-Selectable Clock/Data Transceivers
Rev 1; 9/01
More results

Similar Description - MXL1544

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MXL1543CAI MAXIM-MXL1543CAI Datasheet
343Kb / 18P
   5V Multiprotocol, 3Tx/3Rx, Software-Selectable Clock/Data Transceivers
Rev 1; 9/01
MAX3171 MAXIM-MAX3171 Datasheet
271Kb / 15P
   3.3V Multiprotocol 3Tx/3Rx Software-Selectable Control Transceivers
19-1703; Rev 1; 8/01
MXL1543B MAXIM-MXL1543B Datasheet
695Kb / 18P
   5V Multiprotocol, 3Tx/3Rx, Software- Selectable Clock/Data Transceivers
Rev 0; 10/04
MXL1344A MAXIM-MXL1344A Datasheet
220Kb / 12P
   5V Multiprotocol, Software-Selectable Cable Terminator
Rev 0; 2/01
MAX3172 MAXIM-MAX3172 Datasheet
276Kb / 19P
   3.3V Multiprotocol Software-Selectable Cable Terminators and Transceivers
Rev 1; 1/01
MAX3172 MAXIM-MAX3172_04 Datasheet
837Kb / 19P
   3.3V Multiprotocol Software-Selectable Cable Terminators and Transceivers
Rev 2; 6/04
logo
Linear Technology
LTC1343 LINER-LTC1343 Datasheet
382Kb / 28P
   Software-Selectable Multiprotocol Transceiver
LTC1545 LINER-LTC1545 Datasheet
244Kb / 16P
   Software-Selectable Multiprotocol Transceiver
LTC1543 LINER-LTC1543 Datasheet
281Kb / 20P
   Software-Selectable Multiprotocol Transceiver
LTC1544 LINER-LTC1544 Datasheet
277Kb / 20P
   Software-Selectable Multiprotocol Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com