Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

17000-00TR Datasheet(PDF) 2 Page - IXYS Corporation

Part # 17000-00TR
Description  White LED Step-Up Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

17000-00TR Datasheet(HTML) 2 Page - IXYS Corporation

  17000-00TR Datasheet HTML 1Page - IXYS Corporation 17000-00TR Datasheet HTML 2Page - IXYS Corporation 17000-00TR Datasheet HTML 3Page - IXYS Corporation 17000-00TR Datasheet HTML 4Page - IXYS Corporation 17000-00TR Datasheet HTML 5Page - IXYS Corporation 17000-00TR Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MX841
IXYS
Absolute Maximum Ratings (Voltages with respect to GND=0V)
Parameter
Min
Max
Unit
VDD Supply Voltage
-0.4
+6.5
V
CTRL Voltage
GND-0.4
VDD+0.4
V
ISENSE Voltage
GND-0.4
VDD+0.4
V
SW Voltage
-0.4
+24.0
V
OVD Voltage
-0.4
+24.0
V
Operating Ambient Temperature Range
-40
+85
C
o
Storage Temperature Range
-55
+150
C
o
Operating Junction Temperature Range
-40
+125
C
o
Standard SOIC θJA = 114°C/W
775
mW
Power Dissipation
TA = 27°C
Exposed Pad SOIC θJA = 50°C/W
1.75
W
ESD Warning
ESD (electrostatic discharge) sensitive device. Although the MX841 features proprietary ESD protection circuitry,
permanent damage may be sustained if subjected to high energy electrostatic discharges. Proper ESD precautions
are recommended to avoid performance degradation or loss of functionality.
DC Electrical Characteristics
VDD=3.0V, RSENSE=5Ω, VCTRL=1.0V, L=6.8µH, CBYP=1µF, TA = -40
oC to +85oC, Typical Values at +25oC
Unless otherwise specified
Parameter
Condition
Min
Typ
Max
Unit
Supply Voltage
TA = 25
oC
1.1
5.5
V
Supply Current Overvoltage
Not Switching: VCTRL = 260mV
VRSENSE > 13 X VCTRL
0.5
0.8
Supply Current Operating
Switching: VCTRL= VDD, VRSENSE=GND
2
mA
TA = +25
oC
6
µA
Sleep Current
VCTRL < 100mV
TA = +85
oC
7
µA
CTRL Bias Current
-10
µA
ISENSE Bias Current
-7
µA
VCTRL >260mV
20
µA
OVD Bias Current
OVD = 18V
VCTRL = GND
0
OVD Rising
22
V
Over Voltage Threshold
OVD Falling
18.5
V
CTRL / VRSENSE
13
V/V
VCTRL Rising
260
mV
VCTRL Sleep Mode
VCTRL Falling
100
mV
VSW = 0.1V
1.9
SW On Resistance
VSW = 0.5V
2.2
VDD=1.2V, L=33µH
30
mA
Switch Current
VDD=5.5V, L=2.5µH
2
A
SW Voltage Range
VDD -
VSCHOTTKY
20
V
TA = +25
oC
0.1
µA
SW Leakage Current
OVD = VSW = 18V
TA = +85
oC
0.3
µA
VCTRL
0
VDD
V
Absolute
Maximum
Ratings
are
stress ratings. Stresses in excess of
these ratings can cause permanent
damage to the device. Functional
operation of the device at these or
any other conditions beyond those
indicated in the operational sections
of this data sheet is not implied.
Exposure
of
the
device
to
the
absolute maximum ratings for an
extended period may degrade the
device and affect its reliability.
Preliminary
MX841
2
03/10/05
Drawing No. 17023
www.ixys.net


Similar Part No. - 17000-00TR

ManufacturerPart #DatasheetDescription
logo
Heyco.
17000 HEYCO-17000 Datasheet
108Kb / 1P
   Snap Latch Rivets
logo
Advantech Co., Ltd.
1700000136 ADVANTECH-1700000136 Datasheet
164Kb / 1P
   Accessories Connectors and Cables
1-Mar-2007
1700000137 ADVANTECH-1700000137 Datasheet
164Kb / 1P
   Accessories Connectors and Cables
1-Mar-2007
1700000137 ADVANTECH-1700000137 Datasheet
164Kb / 1P
   AV cable, 180 cm
1700000182 ADVANTECH-1700000182 Datasheet
164Kb / 1P
   Accessories Connectors and Cables
1-Mar-2007
More results

Similar Description - 17000-00TR

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
   White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
   WHITE LED STEP-UP CONVERTER
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3036 BCDSEMI-AP3036 Datasheet
484Kb / 14P
   WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP3036B DIODES-AP3036B Datasheet
517Kb / 11P
   WHITE LED STEP-UP CONVERTER
logo
Unisonic Technologies
L5100 UTC-L5100 Datasheet
121Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
Gamma Microelectronics ...
GM1937 GAMMA-GM1937 Datasheet
133Kb / 9P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3029 BCDSEMI-AP3029_09 Datasheet
779Kb / 16P
   WHITE LED STEP-UP CONVERTER
AP3031 BCDSEMI-AP3031 Datasheet
340Kb / 16P
   WHITE LED STEP-UP CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com