Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE971 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE971
Description  Linear Integrated Circuit Voltage Regulator, Negative, -24V, 1A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE971 Datasheet(HTML) 1 Page - NTE Electronics

  NTE971 Datasheet HTML 1Page - NTE Electronics NTE971 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE971
Linear Integrated Circuit
Voltage Regulator, Negative, –24V, 1A
Description:
The NTE924 fixed–voltage regulator is a monolithic integrated circuit in a TO220 type package de-
signed for use in a wide variety of applications including local, on–card regulation. This regulator em-
ploys internal current limiting, thermal shutdown, and safe–area compensation. With adequate heat
sinking it can deliver output currents in excess of 1A. Although designed primarily as a fixed regulator,
this device can be used with external components to obtain adjustable voltages and currents.
Features:
D No External Components Required
D Internal Thermal Overload Protection
D Internal Short–Circuit Current Limiting
D Output Transistor Safe–Area Compensation
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Input Voltage, VIN
–40V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Internal Power Dissipation, PD
Internally Limited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate Above +25
°C
15.4mW/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Internal Power Dissipation (TC = +25°C), PD
Internally Limited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate Above +75
°C
200mW/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Junction Temperature Range, TJ
–55
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Ambient, RthJA
65
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Case, RthJC
5
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (VIN = –33V, IO = 500mA, TJ = 0° to +125°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Voltage
VO
TJ = +25°C
–23.0
–24.0
–25.0
V
5mA
≤ IO ≤ 1A, PO ≤ 15W,
–38V
≤ VIN ≤ –27V
–22.8
–24.0
–25.2
V
Line Regulation
RegLine
TJ = +25°C,
–38V
≤ VIN ≤ –27V
31
480
mV
Note 1
–36V
≤ VIN ≤ –30V
14
240
Load Regulation
RegLoad
TJ = +25°C,
5mA
≤ IO ≤ 1.5A
60
480
mV
Note 1
250mA
≤ IO ≤ 750mA
25
240


Similar Part No. - NTE971

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE97 NTE-NTE97 Datasheet
28Kb / 3P
   Silicon NPN Transistor HV Darlington Power Amp, Switch
NTE970 NTE-NTE970 Datasheet
25Kb / 2P
   Linear Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator 1.2V to 33V, 3A
NTE972 NTE-NTE972 Datasheet
24Kb / 2P
   Integrated Circuit 3-Terminal Positive Voltage Regulator, 24V
NTE973 NTE-NTE973 Datasheet
27Kb / 4P
   Integrated Circuit Double Balanced Modulator/Demodulator
NTE973D NTE-NTE973D Datasheet
27Kb / 4P
   Integrated Circuit Double Balanced Modulator/Demodulator
More results

Similar Description - NTE971

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE961 NTE-NTE961 Datasheet
23Kb / 2P
   Linear Integrated Circuit Voltage Regulator, Negative, 5V, 1A
NTE965 NTE-NTE965 Datasheet
23Kb / 2P
   Linear Integrated Circuit Voltage Regulator, Negative, -8V, 1A
NTE967 NTE-NTE967 Datasheet
23Kb / 2P
   Linear Integrated Circuit Voltage Regulator, Negative, -12V, 1A
NTE959 NTE-NTE959 Datasheet
23Kb / 2P
   Linear Integrated Circuit Voltage Regulator, Negative, -18V, 1A
NTE963 NTE-NTE963 Datasheet
23Kb / 2P
   Linear Integrated Circuit Voltage Regulator, Negative, -6V, 1A
NTE969 NTE-NTE969 Datasheet
23Kb / 2P
   Linear Integrated Circuit Voltage Regulator, Negative, -15V, 1A
NTE1909 NTE-NTE1909 Datasheet
23Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator, -24V, 100mA
NTE1956 NTE-NTE1956 Datasheet
22Kb / 2P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 24V, 1A
NTE1940 NTE-NTE1940 Datasheet
22Kb / 2P
   Integrated Circuit Positive Voltage Regulator, 24V, 2A
NTE1961 NTE-NTE1961 Datasheet
29Kb / 3P
   Integrated Circuit Negative, 3-Terminal Voltage Regulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com