Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5208 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP5208
Description  DDR-I/II Termination Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5208 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP5208 Datasheet HTML 1Page - ON Semiconductor NCP5208 Datasheet HTML 2Page - ON Semiconductor NCP5208 Datasheet HTML 3Page - ON Semiconductor NCP5208 Datasheet HTML 4Page - ON Semiconductor NCP5208 Datasheet HTML 5Page - ON Semiconductor NCP5208 Datasheet HTML 6Page - ON Semiconductor NCP5208 Datasheet HTML 7Page - ON Semiconductor NCP5208 Datasheet HTML 8Page - ON Semiconductor NCP5208 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NCP5208
http://onsemi.com
4
TYPICAL OPERATING CHARACTERISTICS
Figure 3. VTT Output Voltage vs. Load Current
(VDDQ = 1.8 V)
Figure 4. VTT Output Voltage vs. Load Current
(VDDQ = 2.5 V)
Figure 5. Source Current Load Regulation vs.
Ambient Temperature
Figure 6. Sink Current Load Regulation vs.
Ambient Temperature
Figure 7. Over Current Protection Limit vs.
Ambient Temperature
Figure 8. Analog Input Current vs. Ambient
Temperature
IVTT, OUTPUT LOAD CURRENT (A)
0.6
0.2
0
−0.2
−0.4
−0.6
−0.8
0.950
0.925
0.900
0.875
0.850
0.4
1.300
1.275
1.250
1.225
1.200
TA, AMBIENT TEMPERATURE (°C)
70
50
40
30
20
10
0
0
−4
−10
−14
−20
60
PVIN = VDDQ, = AVIN = 2.5 V
VDDQ = 1.8 V, IVTT = 0.6 A
−2
−12
−6
−16
−8
−18
VDDQ = 2.5 V, IVTT = 1.5 A
TA, AMBIENT TEMPERATURE (°C)
70
50
40
30
20
10
0
20
16
10
6
0
60
VDDQ = 1.8 V, IVTT = 0.6 A
18
8
14
4
12
2
VDDQ = 2.5 V, IVTT = 1.5 A
TA, AMBIENT TEMPERATURE (°C)
70
50
40
30
20
10
0
2.5
2.0
1.5
0.5
0
TA, AMBIENT TEMPERATURE (°C)
60
PVIN = AVIN = VDDQ = 2.5 V
Sink Current
Source Current
70
50
40
30
20
10
0
10
8
4
2
0
60
PVIN = AVIN = VDDQ = 2.5 V
IVTT = 0 A
1.0
6
PVIN = VDDQ, = AVIN = 2.5 V
0.8
AVIN = 2.5 V
PVIN = VDDQ = 1.8 V
TA = 25°C
0.6
0.2
−0.2
−0.6
−1.0
−1.4
−1.8
1.0
1.8
AVIN = 2.5 V
PVIN = VDDQ = 2.5 V
TA = 25°C
1.4
IVTT, OUTPUT LOAD CURRENT (A)


Similar Part No. - NCP5208

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5208 ONSEMI-NCP5208 Datasheet
96Kb / 9P
   DDR?묲/II Termination Regulator
May, 2006 ??Rev. 5
NCP5208DR2 ONSEMI-NCP5208DR2 Datasheet
96Kb / 9P
   DDR?묲/II Termination Regulator
May, 2006 ??Rev. 5
NCP5208DR2G ONSEMI-NCP5208DR2G Datasheet
96Kb / 9P
   DDR?묲/II Termination Regulator
May, 2006 ??Rev. 5
NCP5208 ONSEMI-NCP5208_06 Datasheet
96Kb / 9P
   DDR?묲/II Termination Regulator
May, 2006 ??Rev. 5
More results

Similar Description - NCP5208

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G2996 GMT-G2996 Datasheet
282Kb / 13P
   DDR I/II Termination Regulator
logo
Intersil Corporation
LP2998 INTERSIL-LP2998 Datasheet
338Kb / 18P
   DDR-II and DDR-I Termination Regulator
logo
Texas Instruments
LP2998MRX TI-LP2998MRX Datasheet
1Mb / 26P
[Old version datasheet]   LP2998 DDR-I and DDR-II Termination Regulator
LP2997 TI1-LP2997 Datasheet
1Mb / 21P
[Old version datasheet]   DDR-II Termination Regulator
logo
National Semiconductor ...
LP2997 NSC-LP2997 Datasheet
233Kb / 12P
   DDR-II Termination Regulator
logo
Exar Corporation
XRP2997 EXAR-XRP2997 Datasheet
514Kb / 8P
   2A DDR I/II/III Bus Termination Regulator
logo
ON Semiconductor
NCP5208 ONSEMI-NCP5208_06 Datasheet
96Kb / 9P
   DDR?묲/II Termination Regulator
May, 2006 ??Rev. 5
logo
California Micro Device...
CM3196 CALMIRCO-CM3196 Datasheet
362Kb / 13P
   2A Sink/Source DDR-I, -II Bus Termination Regulator
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
   DDR TERMINATION REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ2995 HTC-TJ2995 Datasheet
632Kb / 9P
   DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com