Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP584HSN15T1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP584HSN15T1G
Description  Tri-Mode 200 mA CMOS LDO Regulator with Enable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP584HSN15T1G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP584HSN15T1G Datasheet HTML 1Page - ON Semiconductor NCP584HSN15T1G Datasheet HTML 2Page - ON Semiconductor NCP584HSN15T1G Datasheet HTML 3Page - ON Semiconductor NCP584HSN15T1G Datasheet HTML 4Page - ON Semiconductor NCP584HSN15T1G Datasheet HTML 5Page - ON Semiconductor NCP584HSN15T1G Datasheet HTML 6Page - ON Semiconductor NCP584HSN15T1G Datasheet HTML 7Page - ON Semiconductor NCP584HSN15T1G Datasheet HTML 8Page - ON Semiconductor NCP584HSN15T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2005
July, 2005 − Rev. 2
1
Publication Order Number:
NCP584/D
NCP584
Tri−Mode 200 mA CMOS
LDO Regulator with Enable
The NCP584 series of low drop out regulators are designed for
portable battery powered applications which require precise output
voltage accuracy, low supply current, and high ripple rejection.
These devices feature an enable function which lowers current
consumption significantly and are offered in the SOT23−5 package.
This series of devices have three modes. Chip Enable (CE mode),
Fast Transient Mode (FT mode), and Low Power Mode (LP mode).
Both the FT and LP mode are utilized via the ECO pin.
Features
Low Dropout Voltage of 300 mV at 200 mA, Output Voltage = 1.0 V
200 mV at 200 mA, Output Voltage = 1.5 V
140 mV at 200 mA, Output Voltage = 3.0 V
Excellent Line and Load Regulation
High Output Voltage Accuracy of ±2% (±3% LP mode)
Ultra−Low Supply Current of:
3.5
mA (LP mode, Output Voltage ≤ 1.5 V)
40
mA (FT mode)
Excellent Power Supply Rejection Ratio
Low Temperature Drift Coefficient on the Output Voltage
Low Quiescent Current of 0.1 mA
This is a Pb−Free Device*
Typical Applications
Portable Equipment
Hand−Held Instrumentation
Camcorders and Cameras
Figure 1. Simplified Block Diagram for Active Low
Figure 2. Simplified Block Diagram for Active High
+
Vin
Vref
Current Limit
CE
Vout
GND
ECO
+
Vin
Vref
Current Limit
CE
Vout
GND
ECO
*For additional information on our Pb−Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting
Techniques Reference Manual, SOLDERRM/D.
SOT23−5
SN SUFFIX
CASE 1212
http://onsemi.com
MARKING
DIAGRAM
See detailed ordering and shipping information in the package
dimensions section on page 11 of this data sheet.
ORDERING INFORMATION
DEV
= Device Code
M
= Date Code
1
5
DEVM
1
5
http://onsemi.com


Similar Part No. - NCP584HSN15T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP584HSN15T1G ONSEMI-NCP584HSN15T1G Datasheet
133Kb / 14P
   Tri-Mode 200 mA CMOS LDO Regulator with Enable
February, 2010 ??Rev. 14
More results

Similar Description - NCP584HSN15T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP584HSN30T1G ONSEMI-NCP584HSN30T1G Datasheet
133Kb / 14P
   Tri-Mode 200 mA CMOS LDO Regulator with Enable
February, 2010 ??Rev. 14
NCP585DSN33T1G ONSEMI-NCP585DSN33T1G Datasheet
162Kb / 13P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
July, 2009 ??Rev. 14
NCP585 ONSEMI-NCP585 Datasheet
86Kb / 14P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
March, 2005 ??Rev. 3
NCP585HSN10T1G ONSEMI-NCP585HSN10T1G Datasheet
162Kb / 13P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
July, 2009 ??Rev. 14
NCV4263-2C ONSEMI-NCV4263-2C Datasheet
132Kb / 14P
   200 mA LDO Regulator with Enable, Reset & Watchdog
March, 2015 ??Rev. 1
logo
Fairchild Semiconductor
FAN2514 FAIRCHILD-FAN2514 Datasheet
253Kb / 10P
   200 mA CMOS LDO Regulators with Fast Start Enable
logo
ON Semiconductor
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
logo
Fairchild Semiconductor
FAN2534 FAIRCHILD-FAN2534 Datasheet
492Kb / 11P
   150 mA CMOS LDO Regulator with Fast Start, Enable
logo
ON Semiconductor
NCP583 ONSEMI-NCP583 Datasheet
71Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
April, 2006 ??Rev. 5
NCP583 ONSEMI-NCP583_07 Datasheet
72Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
February, 2007 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com