Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP584LSN12T1G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP584LSN12T1G
Description  Tri-Mode 200 mA CMOS LDO Regulator with Enable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP584LSN12T1G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP584LSN12T1G Datasheet HTML 4Page - ON Semiconductor NCP584LSN12T1G Datasheet HTML 5Page - ON Semiconductor NCP584LSN12T1G Datasheet HTML 6Page - ON Semiconductor NCP584LSN12T1G Datasheet HTML 7Page - ON Semiconductor NCP584LSN12T1G Datasheet HTML 8Page - ON Semiconductor NCP584LSN12T1G Datasheet HTML 9Page - ON Semiconductor NCP584LSN12T1G Datasheet HTML 10Page - ON Semiconductor NCP584LSN12T1G Datasheet HTML 11Page - ON Semiconductor NCP584LSN12T1G Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
NCP584
http://onsemi.com
11
APPLICATION INFORMATION
Input Decoupling
A 1.0
mF tantalum capacitor is the recommended value
to be connected between Vin and GND. For PCB layout
considerations, the traces of Vin and GND should be
sufficiently wide in order to minimize noise and prevent
unstable operation.
Output Decoupling
It is recommended to use a 2.2
mF or higher tantalum
capacitor on the Vout pin. For better performance, select a
capacitor with low Equivalent Series Resistance (ESR).
For PCB layout considerations, place the output capacitor
close to the output pin and keep the leads short as possible.
ORDERING INFORMATION
Device
Output Type / Features
Nominal
Output Voltage
Marking
Package
Shipping
NCP584HSN09T1G
Active High,
LP and FT Mode
0.9
109
SOT23−5
(Pb−Free)
3000 Tape & Reel
NCP584HSN12T1G
Active High,
LP and FT Mode
1.2
112
SOT23−5
(Pb−Free)
3000 Tape & Reel
NCP584HSN15T1G
Active High,
LP and FT Mode
1.5
115
SOT23−5
(Pb−Free)
3000 Tape & Reel
NCP584HSN18T1G
Active High,
LP and FT Mode
1.8
118
SOT23−5
(Pb−Free)
3000 Tape & Reel
NCP584HSN26T1G
Active High,
LP and FT Mode
2.6
126
SOT23−5
(Pb−Free)
3000 Tape & Reel
NCP584HSN31T1G
Active High,
LP and FT Mode
3.1
131
SOT23−5
(Pb−Free)
3000 Tape & Reel
NCP584LSN09T1G
Active Low,
LP and FT Mode
0.9
009
SOT23−5
(Pb−Free)
3000 Tape & Reel
NCP584LSN12T1G
Active Low,
LP and FT Mode
1.2
012
SOT23−5
(Pb−Free)
3000 Tape & Reel
NCP584LSN18T1G
Active Low,
LP and FT Mode
1.8
018
SOT23−5
(Pb−Free)
3000 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.


Similar Part No. - NCP584LSN12T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP584LSN12T1G ONSEMI-NCP584LSN12T1G Datasheet
133Kb / 14P
   Tri-Mode 200 mA CMOS LDO Regulator with Enable
February, 2010 ??Rev. 14
More results

Similar Description - NCP584LSN12T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP584HSN30T1G ONSEMI-NCP584HSN30T1G Datasheet
133Kb / 14P
   Tri-Mode 200 mA CMOS LDO Regulator with Enable
February, 2010 ??Rev. 14
NCP585DSN33T1G ONSEMI-NCP585DSN33T1G Datasheet
162Kb / 13P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
July, 2009 ??Rev. 14
NCP585 ONSEMI-NCP585 Datasheet
86Kb / 14P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
March, 2005 ??Rev. 3
NCP585HSN10T1G ONSEMI-NCP585HSN10T1G Datasheet
162Kb / 13P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
July, 2009 ??Rev. 14
NCV4263-2C ONSEMI-NCV4263-2C Datasheet
132Kb / 14P
   200 mA LDO Regulator with Enable, Reset & Watchdog
March, 2015 ??Rev. 1
logo
Fairchild Semiconductor
FAN2514 FAIRCHILD-FAN2514 Datasheet
253Kb / 10P
   200 mA CMOS LDO Regulators with Fast Start Enable
logo
ON Semiconductor
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
logo
Fairchild Semiconductor
FAN2534 FAIRCHILD-FAN2534 Datasheet
492Kb / 11P
   150 mA CMOS LDO Regulator with Fast Start, Enable
logo
ON Semiconductor
NCP583 ONSEMI-NCP583 Datasheet
71Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
April, 2006 ??Rev. 5
NCP583 ONSEMI-NCP583_07 Datasheet
72Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
February, 2007 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com