Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM286XF27 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJM286XF27
Description  Ultra Low Noise Low Dropout Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM286XF27 Datasheet(HTML) 5 Page - New Japan Radio

  NJM286XF27 Datasheet HTML 1Page - New Japan Radio NJM286XF27 Datasheet HTML 2Page - New Japan Radio NJM286XF27 Datasheet HTML 3Page - New Japan Radio NJM286XF27 Datasheet HTML 4Page - New Japan Radio NJM286XF27 Datasheet HTML 5Page - New Japan Radio NJM286XF27 Datasheet HTML 6Page - New Japan Radio NJM286XF27 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NJM2863/64
- 5 -
Ver.2004-01-20
! ELECTRICAL CHARACTERISTICS
0
50
100
150
200
250
300
100p
10p
1000p
0.01u
0.1u
Noise Bypass Capacitor : Cp(F)
NJM2863/64_3.0V
Output Noise Voltage vs. Noise Bypass Capacitor
@:Ta=25
oC
VIN=4V
Co=1uF
(Ceramic)
Io=10mA
1p
0
20
40
60
80
100
0.001
0.01
0.1
1
10
100
Output Current :Io [mA]
NJM2863/64_3.0V
Output Noise Voltage vs. Output Current
@:Ta=25
oC
VIN=4.0V
LPF:80kHz
Co=10uF(Tantalum)
Cp=0.1uF
Co=1.0uF(Ceramic)
Cp=0.01uF
20
30
40
50
60
70
80
90
NJM2863/64_3.0V
Ripple Rejection Ratio v.s. Frequency
Frequency :f [Hz]
Io=10mA
Io=30mA
@:Ta=25
oC
VIN=4.0V
ein=200mVrms
Co=1.0uF(Ceramic)
Cp=0.01uF
10
100
1k
10k
100k
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
100
Output Current : Io(mA)
NJM2863/64_3.0V
Ripple Rejection vs. Output Current
f=1kHz
f=10kHz
@:Ta=25
oC
VIN=4V
ein=200mVrms
Co=1.0uF
(Ceramic)
Cp=0.01uF
0.1
1
10
100
0.001
0.01
0.1
1
10
100
Output Current :Io [mA]
@:Ta=25
oC
VIN=4V
Co=1.0uF(Ceramic)
Cp=0.01uF
NJM2863/64_3.0V
Equivalent Series Resistance vs. Output Current
STABLE REGION
0.02


Similar Part No. - NJM286XF27

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2860 NJRC-NJM2860 Datasheet
168Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2860F3 NJRC-NJM2860F3 Datasheet
168Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2860F3-33-TE1 NJRC-NJM2860F3-33-TE1 Datasheet
290Kb / 16P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2861 NJRC-NJM2861 Datasheet
47Kb / 4P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2861F03 NJRC-NJM2861F03 Datasheet
47Kb / 4P
   LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - NJM286XF27

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2898 NJRC-NJM2898 Datasheet
175Kb / 10P
   2ch ULTRA LOW NOISE LOW DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
NCV8752 ONSEMI-NCV8752_16 Datasheet
1Mb / 21P
   Ultra-Low Noise, Low Dropout Regulator
January, 2016 ??Rev. 1
logo
AiT Semiconductor Inc.
A6307 AITSEMI-A6307 Datasheet
667Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR 300mA ULTRA-LOW NOISE ULTRA-FAST
REV1.0
logo
ON Semiconductor
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
logo
Semtech Corporation
SC8863 SEMTECH-SC8863_05 Datasheet
224Kb / 11P
   150mA Ultra Low Dropout, Low Noise Regulator
SC8863 SEMTECH-SC8863 Datasheet
92Kb / 9P
   150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
logo
AiT Semiconductor Inc.
A6500B AITSEMI-A6500B Datasheet
1Mb / 12P
   LOW DROPOUT VOLTAGE REGULATOR 500mA ULTRA-LOW NOISE, ULTRA-FAST CMOS LDO REGULATOR
REV1.0
logo
National Semiconductor ...
LP3985 NSC-LP3985 Datasheet
570Kb / 17P
   Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
ON Semiconductor
MC33765 ONSEMI-MC33765_06 Datasheet
151Kb / 12P
   Very Low Dropout/Ultra Low Noise 5 Outputs Voltage Regulator
June, 2006 ??Rev. 4
MC33765 ONSEMI-MC33765 Datasheet
287Kb / 16P
   Very Low Dropout/Ultra Low Noise 5 Outputs Voltage Regulator
April, 2000 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com