Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM286XF285 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJM286XF285
Description  Ultra Low Noise Low Dropout Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM286XF285 Datasheet(HTML) 1 Page - New Japan Radio

  NJM286XF285 Datasheet HTML 1Page - New Japan Radio NJM286XF285 Datasheet HTML 2Page - New Japan Radio NJM286XF285 Datasheet HTML 3Page - New Japan Radio NJM286XF285 Datasheet HTML 4Page - New Japan Radio NJM286XF285 Datasheet HTML 5Page - New Japan Radio NJM286XF285 Datasheet HTML 6Page - New Japan Radio NJM286XF285 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
NJM2863/64
-1 -
Ver.2004-01-20
Ultra Low Noise Low Dropout Voltage Regulator
! GENERAL DESCRIPTION
! PACKAGE OUTLINE
The NJM2863/64 is a 2ch low dropout voltage regulator designed
for VCO Applications.
Advanced Bipolar technology achieves low noise, high ripple
rejection and low quiescent current.
! FEATURES
" High Ripple Rejection
75dB typ. (f=1kHz)
" Output capacitor with 1.0
µF ceramic capacitor
" Output Noise Voltage
Vno=19
µVrms typ. (Cp=0.01µF, Co=1.0µF(Ceramic))
Vno=12
µVrms typ. (Cp=0.1µF, Co=10µF(Tantalum))
" Output Current
Io(max.)=100mA
" High Precision Output
Vo
±1.0%
" Low Dropout Voltage
0.10V typ. (Io=60mA)
" ON/OFF Control
(Active High)
" Internal Short Circuit Current Limit
" Internal Thermal Overload Protection
" Bipolar Technology
" Package Outline
MTP5
! PIN CONFIGURATION
! EQUIVALENT CIRCUIT
VOUT
Thermal
Protection
Bandgap
Reference
Noise
Bypass
VIN
Control
GND
! OUTPUT VOLTAGE RANK LIST
Device Name
VOUT
Device Name
VOUT
NJM286
×F21
2.1V
NJM286
×F29
2.9V
NJM286
×F25
2.5V
NJM286
×F03
3.0V
NJM286
×F27
2.7V
NJM286
×F33
3.3V
NJM286
×F28
2.8V
NJM286
×F05
5.0V
NJM286
×F285
2.85V
NJM2863F/64F
1 2 3
4
5
PIN FUNCTION
1.CONTROL
1.VIN
2.GND
2.GND
3.NOISE BYPASS
3.CONTROL
4.VOUT
4.NOISE BYPASS
5.VIN
5.VOUT
NJM2863F
NJM2864F


Similar Part No. - NJM286XF285

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2860 NJRC-NJM2860 Datasheet
168Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2860F3 NJRC-NJM2860F3 Datasheet
168Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2860F3-33-TE1 NJRC-NJM2860F3-33-TE1 Datasheet
290Kb / 16P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2861 NJRC-NJM2861 Datasheet
47Kb / 4P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2861F03 NJRC-NJM2861F03 Datasheet
47Kb / 4P
   LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - NJM286XF285

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2898 NJRC-NJM2898 Datasheet
175Kb / 10P
   2ch ULTRA LOW NOISE LOW DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
NCV8752 ONSEMI-NCV8752_16 Datasheet
1Mb / 21P
   Ultra-Low Noise, Low Dropout Regulator
January, 2016 ??Rev. 1
logo
AiT Semiconductor Inc.
A6307 AITSEMI-A6307 Datasheet
667Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR 300mA ULTRA-LOW NOISE ULTRA-FAST
REV1.0
logo
ON Semiconductor
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
logo
Semtech Corporation
SC8863 SEMTECH-SC8863_05 Datasheet
224Kb / 11P
   150mA Ultra Low Dropout, Low Noise Regulator
SC8863 SEMTECH-SC8863 Datasheet
92Kb / 9P
   150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
logo
AiT Semiconductor Inc.
A6500B AITSEMI-A6500B Datasheet
1Mb / 12P
   LOW DROPOUT VOLTAGE REGULATOR 500mA ULTRA-LOW NOISE, ULTRA-FAST CMOS LDO REGULATOR
REV1.0
logo
National Semiconductor ...
LP3985 NSC-LP3985 Datasheet
570Kb / 17P
   Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
ON Semiconductor
MC33765 ONSEMI-MC33765_06 Datasheet
151Kb / 12P
   Very Low Dropout/Ultra Low Noise 5 Outputs Voltage Regulator
June, 2006 ??Rev. 4
MC33765 ONSEMI-MC33765 Datasheet
287Kb / 16P
   Very Low Dropout/Ultra Low Noise 5 Outputs Voltage Regulator
April, 2000 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com