Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2886DL2-03 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2886DL2-03
Description  LOW DROPOUT VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2886DL2-03 Datasheet(HTML) 7 Page - New Japan Radio

  NJM2886DL2-03 Datasheet HTML 1Page - New Japan Radio NJM2886DL2-03 Datasheet HTML 2Page - New Japan Radio NJM2886DL2-03 Datasheet HTML 3Page - New Japan Radio NJM2886DL2-03 Datasheet HTML 4Page - New Japan Radio NJM2886DL2-03 Datasheet HTML 5Page - New Japan Radio NJM2886DL2-03 Datasheet HTML 6Page - New Japan Radio NJM2886DL2-03 Datasheet HTML 7Page - New Japan Radio NJM2886DL2-03 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NJM2886
-7 -
Ver.2004-01-16
!
ELECTRICAL CHARACTERISTICS
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
-50
0
50
100
150
NJM2886_3.0V
Dropout Voltage vs. Temperature
@:Io=300mA
Co=2.2uF
(Ceramic)
Temperature : Ta (
oC)
0
0.5
1
1.5
2
-50
0
50
100
150
NJM2886_3.0V
Control Voltage v.s. Temperature
@:VIN=4V
Io=30mA
CL=2.2uF(Ceramic)
Temperature : Ta (
oC)
0
0.5
1
1.5
2
2.5
3
3.5
4
-50
0
50
100
150
200
NJM2886_3.0V
Output Voltage vs. Temperature
@:VIN=4.0V
Io=30mA
Co=2.2uF
(Ceramic)
Temperature : Ta (
oC)
0
50
100
150
200
250
300
-50
0
50
100
150
NJM2886_3.0V
Quiescent Current v.s. Input Voltage
@:VIN=4V
Output is open.
Co=2.2uF
(Ceramic)
including Icont
Temperature : Ta (
oC)


Similar Part No. - NJM2886DL2-03

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2880 NJRC-NJM2880 Datasheet
170Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2880U03 NJRC-NJM2880U03 Datasheet
170Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2880U05 NJRC-NJM2880U05 Datasheet
170Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2880U21 NJRC-NJM2880U21 Datasheet
170Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2880U25 NJRC-NJM2880U25 Datasheet
170Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - NJM2886DL2-03

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com