Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2886DL2-33 Datasheet(PDF) 6 Page - New Japan Radio

Part # NJM2886DL2-33
Description  LOW DROPOUT VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2886DL2-33 Datasheet(HTML) 6 Page - New Japan Radio

  NJM2886DL2-33 Datasheet HTML 1Page - New Japan Radio NJM2886DL2-33 Datasheet HTML 2Page - New Japan Radio NJM2886DL2-33 Datasheet HTML 3Page - New Japan Radio NJM2886DL2-33 Datasheet HTML 4Page - New Japan Radio NJM2886DL2-33 Datasheet HTML 5Page - New Japan Radio NJM2886DL2-33 Datasheet HTML 6Page - New Japan Radio NJM2886DL2-33 Datasheet HTML 7Page - New Japan Radio NJM2886DL2-33 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NJM2886
- 6 -
Ver.2004-01-16
!
ELECTRICAL CHARACTERISTICS
0
20
40
60
80
100
0.001
0.01
0.1
1
10
100
1000
Output Current : Io(mA)
NJM2886_3.0V
Output Noise Voltage vs. Output Current
Co=4.7uF
(Ceramic)
@:Ta=25
oC
VIN=4.0V
LPF:80kHz
Co=2.2uF
(Ceramic)
0.1
1
10
100
0.001
0.01
0.1
1
10
100
10
3
0.02
Output Current : Io(mA)
@:Ta=25
oC
Co=2.2uF
(Ceramic)
NJM2886_3.0V
Equivalent Serise Resistance vs. Output Current
STABLE REGION
20
30
40
50
60
70
80
90
100
Frequency : f (Hz)
NJM2886_3.0V
Ripple Rejection Ratio v.s. Frequency
Io=10mA
Io=0mA
Io=30mA
@:Ta=25
oC
VIN=4.0V
ein=200mVrms
Co=2.2uF
(Ceramic)
10
100
1k
10k
100k
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
100
1000
Output Current : Io(mA)
NJM2886_3.0V
Ripple Rejection vs. Output Current
f=1kHz
f=10kHz
@:Ta=25
oC
VIN=4.0V
ein=200mVrms
Co=2.2uF
(Ceramic)


Similar Part No. - NJM2886DL2-33

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2880 NJRC-NJM2880 Datasheet
170Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2880U03 NJRC-NJM2880U03 Datasheet
170Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2880U05 NJRC-NJM2880U05 Datasheet
170Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2880U21 NJRC-NJM2880U21 Datasheet
170Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2880U25 NJRC-NJM2880U25 Datasheet
170Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - NJM2886DL2-33

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com