Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF0310A Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # PF0310A
Description  MOS FET Power Amplifier Module for VHF Band
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

PF0310A Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button PF0310A Datasheet HTML 2Page - Hitachi Semiconductor PF0310A Datasheet HTML 3Page - Hitachi Semiconductor PF0310A Datasheet HTML 4Page - Hitachi Semiconductor PF0310A Datasheet HTML 5Page - Hitachi Semiconductor PF0310A Datasheet HTML 6Page - Hitachi Semiconductor PF0310A Datasheet HTML 7Page - Hitachi Semiconductor PF0310A Datasheet HTML 8Page - Hitachi Semiconductor PF0310A Datasheet HTML 9Page - Hitachi Semiconductor PF0310A Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
PF0310A
7
10
4
2
0
60
50
40
30
20
10
η
T
8
6
Pout
f = 136 MHz
Pin = 20 mW
VDD = 9.6 V
0
Pout,
η
T vs. VPC (1)
0
1
5
24
3
PC Voltage VPC (V)
10
4
2
0
60
50
40
30
20
10
η
T
0
1
5
8
6
Pout
24
f = 150 MHz
Pin = 20 mW
VDD = 9.6 V
0
3
PC Voltage VPC (V)
Pout,
η
T vs. VPC (2)


Similar Part No. - PF0310A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
PF0311 HITACHI-PF0311 Datasheet
42Kb / 11P
   MOS FET Power Amplifier Module for VHF Band
PF0313 HITACHI-PF0313 Datasheet
57Kb / 16P
   MOS FET Power Amplifier Module for VHF Band
PF0314 HITACHI-PF0314 Datasheet
57Kb / 16P
   MOS FET Power Amplifier Module for VHF Band
logo
KEC(Korea Electronics)
PF0314TE6 KEC-PF0314TE6 Datasheet
432Kb / 1P
   EMI Filtering TVS For USB Port
PF0314US6 KEC-PF0314US6 Datasheet
39Kb / 2P
   EMI Filtering TVS
More results

Similar Description - PF0310A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
PF0313 HITACHI-PF0313 Datasheet
57Kb / 16P
   MOS FET Power Amplifier Module for VHF Band
PF0311 HITACHI-PF0311 Datasheet
42Kb / 11P
   MOS FET Power Amplifier Module for VHF Band
PF0341A HITACHI-PF0341A Datasheet
47Kb / 12P
   MOS FET Power Amplifier Module for UHF Band
logo
Toshiba Semiconductor
S-AV38 TOSHIBA-S-AV38 Datasheet
216Kb / 4P
   RF POWER AMPLIFIER MODULE ?딹F POWER AMPLIFIER MODULE for VHF BAND
S-AV34 TOSHIBA-S-AV34 Datasheet
151Kb / 4P
   RF POWER AMPLIFIER MODULE ?딹F POWER AMPLIFIER MODULE for VHF BAND
S-AV35 TOSHIBA-S-AV35 Datasheet
165Kb / 5P
   FM RF POWER AMPLIFIER MODULE for VHF MARINE BAND
logo
Hitachi Semiconductor
PF0340A HITACHI-PF0340A Datasheet
37Kb / 9P
   MOS FET Power Amplifier Module
PF0031 HITACHI-PF0031 Datasheet
55Kb / 13P
   MOS FET Power Amplifier Module for Mobile Phone
2SK410 HITACHI-2SK410 Datasheet
50Kb / 10P
   Silicon N-Channel MOS FET (HF/VHF power amplifier)
logo
Toshiba Semiconductor
2SC2103A TOSHIBA-2SC2103A Datasheet
63Kb / 2P
   VHF BAND POWER AMPLIFIER APPLICATIONS.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com