Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI74ALVTC16245AE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI74ALVTC16245AE
Description  16-Bit BiDirectional Transceiver with 3-State Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74ALVTC16245AE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI74ALVTC16245AE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74ALVTC16245AE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74ALVTC16245AE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74ALVTC16245AE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74ALVTC16245AE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74ALVTC16245AE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74ALVTC16245AE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74ALVTC16245AE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74ALVTC16245AE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
PS8354B
09/22/04
Description
PericomSemiconductor’sPI74ALVTC16245isa16-bitbidirectional
transceiver designed for asynchronous two-way communication
between data buses. The direction control input pin (xDIR)
determines the direction of data flow through the bidirectional
transceiver. The Direction and Output Enable controls are designed
to operate this device as either two independent 8-bit transceivers
or one 16-bit transceiver. The output enable (OE) input, when HIGH,
disables both A and B ports by placing them in Hi-Z condition.
To ensure the high-impedance state during power up or power
down, OE should be tied to Vdd through a pullup resistor; the
minimum value of the resistor is determined by the current-sinking
capability of the driver.
The family offers both I/O Tolerant, which allows it to operate in
mixed 1.8/3.6V systems, and “Bus Hold,” which retains the data
input’s last state whenever the data input goes to high-impedance,
preventing “floating” inputs and eliminating the need for pullup/
down resistors.
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Features
• PI74ALVTC family is designed for low voltage operation,
VDD = 1.8V to 3.6V
• Supports Live Insertion
• 3.6V I/O Tolerant Inputs and Outputs
• Bus Hold
• High Drive, -32/64mA @ 3.3V
• Uses patented noise reduction circuitry
• Power-off high impedance inputs and outputs
• Industrial operation at –40°C to +85°C
• Packaging (Pb-free & Green available):
– 48-pin 240- mil wide plastic TSSOP (A)
– 48-pin 173-mil wide plastic TVSOP (K)
– 48-pin 300-mil wide plastic SSOP (V)
PI74ALVTC16245
16-Bit BiDirectional Transceiver
with 3-State Outputs
Block Diagram
1B0
1A0
1OE
1DIR
1B1
1A1
1B2
1A2
1B3
1A3
1B4
1A4
1B5
1
A5
1B6
1A6
1B7
1A7
2
B0
2
A0
2
OE
2
DIR
2
B1
2
A1
2
B2
2
A3
2
B3
2
A4
2
B4
2
A5
2
B5
2
A6
2
B6
2
A7
2
B7
2
A8


Similar Part No. - PI74ALVTC16245AE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74ALVTC16240 PERICOM-PI74ALVTC16240 Datasheet
345Kb / 8P
   16-Bit Buffer/Driver with 3-State Outputs
PI74ALVTC16241 PERICOM-PI74ALVTC16241 Datasheet
335Kb / 8P
   16-Bit Buffer/Driver with 3-State Outputs
PI74ALVTC16244 PERICOM-PI74ALVTC16244 Datasheet
236Kb / 8P
   1.8/2.5/3.3V 16-Bit Buffer/Driver with 3-State Outputs
More results

Similar Description - PI74ALVTC16245AE

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML65F16245 MICRO-LINEAR-ML65F16245 Datasheet
209Kb / 10P
   16-Bit Bidirectional Transceiver with 3-State Outputs
logo
Pericom Semiconductor C...
PI74ALVCH16245 PERICOM-PI74ALVCH16245 Datasheet
319Kb / 4P
   3.3V 16-Bit Bidirectional Transceiver with 3-State Outputs
PI74AVC16245 PERICOM-PI74AVC16245_06 Datasheet
355Kb / 11P
   2.5V 16-Bit Bidirectional Transceiver with 3-State Outputs
PI74VCX16245 PERICOM-PI74VCX16245 Datasheet
199Kb / 7P
   2.5V 16-Bit Bidirectional Transceiver with 3-State Outputs
PI74AVC16245 PERICOM-PI74AVC16245 Datasheet
534Kb / 10P
   2.5V 16-Bit Bidirectional Transceiver with 3-State Outputs
logo
Potato Semiconductor Co...
PO74G16245B POTATO-PO74G16245B_14 Datasheet
1Mb / 6P
   1.2v-3.6v, 16-bit Bidirectional Transceiver with 3 state outputs
PO74G16245B POTATO-PO74G16245B Datasheet
650Kb / 7P
   1.2v-3.6v, 16-bit Bidirectional Transceiver with 3 state outputs
logo
Fairchild Semiconductor
74FR9245 FAIRCHILD-74FR9245 Datasheet
54Kb / 6P
   9-Bit Bidirectional Transceiver with 3-STATE Outputs
74FR16245 FAIRCHILD-74FR16245 Datasheet
54Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
74ABT16245 FAIRCHILD-74ABT16245 Datasheet
92Kb / 8P
   16-Bit Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com