Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI90LV044LE Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI90LV044LE
Description  LVDS Dual 2x2 Crosspoint/Repeater Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LV044LE Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI90LV044LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LV044LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LV044LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LV044LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90LV044LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90LV044LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90LV044LE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI90LV044LE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI90LV044LE Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PI90LV044, PI90LVB044
LVDS Dual 2x2 Crosspoint/Repeater Switch
7
PS8485D
09/22/04
Parameter Measurement Information
Figure 3. Test Circuit and Voltage Definitions for the Differential Output Signal
Figure 4. Test Circuit and Definitions for the Driver Common-Mode Output Voltage
Y
Z
VOD
Input
(see Note A)
CL = 10 pF
(2 Places)
(see Note C)
RL (see Note B)
100%
80%
20%
0%
VOD
0
tf
tr
VI(B)
VI(A)
1.4 V
1 V
A
Pulse
Generator
B
R
D
DE
Notes: A. All input pulses are supplied by a generator having the following characteristics: tr or tf ≤ 1ns, pulse repetition rate (PRR) - 50 Mpps,
pulse width = 10 ±0.2ns.
B. RL = 100Ω or 50Ω ±1%.
C. CL includes instrumentation and fixture capacitance within 6mm of the D.U.T.
D. The measurement of VOC(PP) is made on test equipment with a –3dB bandwidth of at least 300 MHz.
Y
Z
Input
(see Note A)
CL = 10 pF
(2 Places)
(see Note C)
VOC
A
VCC
VOC(PP)
(see Note D)
VOC(SS)
VI(B)
VI(A)
Pulse
Generator
DE
B
R
D
1.4 V
1 V
RL (see Note B)
(2 Places)
Notes: A. All input pulses are supplied by a generator having the following characteristics: tr or tf ≤ 1ns, pulse repetition rate (PRR) - 50 Mpps,
pulse width = 10 ±0.2ns.
B. RL = 100Ω or 50Ω ±1%.
C. CL includes instrumentation and fixture capacitance within 6mm of the D.U.T.
D. The measurement of VOC(PP) is made on test equipment with a –3dB bandwidth of at least 300 MHz.


Similar Part No. - PI90LV044LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV047A PERICOM-PI90LV047A Datasheet
155Kb / 7P
   3V LVDS Quad Flow-Through Differential Line Drivers
PI90LV047AL PERICOM-PI90LV047AL Datasheet
155Kb / 7P
   3V LVDS Quad Flow-Through Differential Line Drivers
PI90LV047ALE PERICOM-PI90LV047ALE Datasheet
155Kb / 7P
   3V LVDS Quad Flow-Through Differential Line Drivers
PI90LV047ALE PERICOM-PI90LV047ALE Datasheet
427Kb / 7P
   3V LVDS Quad Flow-Through Differential Line Driver
PI90LV047AW PERICOM-PI90LV047AW Datasheet
155Kb / 7P
   3V LVDS Quad Flow-Through Differential Line Drivers
More results

Similar Description - PI90LV044LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV024 PERICOM-PI90LV024 Datasheet
151Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
PI90LV024 PERICOM-PI90LV024_04 Datasheet
432Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
logo
Texas Instruments
SN65LVCP22 TI-SN65LVCP22_07 Datasheet
567Kb / 19P
[Old version datasheet]   2x2 LVDS CROSSPOINT SWITCH
DS10CP152 TI1-DS10CP152_14 Datasheet
767Kb / 16P
[Old version datasheet]   Gbps 2X2 LVDS Crosspoint Switch
SN55LVCP22-SP TI1-SN55LVCP22-SP Datasheet
298Kb / 17P
[Old version datasheet]   CLASS V 2x2 LVDS CROSSPOINT SWITCH
SN55LVCP22 TI1-SN55LVCP22 Datasheet
257Kb / 20P
[Old version datasheet]   CLASS V 2x2 LVDS CROSSPOINT SWITCH
logo
National Semiconductor ...
DS25CP152 NSC-DS25CP152 Datasheet
272Kb / 12P
   3.125 Gbps LVDS 2x2 Crosspoint Switch
logo
Texas Instruments
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152_08 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152 Datasheet
766Kb / 15P
[Old version datasheet]   1.5 Gbps 2X2 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com