Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI90LVB022WE Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

Part # PI90LVB022WE
Description  LVDS Mux/Repeater
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LVB022WE Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PI90LVB022WE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LVB022WE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LVB022WE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90LVB022WE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90LVB022WE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90LVB022WE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI90LVB022WE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI90LVB022WE Datasheet HTML 11Page - Pericom Semiconductor Corporation PI90LVB022WE Datasheet HTML 12Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI90LV022, PI90LVB022
LVDS Mux / Repeater
10
PS8488B
09/28/04
TypicalCharacteristics
IOH – High-Level Output Current – mA
PI90LV022B
PI90LVB022B
PI90LVB022B
PI90LV022B
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
1
.5
0
–2
–1
3
–4
1.5
VCC = 3.3 V
TA = 25°C
2
2.5
0
–3
3.5
IOL – Low-Level Output Current – mA
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
1
0
4
0
2
VCC = 3.3 V
TA = 25°C
3
6
2
4
IOH – High-Level Output Current – mA
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
1
.5
0
–4
–2
3
–8
1.5
VCC = 3.3 V
TA = 25°C
2
2.5
0
–6
3.5
IOL – Low-Level Output Current – mA
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
1
0
8
0
2
VCC = 3.3 V
TA = 25°C
3
12
4
4
610
2
Figure 7
Figure 8
Figure 9
Figure 10


Similar Part No. - PI90LVB022WE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LVB024 PERICOM-PI90LVB024 Datasheet
151Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
PI90LVB024 PERICOM-PI90LVB024 Datasheet
432Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
PI90LVB024L PERICOM-PI90LVB024L Datasheet
151Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
PI90LVB024L PERICOM-PI90LVB024L Datasheet
432Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
PI90LVB024LE PERICOM-PI90LVB024LE Datasheet
432Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
More results

Similar Description - PI90LVB022WE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2LL843 CYPRESS-CY2LL843 Datasheet
261Kb / 13P
   High-drive Two-Channel LVDS Repeater/Mux
logo
Pericom Semiconductor C...
PI90LV03 PERICOM-PI90LV03 Datasheet
337Kb / 7P
   SOTiny LVDS Repeater
logo
Texas Instruments
SN65LVDS108 TI1-SN65LVDS108_14 Datasheet
587Kb / 21P
[Old version datasheet]   8-PORT LVDS REPEATER
logo
THine Electronics, Inc.
THC63LVD1027 THINE-THC63LVD1027_15 Datasheet
798Kb / 23P
   Dual Link LVDS Repeater
logo
Texas Instruments
SN65LVDS116DGGR TI-SN65LVDS116DGGR Datasheet
339Kb / 19P
[Old version datasheet]   16-PORT LVDS REPEATER
SN65LVDS116 TI-SN65LVDS116 Datasheet
247Kb / 16P
[Old version datasheet]   16-PORT LVDS REPEATER
logo
California Eastern Labs
THC63LVD1027 CEL-THC63LVD1027_15 Datasheet
946Kb / 24P
   Dual Link LVDS Repeater
logo
Texas Instruments
SN65LVDS108 TI-SN65LVDS108 Datasheet
223Kb / 16P
[Old version datasheet]   8-PORT LVDS REPEATER
logo
National Semiconductor ...
DS10BR150_0711 NSC-DS10BR150_0711 Datasheet
394Kb / 12P
   1.0 Gbps LVDS Buffer/Repeater
logo
Texas Instruments
DS10BR150 TI1-DS10BR150_14 Datasheet
791Kb / 14P
[Old version datasheet]   1.0 Gbps LVDS Buffer / Repeater
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com