Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI90LVB022L Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI90LVB022L
Description  LVDS Mux/Repeater
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LVB022L Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI90LVB022L Datasheet HTML 1Page - Pericom Semiconductor Corporation PI90LVB022L Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90LVB022L Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LVB022L Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LVB022L Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LVB022L Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90LVB022L Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90LVB022L Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90LVB022L Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI90LV022, PI90LVB022
LVDS Mux / Repeater
4
PS8488B
09/28/04
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
T.
n
i
M.
p
y
T
)
1
(
.
x
a
Ms
t
i
n
U
V
+
H
T
I
d
l
o
h
s
e
r
h
t
e
g
a
tl
o
v
t
u
p
n
i
l
a
it
n
e
r
e
f
fi
d
g
n
i
o
g
-
e
v
it
i
s
o
P
V M
C
V
2
.
1
=
0
0
1
V
m
V
H
T
I
d
l
o
h
s
e
r
h
t
e
g
a
tl
o
v
t
u
p
n
i
l
a
it
n
e
r
e
f
fi
d
g
n
i
o
g
-
e
v
it
a
g
e
N0
0
1
II
)
s
t
u
p
n
i
B
r
o
A
(
t
n
e
r
r
u
c
t
u
p
n
I
VI
V
0
=2
–0
2
µA
VI
V
4
.
2
=2
.
1
II)
F
F
O
(
)
s
t
u
p
n
i
B
r
o
A
(
t
n
e
r
r
u
c
t
u
p
n
i
f
f
o
-
r
e
w
o
PV C
C
V
0
=
0
2
Receiver Electrical Characteristics Over Recommended Operating Conditions (unless otherwise noted)
Figure 2. Common-Mode Input Voltage vs. Differential Voltage
2.5
2
1.5
1
0.5
0
0.1
0.2
0.3
0.4
0.5
0.6
MAX at VCC > 3.15V
MAX at VCC = 3V
MIN
VID – Differential Input Voltage – V


Similar Part No. - PI90LVB022L

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LVB024 PERICOM-PI90LVB024 Datasheet
151Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
PI90LVB024 PERICOM-PI90LVB024 Datasheet
432Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
PI90LVB024L PERICOM-PI90LVB024L Datasheet
151Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
PI90LVB024L PERICOM-PI90LVB024L Datasheet
432Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
PI90LVB024LE PERICOM-PI90LVB024LE Datasheet
432Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
More results

Similar Description - PI90LVB022L

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2LL843 CYPRESS-CY2LL843 Datasheet
261Kb / 13P
   High-drive Two-Channel LVDS Repeater/Mux
logo
Pericom Semiconductor C...
PI90LV03 PERICOM-PI90LV03 Datasheet
337Kb / 7P
   SOTiny LVDS Repeater
logo
Texas Instruments
SN65LVDS108 TI1-SN65LVDS108_14 Datasheet
587Kb / 21P
[Old version datasheet]   8-PORT LVDS REPEATER
logo
THine Electronics, Inc.
THC63LVD1027 THINE-THC63LVD1027_15 Datasheet
798Kb / 23P
   Dual Link LVDS Repeater
logo
Texas Instruments
SN65LVDS116DGGR TI-SN65LVDS116DGGR Datasheet
339Kb / 19P
[Old version datasheet]   16-PORT LVDS REPEATER
SN65LVDS116 TI-SN65LVDS116 Datasheet
247Kb / 16P
[Old version datasheet]   16-PORT LVDS REPEATER
logo
California Eastern Labs
THC63LVD1027 CEL-THC63LVD1027_15 Datasheet
946Kb / 24P
   Dual Link LVDS Repeater
logo
Texas Instruments
SN65LVDS108 TI-SN65LVDS108 Datasheet
223Kb / 16P
[Old version datasheet]   8-PORT LVDS REPEATER
logo
National Semiconductor ...
DS10BR150_0711 NSC-DS10BR150_0711 Datasheet
394Kb / 12P
   1.0 Gbps LVDS Buffer/Repeater
logo
Texas Instruments
DS10BR150 TI1-DS10BR150_14 Datasheet
791Kb / 14P
[Old version datasheet]   1.0 Gbps LVDS Buffer / Repeater
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com