Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI90LVB044LE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI90LVB044LE
Description  LVDS Dual 2x2 Crosspoint/Repeater Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LVB044LE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI90LVB044LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI90LVB044LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90LVB044LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LVB044LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LVB044LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LVB044LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90LVB044LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90LVB044LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90LVB044LE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
PS8485D
09/22/04
Features
Dual 2x2 Crosspoint/Repeater Switch
Meets or Exceeds the Requirements of
ANSI TIA/EIA-644-1995
Designed for Signaling Rates up to 650 Mbit/s (325Mhz)
Operates from a single 3.3V Supply: –40°C to 85°C
Low-Voltage Differential Signaling with Output Voltages of
±350mV into:
- 100Ω load (PI90LV044)
- 50Ω load Bus LVDS Signaling (PI90LVB044)
Accepts ±350mV differential inputs
Wide common mode input range: 0.2V to 2.7V
Output drivers are high impedance when disabled or
when VCC ≤ 1.5V
Inputs are open, short, and terminated fail safe
Propagation Delay Time: 3.5ns
ESD protection is 10kV on bus pins
Bus Pins are High Impedance when disabled or
with VCC less than 1.5V
TTL Inputs are 5V Tolerant
Power Dissipation at 400 Mbit/s of 250mW
Packaging (Pb-free & Green available):
- 28-pin QSOP (Q)
- 28-pin TSSOP (L)
Description
The PI90LV044 and PI90LVB044 are monolithic dual 2x2 asyn-
chronous crosspoint/repeater switches. The crosspoint function
is based on a multiplexer tree architecture. Each 2x2 switch can
be considered as a pair of 2:1 multiplexers that share the same
inputs. The signal path through each switch is fully differential
with minimal propagation delay. The signal path is unregistered,
so no clock is required for the data inputs. The signal line drivers
and receivers use Low Voltage Differential Signaling (LVDS) to
achieve signaling rates as high as 650Mbps.
The LVDS standard provides a minimum differential output volt-
age magnitude of 247 mV into a 100Ω load and receipt of 100
mV signals with up to 1V of ground potential difference between a
transmitter and receiver.The PI90LVB044 doubles the output drive
current to achieve LVDS levels with a 50 ohm load.
The intended application of these devices is for loop-through and
redundant channel switching for both point-to-point baseband
(PI90LV044) and multipoint (PI90LVB044) data transmissions
over controlled impedance media.
Block Diagram
Pin Configuration
PI90LV044, PI90LVB044
LVDS Dual 2x2 Crosspoint/Repeater Switch
VCC
1Y
1Z
2DE
2Z
2Y
GND
VCC
3Y
3Z
4DE
4Y
4Z
GND
1B
1A
S0
1DE
S1
2A
2B
3A
3B
S2
3DE
S3
4A
4B
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
1DE/2DE
1Y/1Z
2Y/2Z
3DE/4DE
3Y/3Z
4Y/4Z
S0,S1
1A/1B
2A/2B
S2/S3
3A/3B
4A/4B


Similar Part No. - PI90LVB044LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LVB047A PERICOM-PI90LVB047A Datasheet
155Kb / 7P
   3V LVDS Quad Flow-Through Differential Line Drivers
PI90LVB047AL PERICOM-PI90LVB047AL Datasheet
155Kb / 7P
   3V LVDS Quad Flow-Through Differential Line Drivers
PI90LVB047ALE PERICOM-PI90LVB047ALE Datasheet
155Kb / 7P
   3V LVDS Quad Flow-Through Differential Line Drivers
PI90LVB047AW PERICOM-PI90LVB047AW Datasheet
155Kb / 7P
   3V LVDS Quad Flow-Through Differential Line Drivers
PI90LVB047AWE PERICOM-PI90LVB047AWE Datasheet
155Kb / 7P
   3V LVDS Quad Flow-Through Differential Line Drivers
More results

Similar Description - PI90LVB044LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV024 PERICOM-PI90LV024 Datasheet
151Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
PI90LV024 PERICOM-PI90LV024_04 Datasheet
432Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
logo
Texas Instruments
SN65LVCP22 TI-SN65LVCP22_07 Datasheet
567Kb / 19P
[Old version datasheet]   2x2 LVDS CROSSPOINT SWITCH
DS10CP152 TI1-DS10CP152_14 Datasheet
767Kb / 16P
[Old version datasheet]   Gbps 2X2 LVDS Crosspoint Switch
SN55LVCP22-SP TI1-SN55LVCP22-SP Datasheet
298Kb / 17P
[Old version datasheet]   CLASS V 2x2 LVDS CROSSPOINT SWITCH
SN55LVCP22 TI1-SN55LVCP22 Datasheet
257Kb / 20P
[Old version datasheet]   CLASS V 2x2 LVDS CROSSPOINT SWITCH
logo
National Semiconductor ...
DS25CP152 NSC-DS25CP152 Datasheet
272Kb / 12P
   3.125 Gbps LVDS 2x2 Crosspoint Switch
logo
Texas Instruments
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152_08 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152 Datasheet
766Kb / 15P
[Old version datasheet]   1.5 Gbps 2X2 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com