Selected language     English  ▼


NTE980 Datasheet(PDF) 3 Page - NTE Electronics

Part No. NTE980
Description  Integrated Circuit CMOS, Micropower Phase-Locked Loop (PLL)
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

   
 3 page
background image
Static Electrical Characteristics (Cont’d): (TA = +25°C unless otherwise specified)
Test Conditions
Parameter
Symbol
VO
VIN
VDD
Min
Typ
Max
Unit
Phase Comparator Section (Cont’d)
DC Coupled Signal Input and
VILMax
0.5V, 4.5V
5V
1.5
V
Comparator Input Voltage Sensitivity
Low Level
1V, 9V
10V
3.0
V
Low Level
1.5V, 13.5V
15V
4.0
V
High Level
VIHMax
0.5V, 4.5V
5V
3.5
V
1V, 9V
10V
7.0
V
1.5V, 13.5V
15V
11.0
V
Input Current (Except Pin14)
IINMax
0V, 18V
18V
±10–5
±0.1
µA
3–State Leakage Current
IOUTMax
0V, 18V
0V, 18V
18V
±10–5
±0.1
µA
Electrical Characteristics: (TA = +25°C)
Test Conditions
Parameter
Symbol
VDD
Min
Typ
Max
Unit
VCO Section
Operating Power
PD
fo = 10kHz,
R1 = 1MΩ,
5V
70
140
µW
Dissipation
R2 = ∞
VCO
=
VDD
10V
800
1600
µW
VCOIN =
2
15V
3000
6000
µW
Maximum Operating
fmax
C1 = 50pF,
R1 = 10kΩ
5V
0.3
0.6
MHz
Frequency
R2 = ∞,
VCO
= V
10V
0.6
1.2
MHz
VCOIN = VDD
15V
0.8
1.6
MHz
R1 = 5kΩ
5V
0.5
0.8
MHz
10V
1.0
1.4
MHz
15V
1.4
2.4
MHz
Linearity
VCOIN = 2.5V±0.3V R1 = 10kΩ
5V
1.7
%
VCOIN = 5.0V±1.0V R1 = 100kΩ
10V
0.5
%
VCOIN = 5.0V±2.5V R1 = 400kΩ
10V
4.0
%
VCOIN = 7.5V±0.3V R1 = 100kΩ
15V
0.5
%
VCOIN = 7.5V±5.0V R1 = 1MΩ
15V
7.0
%
Temperature–Frequency
fMIN = 0
5V
±0.12
%/
°C
Stability:
No Frequency Offset
10V
±0.04
%/
°C
No Frequency Offset
15V
±0.015
%/
°C
Frequency Offset
fMIN 0 0
5V
±0.09
%/
°C
10V
±0.07
%/
°C
15V
±0.03
%/
°C
Output Duty Cycle
5, 10, 15V
50
%
Output Transition Times
tTHL, tTLH
5V
100
200
ns
10V
50
100
ns
15V
40
80
ns




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NTE1475Integrated Circuit CMOS Phase-Locked Loop PLL Frequency Synthesizer for CB 1 2 3 NTE Electronics
NTE1534Integrated Circuit CMOS Phase Lock Loop PLL Frequency Synthesizer for AM/FM Radio 1 2 NTE Electronics
NTE1248Integrated Circuit Phase Lock Loop PLL FM Multiplex Stereo Demod 1 2 3 NTE Electronics
NTE7069Integrated Circuit 2 Modulus High Speed Divider w/ECL Output for Phase-Lock Loop PLL Synthesized TV Tuner 1 2 NTE Electronics
NTE1206Integrated Circuit Phase Lock Loop PLL Stereo Decoder 1 2 NTE Electronics
NTE1254Integrated Circuit Phase-Lock Loop PLL Frequency Synthesizer for CB 1 2 NTE Electronics
NTE7116Integrated Circuit Phase Lock Loop PLL Stereo Decoder BTSC System 1 2 3 4 5 NTE Electronics
NTE1779Integrated Circuit TV VIF Amp Phase Lock Loop PLL 1 2 NTE Electronics
NTE7050Integrated Circuit Phase Lock Loop PLL Stereo Decoder 1 2 3 4 5 NTE Electronics
NTE743Integrated Circuit Phase Lock Loop PLL Stereo Decoder 1 2 3 NTE Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl