Selected language     English  ▼


NTE980 Datasheet(PDF) 4 Page - NTE Electronics

Part No. NTE980
Description  Integrated Circuit CMOS, Micropower Phase-Locked Loop (PLL)
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

   
 4 page
background image
Electrical Characteristics (Cont’d): (TA = +25°C)
Test Conditions
Parameter
Symbol
VDD
Min
Typ
Max
Unit
VCO Section (Cont’d)
Source–Follower Output
VCOIN–VDEM RS > 10k
5V
1.8
2.5
V
(Demodulated Output):
Offset Voltage
10V
1.8
2.5
V
Offset Voltage
15V
1.8
2.5
V
Linearity
VCOIN = 2.5V±0.3V RS = 100kΩ
5V
0.3
%
VCOIN = 5.0V±2.5V RS = 300kΩ
10V
0.7
%
VCOIN = 7.5V±5.0V RS = 500kΩ
15V
0.9
%
Zener Diode Voltage
VZ
IZ = 50µA
4.45
5.50
6.15
V
Zener Dynamic Resistance
RZ
IZ = 1mA
40
Phase Comparator Section
Pin14 (Signal In) Input
R14
5V
1.0
2.0
M
Resistance
10V
0.2
0.4
M
15V
0.1
0.2
M
AC Coupled Signal Input
fIN = 100kHz, Sine Wave, Note 1
5V
180
360
mV
Voltage Sensitivity
(Peak–to–Peak)
10V
330
660
mV
(Peak–to–Peak)
15V
900
1800
mV
Propagation Delay Time
tPHL
5V
225
450
ns
(Pin14 to Pin13)
High to Low Level
10V
100
200
ns
High to Low Level
15V
65
130
ns
Low to High Level
tPLH
5V
350
700
ns
10V
150
300
ns
15V
100
200
ns
3–State Propagation Delay
tPHZ
5V
225
450
ns
Time (Pin14 to Pin13)
High Level to
10V
100
200
ns
High Level to
Low Impedance
15V
95
190
ns
Low Level to
tPLZ
5V
285
570
ns
High Impedance
10V
130
260
ns
15V
95
190
ns
Input Rise or Fall Times
tr, tf
5V
50.0
µs
Comparator Input (Pin3)
10V
1.0
µs
15V
0.3
µs
Signal Input (Pin14)
5V
500.0
µs
10V
20.0
µs
15V
2.5
µs
Output Transition Times
tTHL, tTLH
5V
100
200
ns
10V
50
100
ns
15V
40
80
ns
Note 1. For sine wave, the frequency must be greater than 10kHz for Phase Comparator II.




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NTE1475Integrated Circuit CMOS Phase-Locked Loop PLL Frequency Synthesizer for CB 1 2 3 NTE Electronics
NTE1534Integrated Circuit CMOS Phase Lock Loop PLL Frequency Synthesizer for AM/FM Radio 1 2 NTE Electronics
NTE1248Integrated Circuit Phase Lock Loop PLL FM Multiplex Stereo Demod 1 2 3 NTE Electronics
NTE7069Integrated Circuit 2 Modulus High Speed Divider w/ECL Output for Phase-Lock Loop PLL Synthesized TV Tuner 1 2 NTE Electronics
NTE1206Integrated Circuit Phase Lock Loop PLL Stereo Decoder 1 2 NTE Electronics
NTE1254Integrated Circuit Phase-Lock Loop PLL Frequency Synthesizer for CB 1 2 NTE Electronics
NTE7116Integrated Circuit Phase Lock Loop PLL Stereo Decoder BTSC System 1 2 3 4 5 NTE Electronics
NTE1779Integrated Circuit TV VIF Amp Phase Lock Loop PLL 1 2 NTE Electronics
NTE7050Integrated Circuit Phase Lock Loop PLL Stereo Decoder 1 2 3 4 5 NTE Electronics
NTE743Integrated Circuit Phase Lock Loop PLL Stereo Decoder 1 2 3 NTE Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl