Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE980 Datasheet(PDF) 5 Page - NTE Electronics

Part # NTE980
Description  Integrated Circuit CMOS, Micropower Phase-Locked Loop (PLL)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE980 Datasheet(HTML) 5 Page - NTE Electronics

  NTE980 Datasheet HTML 1Page - NTE Electronics NTE980 Datasheet HTML 2Page - NTE Electronics NTE980 Datasheet HTML 3Page - NTE Electronics NTE980 Datasheet HTML 4Page - NTE Electronics NTE980 Datasheet HTML 5Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
R1 to VSS
R2 to VSS
VDD
Pin Connection Diagram
VSS
Inhibit
Demodulator Output
Phase Comp 2 Out
VCO Input
Signal Input
C1 (2)
VCO Output
C1 (1)
Comparator Input
Phase Comp 1 Out
Phase Pulses
1
2
3
4
5
6
7
8
16
15
14
13
Zener
12
11
10
9
.260 (6.6) Max
16
9
18
.785 (19.9) Max
.200 (5.08)
Max
.245
(6.22)
Min
.300 (7.62)
.700 (17.7)
.100 (2.54)


Similar Part No. - NTE980

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE98 NTE-NTE98 Datasheet
28Kb / 3P
   Silicon NPN Transistor HV Darlington Power Amp, Switch
NTE981 NTE-NTE981 Datasheet
24Kb / 3P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, 100mA
NTE983 NTE-NTE983 Datasheet
19Kb / 2P
   Integrated Circuit Low Noise Dual Preamp
NTE984 NTE-NTE984 Datasheet
23Kb / 3P
   Integrated Circuit TV Video IF System
NTE985 NTE-NTE985 Datasheet
87Kb / 3P
   Integrated Circuit TV Luminance Processor
More results

Similar Description - NTE980

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY241V8A-11 CYPRESS-CY241V8A-11 Datasheet
481Kb / 9P
   Integrated phase locked loop (PLL)
logo
Texas Instruments
CD4046B TI1-CD4046B_15 Datasheet
941Kb / 16P
[Old version datasheet]   CMOS Micropower Phase-Locked Loop
CD4046B TI-CD4046B Datasheet
322Kb / 12P
[Old version datasheet]   CMOS MICROPOWER PHASE-LOCKED LOOP
logo
Intersil Corporation
CD4046BMS INTERSIL-CD4046BMS Datasheet
109Kb / 11P
   CMOS Micropower Phase Locked Loop
December 1992
logo
NTE Electronics
NTE1475 NTE-NTE1475 Datasheet
29Kb / 3P
   Integrated Circuit CMOS, Phase-Locked Loop (PLL) Frequency Synthesizer for CB
logo
Micro Electronics
MMC4046 MICRO-ELECTRONICS-MMC4046 Datasheet
306Kb / 8P
   MICROPOWER PHASE LOCKED LOOP
logo
STMicroelectronics
HCF4046B STMICROELECTRONICS-HCF4046B_01 Datasheet
705Kb / 12P
   MICROPOWER PHASE-LOCKED LOOP
logo
Fairchild Semiconductor
CD4046BC FAIRCHILD-CD4046BC Datasheet
185Kb / 14P
   Micropower Phase-Locked Loop
logo
National Semiconductor ...
CD4046BC NSC-CD4046BC Datasheet
310Kb / 14P
   Micropower Phase-Locked Loop
logo
NTE Electronics
NTE843 NTE-NTE843 Datasheet
20Kb / 2P
   Integrated Circuit TV Video IF Phase Locked Loop (PLL) Synchronous Detector
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com