Selected language     English  ▼


NTE980 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE980
Description  Integrated Circuit CMOS, Micropower Phase-Locked Loop (PLL)
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

   
 1 page
background image
NTE980
Integrated Circuit
CMOS, Micropower Phase–Locked Loop (PLL)
Description:
The NTE980 CMOS Micropower Phase–Locked Loop (PLL) consists of a low–power, linear voltage–
controlled oscillator (VCO) and two different phase comparators having a common signal–input am-
plifier and a common comparator input in a 16–Lead type package. A 5.2V zener diode is provided
for supply regulation if necessary.
Features:
D Very Low Power Consumption: 70µW (Typ) @ VCO fo = 10kHz, VDD = 5V
D Operating Frequency Range up to 1.4MHz (Typ) @ VDD = 10V, RI = 5kΩ
D Low Frequency Drift: 0.04%/°C (Typ) @ VDD = 10V
D Choice of Two Phase Comparators:
Exclusive–OR Network (I)
Edge–Controlled Memory Network w/Phase–Pulse Output for Lock Indication (II)
D High VCO Linearity: < 1% (Typ) @ VDD = 10V
D VCO Inhibit Control for ON–OFF Keying and Ultra–Low Standby Power Consumption
D Source–Follower Output of VCO Control Input (Demod. Output)
D Zener Diode to Assist Supply Regulation
D Standardized, Symmetrical Output Characteristics
D 100% Tested for Quiescent Current at 20V
D 5V, 10V, and 15V Parametric Ratings
Applications:
D FM Demodulator and Modulator
D Frequency Synthesis and Multiplication
D Frequency Discriminator
D Signal Conditioning
D FSK – Modems
D Data Synchronization
D Voltage–to–Frequency Conversion
D Tone Decoding
Absolute Maximum Ratings:
DC Supply Voltage Range (Voltages referenced to VSS terminal), VDD
–0.5 to +20V
. . . . . . . . . . . .
Input Voltage Range, All Inputs
–0.5 to VDD+0.5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DC Input Current, Any One Input
±10mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (TA = –40° to +60°C), PD
500mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TA = +60° to +85°C
Derate Linearly at 12mW/
°C to 200mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Device Dissipation Per Output Transistor (TA = –40° to +85°C)
100mW
. . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, TA
–40
° to +85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (During Soldering, 1/16”
±1/32” from case, 10sec Max), TL
+265
°C
. . . . . . . . . . .




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NTE1475Integrated Circuit CMOS Phase-Locked Loop PLL Frequency Synthesizer for CB 1 2 3 NTE Electronics
NTE1534Integrated Circuit CMOS Phase Lock Loop PLL Frequency Synthesizer for AM/FM Radio 1 2 NTE Electronics
NTE1248Integrated Circuit Phase Lock Loop PLL FM Multiplex Stereo Demod 1 2 3 NTE Electronics
NTE7069Integrated Circuit 2 Modulus High Speed Divider w/ECL Output for Phase-Lock Loop PLL Synthesized TV Tuner 1 2 NTE Electronics
NTE1206Integrated Circuit Phase Lock Loop PLL Stereo Decoder 1 2 NTE Electronics
NTE1254Integrated Circuit Phase-Lock Loop PLL Frequency Synthesizer for CB 1 2 NTE Electronics
NTE7116Integrated Circuit Phase Lock Loop PLL Stereo Decoder BTSC System 1 2 3 4 5 NTE Electronics
NTE1779Integrated Circuit TV VIF Amp Phase Lock Loop PLL 1 2 NTE Electronics
NTE7050Integrated Circuit Phase Lock Loop PLL Stereo Decoder 1 2 3 4 5 NTE Electronics
NTE743Integrated Circuit Phase Lock Loop PLL Stereo Decoder 1 2 3 NTE Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl