Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM705 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM705
Description  5V Supervisor
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM705 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM705 Datasheet HTML 7Page - STMicroelectronics STM705 Datasheet HTML 8Page - STMicroelectronics STM705 Datasheet HTML 9Page - STMicroelectronics STM705 Datasheet HTML 10Page - STMicroelectronics STM705 Datasheet HTML 11Page - STMicroelectronics STM705 Datasheet HTML 12Page - STMicroelectronics STM705 Datasheet HTML 13Page - STMicroelectronics STM705 Datasheet HTML 14Page - STMicroelectronics STM705 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
11/27
STM705/706/707/708/813L
TYPICAL OPERATING CHARACTERISTICS
Note: Typical values are at TA = 25°C.
Figure 13. Supply Current vs. Temperature (no load)
Figure 14. VPFI Threshold vs. Temperature
Temperature (
°C)
AI09141b
0
5
10
15
20
25
30
–40
–20
0
20
40
60
80
100
120
VCC = 2.7V
VCC = 3.0V
VCC = 3.6V
VCC = 4.5V
VCC = 5.5V
Temperature (
°C)
AI09142b
1.225
1.230
1.235
1.240
1.245
1.250
1.255
1.260
1.265
1.270
–40
–20
0
20
40
60
80
100
120
VCC = 3.0V
VCC = 4.5V
VCC = 4.75V
VCC = 5.5V


Similar Part No. - STM705

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM705 STMICROELECTRONICS-STM705 Datasheet
838Kb / 32P
   5 V supervisor
STM705ADS6E STMICROELECTRONICS-STM705ADS6E Datasheet
838Kb / 32P
   5 V supervisor
STM705ADS6F STMICROELECTRONICS-STM705ADS6F Datasheet
838Kb / 32P
   5 V supervisor
STM705AM6E STMICROELECTRONICS-STM705AM6E Datasheet
838Kb / 32P
   5 V supervisor
STM705AM6F STMICROELECTRONICS-STM705AM6F Datasheet
838Kb / 32P
   5 V supervisor
More results

Similar Description - STM705

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM690A STMICROELECTRONICS-STM690A Datasheet
773Kb / 37P
   5V Supervisor with Battery Switchover
M48T212Y STMICROELECTRONICS-M48T212Y Datasheet
616Kb / 32P
   5V/3.3V TIMEKEEPER CONTROLLER Supervisor
M40SZ100Y STMICROELECTRONICS-M40SZ100Y Datasheet
285Kb / 19P
   5V or 3V NVRAM SUPERVISOR FOR LPSRAM
M40SZ100Y STMICROELECTRONICS-M40SZ100Y_07 Datasheet
230Kb / 25P
   5V or 3V NVRAM supervisor for LPSRAM
M40Z111 STMICROELECTRONICS-M40Z111_07 Datasheet
180Kb / 21P
   5V or 3V NVRAM supervisor for up to two LPSRAMs
M40Z300 STMICROELECTRONICS-M40Z300_05 Datasheet
348Kb / 21P
   5V or 3V NVRAM Supervisor for Up to 8 LPSRAMs
M40Z111 STMICROELECTRONICS-M40Z111 Datasheet
107Kb / 15P
   5V OR 3V NVRAM SUPERVISOR FOR UP TO TWO LPSRAMs
M40Z300 STMICROELECTRONICS-M40Z300_07 Datasheet
221Kb / 25P
   5V or 3V NVRAM supervisor for up to 8 LPSRAMs
logo
Advanced Analog Technol...
AAT1011A AAT-AAT1011A Datasheet
84Kb / 7P
   3-CHANNEL PC POWER SUPPLY SUPERVISOR FOR 3.3V, 5V AND 12V
logo
Alliance Semiconductor ...
ASM1834 ALSC-ASM1834 Datasheet
256Kb / 10P
   Dual 5V and 3.3V uP Power Supply Supervisor with Manual Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com