Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI9139DG-2018 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SI9139DG-2018
Description  Multi-Output, Individual On/Off Control Power-Supply Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9139DG-2018 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SI9139DG-2018 Datasheet HTML 4Page - Vishay Siliconix SI9139DG-2018 Datasheet HTML 5Page - Vishay Siliconix SI9139DG-2018 Datasheet HTML 6Page - Vishay Siliconix SI9139DG-2018 Datasheet HTML 7Page - Vishay Siliconix SI9139DG-2018 Datasheet HTML 8Page - Vishay Siliconix SI9139DG-2018 Datasheet HTML 9Page - Vishay Siliconix SI9139DG-2018 Datasheet HTML 10Page - Vishay Siliconix SI9139DG-2018 Datasheet HTML 11Page - Vishay Siliconix SI9139DG-2018 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Si9139
Vishay Siliconix
New Product
www.vishay.com
8
Document Number: 71841
S-22317—Rev. A, 16-Dec-02
TYPICAL WAVEFORMS
250-mA Transient Auxiliary Converter C
(Buck-Boost Mode—Output Set To 12 V)
VOUT
(100 mV/div)
200
ms/div
VVIN = 10.0 V
Load Current
(100 mA/div)


Similar Part No. - SI9139DG-2018

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9130 VISHAY-SI9130 Datasheet
138Kb / 13P
   Pin-Programmable Dual Controller-Portable PCs
Rev. F, 26-Apr-04
SI9130 VISHAY-SI9130 Datasheet
252Kb / 15P
   Pin-Programmable Dual Controller - Portable PCs
Rev. G, 16-May-11
SI9130CG VISHAY-SI9130CG Datasheet
138Kb / 13P
   Pin-Programmable Dual Controller-Portable PCs
Rev. F, 26-Apr-04
SI9130CG VISHAY-SI9130CG Datasheet
252Kb / 15P
   Pin-Programmable Dual Controller - Portable PCs
Rev. G, 16-May-11
SI9130CG-T1 VISHAY-SI9130CG-T1 Datasheet
138Kb / 13P
   Pin-Programmable Dual Controller-Portable PCs
Rev. F, 26-Apr-04
More results

Similar Description - SI9139DG-2018

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9138 VISHAY-SI9138 Datasheet
150Kb / 14P
   Multi-Output, Individual On/Off Control Power-Supply Controller
Rev. B, 13-May-02
SI9136 VISHAY-SI9136_11 Datasheet
259Kb / 16P
   Multi-Output Power-Supply Controller
Rev. D, 16-May-11
SI9136 VISHAY-SI9136 Datasheet
178Kb / 14P
   Multi-Output Power-Supply Controller
Rev. C, 03-Apr-00
SI9136 VISHAY-SI9136_V01 Datasheet
224Kb / 16P
   Multi-Output Power-Supply Controller
01-Jan-2022
SI9135 VISHAY-SI9135_11 Datasheet
271Kb / 16P
   SMBus Multi-Output Power-Supply Controller
Rev. D, 16-May-11
SI9135 VISHAY-SI9135 Datasheet
453Kb / 14P
   SMBus Multi-Output Power-Supply Controller
Rev. B, 05-Apr-99
logo
Texas Instruments
UCC2888 TI1-UCC2888 Datasheet
350Kb / 9P
[Old version datasheet]   OFF-LINE POWER SUPPLY CONTROLLER
UCC1888 TI-UCC1888 Datasheet
299Kb / 6P
[Old version datasheet]   Off-line Power Supply Controller
UCC1889 TI1-UCC1889_13 Datasheet
1Mb / 14P
[Old version datasheet]   Off-line Power Supply Controller
UCC1889 TI-UCC1889 Datasheet
454Kb / 7P
[Old version datasheet]   Off-line Power Supply Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com