Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38749E7D-XXXFS Datasheet(PDF) 10 Page - Mitsubishi Electric Semiconductor

Part # M38749E7D-XXXFS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER???
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38749E7D-XXXFS Datasheet(HTML) 10 Page - Mitsubishi Electric Semiconductor

Back Button M38749E7D-XXXFS Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M38749E7D-XXXFS Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M38749E7D-XXXFS Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M38749E7D-XXXFS Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M38749E7D-XXXFS Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M38749E7D-XXXFS Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M38749E7D-XXXFS Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M38749E7D-XXXFS Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M38749E7D-XXXFS Datasheet HTML 14Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 92 page
background image
10
3874 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
GROUP EXPANSION (Automotive version)
The 3874 group (automotive version) is designed for automotive
body electronics control.
Mitsubishi plans to expand the 3874 group (automotive version)
as follows:
Memory Type
Support for mask ROM and One Time PROM versions
Memory Size
ROM/PROM size ............................................... 16 K to 60 K bytes
RAM size .......................................................... 1024 to 2048 bytes
Packages
80P6S-A .................................. 0.65 mm-pitch plastic molded QFP
Fig. 7 Memory expansion plan (Automotive correspondence version)
Currently planning products are listed below.
RAM size (bytes)
Remarks
Package
Table 4 Support products
Product name
As of March 1998
61440 (61310)
49152 (49022)
24576 (24446)
16384 (16254)
(P) ROM size (bytes)
ROM size for User in (
)
Memory Expansion Plan of 3874 group (Automotive version)
Products under development or planning : the development schedule and specification may be revised without notice.
Planning products may be stopped during the development.
M38749EFT
M38747MCT
M38747M6T
M38747M4T
80P6S-A
One Time PROM version
Mask ROM version
2048
1048
32K
1024
60K
ROM size (byte)
RAM size (byte)
1536
2048
36K
40K
44K
48K
52K
56K
28K
24K
16K
20K
Mass product
M38747MCT
Mass product
M38749EFT
Mass product
M38747M6T
Mass product
M38747M4T
*Supported only PROM version
shipped after writing


Similar Part No. - M38749E7D-XXXFS

ManufacturerPart #DatasheetDescription
logo
Heyco.
M3874 HEYCO-M3874 Datasheet
192Kb / 1P
   Tite Snap-In-2® Liquid Tight Cordgrips
More results

Similar Description - M38749E7D-XXXFS

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com