Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH8082 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TH8082
Description  Single LIN Bus Transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TH8082 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TH8082 Datasheet HTML 1Page - List of Unclassifed Manufacturers TH8082 Datasheet HTML 2Page - List of Unclassifed Manufacturers TH8082 Datasheet HTML 3Page - List of Unclassifed Manufacturers TH8082 Datasheet HTML 4Page - List of Unclassifed Manufacturers TH8082 Datasheet HTML 5Page - List of Unclassifed Manufacturers TH8082 Datasheet HTML 6Page - List of Unclassifed Manufacturers TH8082 Datasheet HTML 7Page - List of Unclassifed Manufacturers TH8082 Datasheet HTML 8Page - List of Unclassifed Manufacturers TH8082 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TH8082
Single LIN Transceiver
www.melexis.com
Page 3
Data Sheet Rev 1.0 June 2001
Functional Description
After power on the chip automatically enters the VBAT-
stanby mode . In this intermediate mode the INH output
will become HIGH (VS) and therefore the voltage regula-
tor will provide the
VCC - supply . The transceiver will
remain the VBAT-stanby mode until the controller sets it to
normal operation ( EN = High ) . Only in this mode bus
communication is possible. The TH8082 switches itself in
the VBAT-stanby mode if VCC is missing or below the
threshold.
The sleep mode ( EN = LOW) can only be reached from
normal mode and permits a very low power consumtion
because the transceiver and even the external voltage
regulator get disabled. If the VCC has been switched off a
wake-up request from the bus line will cause the TH8082
to enter the VBAT-stanby mode (VCC is present again) and
sets the RxD output to low until the device enters the
normal operation mode (active LOW interrupt at RxD). If
the INH pin is not connected to the regulator or the inhibi-
table external regulator is not the one that provides the
VCC – supply, the normal mode is directly accessilble by
a logic high on the EN pin.
In order to prevent an unintended wake-up caused by
disturbances of the automotiv environment incoming
dominant signals from the bus have to exceed the wake–
up delay time.
EN
VCC
Comment
INH
RxD
0
0
VBAT-standby , power on
Vs
0
0
1
VBAT-standby , VCC on , wake up condition after
power on
Vs
Active LOW
wake-up interrupt
1
1
Normal mode , VCC on
Vs
1 = recessive bus
0 = dominant bus
1
0
VBAT-standby , VCC missing (VCC<VCCUV)
Vs
VCC
0
0
Sleep mode, switch to VBAT-standby in case of
wake-up request
floating
Active LOW wake-up inter-
rupt if VCC is present
0
1
Sleep mode, regulator not disabled, switch to
VBAT-standby in case wake-up request, directly
switch to normal mode with EN = 1
floating
Active LOW
wake-up interrupt
Mode Control of TH8082


Similar Part No. - TH8082

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH8082 MELEXIS-TH8082 Datasheet
648Kb / 26P
   Enhanced SoloLIN Transceiver
TH8082KDC MELEXIS-TH8082KDC Datasheet
648Kb / 26P
   Enhanced SoloLIN Transceiver
More results

Similar Description - TH8082

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9638 STMICROELECTRONICS-L9638 Datasheet
271Kb / 14P
   LIN BUS TRANSCEIVER
logo
ELMOS Semiconductor AG
E910.15 ELMOS-E910.15 Datasheet
105Kb / 1P
   LIN- / K-Bus transceiver
logo
ATMEL Corporation
ATA6623 ATMEL-ATA6623_09 Datasheet
695Kb / 23P
   LIN Bus Transceiver with Integrated Voltage Regulator
ATA6620N ATMEL-ATA6620N Datasheet
418Kb / 20P
   LIN Bus Transceiver with Integrated Voltage Regulator
ATA6620N ATMEL-ATA6620N_09 Datasheet
383Kb / 22P
   LIN Bus Transceiver with Integrated Voltage Regulator
ATA6623 ATMEL-ATA6623 Datasheet
392Kb / 22P
   LIN Bus Transceiver with Integrated Voltage Regulator
logo
ELMOS Semiconductor AG
910.18 ELMOS-910.18 Datasheet
123Kb / 2P
   lin bus transceiver with integrated voltage regulator
logo
ATMEL Corporation
ATA6631 ATMEL-ATA6631_14 Datasheet
961Kb / 26P
   LIN Bus Transceiver with Integrated Voltage Regulator
ATA6620 ATMEL-ATA6620_06 Datasheet
325Kb / 20P
   LIN Bus Transceiver with Integrated Voltage Regulator
logo
Allegro MicroSystems
A8423 ALLEGRO-A8423 Datasheet
368Kb / 8P
   LIN Bus Transceiver with Integrated Voltage Regulator
February 9, 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com