Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6363G Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE6363G
Description  Multifunctional Voltage Regulator and Watchdog
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6363G Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE6363G Datasheet HTML 1Page - Infineon Technologies AG TLE6363G Datasheet HTML 2Page - Infineon Technologies AG TLE6363G Datasheet HTML 3Page - Infineon Technologies AG TLE6363G Datasheet HTML 4Page - Infineon Technologies AG TLE6363G Datasheet HTML 5Page - Infineon Technologies AG TLE6363G Datasheet HTML 6Page - Infineon Technologies AG TLE6363G Datasheet HTML 7Page - Infineon Technologies AG TLE6363G Datasheet HTML 8Page - Infineon Technologies AG TLE6363G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Data Sheet V 1.1
1
2000-11-8
Multifunctional Voltage Regulator and Watchdog
TLE 6363
Preliminary Data Sheet
P-DSO-14-2
Overview
Features
• Step up converter (Boost Voltage)
• Boost Over- and Under-Voltage-Lockout
• Step down converter (Logic Voltage)
• 2% output voltage tolerance
• Logic Over- and Under-Voltage-Lockout
• Overtemperature Shutdown
• Power ON/OFF reset generator
• Digital window watchdog
• System Enable Output
• Ambient operation temperature range – 40
Cto 125 C
• Wide Supply voltage operation range
• Very low current consumption
• Very small P-DSO-14-2 SMD package
Functional Description
General
The TLE 6363 G is a multifunctional power supply circuit especially designed for
automotive applications.
It delivers a programmable step up voltage (Boost) and a precise 5 V fully short circuit
protected output voltage (Buck).
The TLE 6363 G contains a power on reset feature to start up the system, an integrated
digital window watchdog to monitor the connected microcontroller and a system enable
output to indicate the microcontroller window watchdog faults.
The device is based on Infineon’s power technology SPT® which allows bipolar and
CMOS control circuitry to be integrated with DMOS power devices on the same
monolithic circuitry.
The very small P-DSO-14-2 SMD packages meet the application requirements.
Type
Ordering Code
Package
TLE 6363 G
on request
P-DSO-14-2


Similar Part No. - TLE6363G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6363 INFINEON-TLE6363 Datasheet
770Kb / 28P
   Multifunctional Voltage Regulator and Watchdog
Rev. 1.2 2003-06-02
TLE6363 INFINEON-TLE6363_03 Datasheet
770Kb / 28P
   Multifunctional Voltage Regulator and Watchdog
Rev. 1.2 2003-06-02
More results

Similar Description - TLE6363G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6711 INFINEON-TLE6711 Datasheet
265Kb / 28P
   Multifunctional Voltage Regulator and Watchdog
V 2.22 2001-04-23
TLE6363 INFINEON-TLE6363_03 Datasheet
770Kb / 28P
   Multifunctional Voltage Regulator and Watchdog
Rev. 1.2 2003-06-02
TLE6711 INFINEON-TLE6711_07 Datasheet
983Kb / 25P
   Multifunctional Voltage Regulator and Watchdog
Rev. 3.4, August 2007
logo
Sanyo Semicon Device
LA5611 SANYO-LA5611 Datasheet
60Kb / 5P
   Multifunctional Voltage Regulator for TVs and VCRs
logo
Rohm
BD3021HFP-M ROHM-BD3021HFP-M_10 Datasheet
384Kb / 15P
   Regulator with Voltage Detector and Watchdog Timer
logo
Melexis Microelectronic...
TH8065 MELEXIS-TH8065 Datasheet
1Mb / 40P
   Voltage Regulator with LIN Transceiver and Watchdog
logo
Rohm
BD3010AFV-M ROHM-BD3010AFV-M Datasheet
561Kb / 22P
   Regulator with Voltage Detector and Watchdog Timer
logo
ELMOS Semiconductor AG
E910.48 ELMOS-E910.48 Datasheet
122Kb / 1P
   LIN transceiver with voltage regulator and watchdog
logo
Sanyo Semicon Device
LA5612 SANYO-LA5612 Datasheet
59Kb / 5P
   Multifunctional Voltage Regulator for TVs and VCRs with BS Tuner
logo
Seiko Instruments Inc
S-19500A03A-E8T1U4 SII-S-19500A03A-E8T1U4 Datasheet
4Mb / 52P
   CMOS VOLTAGE REGULATOR WITH WATCHDOG TIMER AND RESET FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com