Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6726 Datasheet(PDF) 10 Page - Texas Instruments

Part # TMS320C6726
Description  Floating-Point Digital Signal Processors
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6726 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS320C6726 Datasheet HTML 6Page - Texas Instruments TMS320C6726 Datasheet HTML 7Page - Texas Instruments TMS320C6726 Datasheet HTML 8Page - Texas Instruments TMS320C6726 Datasheet HTML 9Page - Texas Instruments TMS320C6726 Datasheet HTML 10Page - Texas Instruments TMS320C6726 Datasheet HTML 11Page - Texas Instruments TMS320C6726 Datasheet HTML 12Page - Texas Instruments TMS320C6726 Datasheet HTML 13Page - Texas Instruments TMS320C6726 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 115 page
background image
www.ti.com
2.4
Internal Program/Data ROM and RAM
ROM Page 1
Base Address
0x0004 0000
ROM Page 0
Base Address
0x0000 0000
Bank
0
Bank
1
Bank
2
Bank
3
RAM Page 0
Base Address
0x1000 0000
Bank
0
Bank
1
Bank
2
Bank
3
Bank
4
Bank
5
Bank
6
Bank
7
TMS320C6727, TMS320C6726, TMS320C6722
Floating-Point Digital Signal Processors
SPRS268C – MAY 2005 – REVISED NOVEMBER 2005
The organization of program/data ROM and RAM on C672x is simple and efficient. ROM is organized as
two 256-bit-wide pages with four 64-bit-wide banks. RAM is organized as a single 256-bit-wide page with
eight 32-bit-wide banks.
The internal memory organization is illustrated in Figure 2-2 (ROM) and Figure 2-3 (RAM).
Figure 2-2. Program/Data ROM Organization
Figure 2-3. Program/Data RAM Organization
The C672x memory controller supports up to three parallel accesses to the internal RAM and ROM from
three of the following four sources as long as there are no bank conflicts:
• Two 64-bit data accesses from the C67x+ CPU
• One 256-bit-wide program fetch from the program cache
• One 32-bit data access from the peripheral system (either dMAX or UHPI)
A program cache miss is 256 bits wide and conflicts only with data accesses to the same page. Multiple
data accesses to different pages, or to the same page but different banks will occur without conflict.
The organization of the C672x internal memory system into multiple pages (3 total) and a large number of
banks (16 total) means that it is straightforward to optimize DSP code to avoid data conflicts. Several
factors, including the large program cache and the partitioning of the memory system into multiple pages,
minimize the number of program versus data conflicts.
The result is an efficient memory system which allows easy tuning towards the maximum possible CPU
performance.
The C672x ROM consists of a software bootloader plus additional software. Please refer to the
C9230C100 TMS320C672x Floating-Point Digital Signal Processors ROM Data Manual (literature number
SPRS277) for more details on the ROM contents.
Device Overview
10


Similar Part No. - TMS320C6726

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6726 TI-TMS320C6726 Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6726 TI-TMS320C6726 Datasheet
944Kb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6726B TI-TMS320C6726B Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6726B TI-TMS320C6726B Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6726B TI-TMS320C6726B Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
More results

Similar Description - TMS320C6726

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6712 TI1-TMS320C6712_08 Datasheet
1Mb / 116P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI1-TMS320C6727B_17 Datasheet
1Mb / 119P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711B TI-TMS320C6711B Datasheet
1Mb / 132P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6713 TI-TMS320C6713 Datasheet
2Mb / 150P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B_08 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727B TI-TMS320C6727B_07 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711 TI-TMS320C6711 Datasheet
1Mb / 129P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
SM320C6713-EP TI1-SM320C6713-EP_15 Datasheet
1Mb / 133P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727 TI-TMS320C6727_08 Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com