Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3122IDRG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # THS3122IDRG4
Description  LOW-NOISE, HIGH-SPEED, 450 mA CURRENT FEEDBACK AMPLIFIERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3122IDRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS3122IDRG4 Datasheet HTML 3Page - Texas Instruments THS3122IDRG4 Datasheet HTML 4Page - Texas Instruments THS3122IDRG4 Datasheet HTML 5Page - Texas Instruments THS3122IDRG4 Datasheet HTML 6Page - Texas Instruments THS3122IDRG4 Datasheet HTML 7Page - Texas Instruments THS3122IDRG4 Datasheet HTML 8Page - Texas Instruments THS3122IDRG4 Datasheet HTML 9Page - Texas Instruments THS3122IDRG4 Datasheet HTML 10Page - Texas Instruments THS3122IDRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
THS3122
THS3125
SLOS382 − SEPTEMBER 2001
7
www.ti.com
TYPICAL CHARACTERISTICS
Figure 10
−12
−9
−6
−3
0
3
6
9
12
15
0.1
1
10
100
1000
RF = 470 Ω
RF = 560 Ω
RF = 200 Ω
VCC = ±15 V,
RL = 50 Ω
f − Frequency − MHz
SMALL SIGNAL CLOSED LOOP GAIN
vs
FREQUENCY
Figure 11
−24
−18
−12
−6
0
6
12
18
0.1
1
10
100
1000
4 VPP
G = 2, VCC = ±5 V,
RL = 680 Ω, RL = 50 Ω
f − Frequency − MHz
SMALL AND LARGE SIGNAL OUTPUT
vs
FREQUENCY
2 VPP
1 VPP
0.5 VPP
0.25 VPP
0.125 VPP
Figure 12
−24
−18
−12
−6
0
6
12
18
0.1
1
10
100
1000
4 VPP
G = 2, VCC = ±15 V,
RL = 680 Ω,RL = 50 Ω
f − Frequency − MHz
SMALL AND LARGE SIGNAL OUTPUT
vs
FREQUENCY
2 VPP
1 VPP
0.5 VPP
0.25 VPP
0.125 VPP
Figure 13
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0.1
1
10
100
3rd Harmonic
G = 2,
VCC = ±5 V,
VO(PP) = 2 V,
RF = 470 Ω,
RL = 50 Ω
f − Frequency − MHz
HARMONIC DISTORTION
vs
FREQUENCY
5th Harmonic
2nd Harmonic
4th Harmonic
Figure 14
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0.1
1
10
100
3rd Harmonic
G = 2,
VCC = ±15 V,
VO(PP) = 2 V,
RF = 470 Ω,
RL = 50 Ω
f − Frequency − MHz
HARMONIC DISTORTION
vs
FREQUENCY
5th Harmonic
2nd Harmonic
4th Harmonic
Figure 15
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0.1
1
10
3rd Harmonic
G = 2,
VCC = ±15 V,
VO(PP) = 8 V,
RF = 470 Ω,
RL = 50 Ω
f − Frequency − MHz
HARMONIC DISTORTION
vs
FREQUENCY
5th Harmonic
2nd Harmonic
4th Harmonic
Figure 16
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
3rd Harmonic
G = 2,
VCC = ±5 V,
f = 1 MHz,
RF = 470 Ω,
RL = 50 Ω
VPP − Peak-to-Peak Output Voltage − V
HARMONIC DISTORTION
vs
PEAK-TO-PEAK OUTPUT VOLTAGE
4th Harmonic
2nd Harmonic
5th Harmonic
Figure 17
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
01234
56789
3rd Harmonic
G = 2,
VCC = ±15 V,
f = 1 MHz,
RF = 470 Ω,
RL = 50 Ω
VPP − Peak-to-Peak Output Voltage − V
HARMONIC DISTORTION
vs
PEAK-TO-PEAK OUTPUT VOLTAGE
5th Harmonic
4th Harmonic
2nd Harmonic
1
10
100
0.01
0.1
110
100
f − Frequency − kHz
VOLTAGE NOISE AND CURRENT NOISE
vs
FREQUENCY
In−
In+
Vn
VCC = ±5 V to ±15 V
TA = 25°C
Figure 18


Similar Part No. - THS3122IDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3122ID TI1-THS3122ID Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Speed, 450-mA Current Feedback Amplifiers
THS3122IDDA TI1-THS3122IDDA Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Speed, 450-mA Current Feedback Amplifiers
More results

Similar Description - THS3122IDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3122 TI1-THS3122 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Speed, 450-mA Current Feedback Amplifiers
THS3115CPWP TI1-THS3115CPWP Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
logo
Burr-Brown (TI)
THS3112 BURR-BROWN-THS3112 Datasheet
371Kb / 14P
   LOW-NOISE, HIGH-SPEED CURRENT FEEDBACK AMPLIFIERS
logo
Texas Instruments
THS3110IDGN TI-THS3110IDGN Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110 TI-THS3110 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3110 TI1-THS3110_14 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120 TI-THS3120 Datasheet
916Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_14 Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_16 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3001 TI-THS3001 Datasheet
633Kb / 32P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com