Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2350 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2350
Description  HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2350 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2350 Datasheet HTML 2Page - Texas Instruments TPS2350 Datasheet HTML 3Page - Texas Instruments TPS2350 Datasheet HTML 4Page - Texas Instruments TPS2350 Datasheet HTML 5Page - Texas Instruments TPS2350 Datasheet HTML 6Page - Texas Instruments TPS2350 Datasheet HTML 7Page - Texas Instruments TPS2350 Datasheet HTML 8Page - Texas Instruments TPS2350 Datasheet HTML 9Page - Texas Instruments TPS2350 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
TPS2350
SLUS574A − JULY 2003 − REVISED SEPTEMBER 2003
6
www.ti.com
PIN DESCRIPTIONS (cont.)
GATB: Gate drive for an external N-channel power MOSFET to select −VINB. When –VINB is more negative
than –VINA, GATB is pulled 14 V above –VINB, turning on the –VINB power FET. When –VINA is more negative
than –VINB, GATB is pulled down to –VINA, turning off the –VINB power FET.
PG: Open-drain, active-high indication that load current is below the commanded current and the power FET
is fully enhanced. When commanded load current is more than the actual load current, the linear current
amplifier (LCA) will raise the power MOSFET gate voltage to fully enhance the power MOSFET. At this time,
the PG output will go high. This output can be used to enable a down-stream dc-to-dc converter. The PG output
is pulled to the lower of –VINA and –VINB. The PG output is able to sink 10 mA when in fault, withstand 80 V
without leakage when power is not good, and withstand transients as high as 100 V when limited by a series
resistor of at least 10 k
Ω.
OV: Over voltage comparator input. This input is typically connected to a voltage divider between RTN and
SOURCE to sense the magnitude of the more negative input supply. If OV is less than 1.4 V above SOURCE,
UV is more than 1.4 V above SOURCE, and there is no fault, the linear current amp will be enabled. In the event
of a fault, pulling OV high or UV low will reset the fault latch and allow restarting. OV can also be used as an
active-low logic enable input. The over-voltage comparator hysteresis is programmed by the equivalent
resistance seen looking into the divider at the OV input.
RAMP: Programming input for setting inrush current and current slew rate. An external capacitor connected
between RAMP and SOURCE establishes turn-on current slew rate. During turn-on, TPS2350 charges this
capacitor to establish the reference input to the LCA at 1% of the voltage from RAMP to SOURCE. The
closed-loop control of the LCA and the pass FET maintains the current-sense voltage from SENSE to SOURCE
at the reference potential, so the load current slew rate is directly set by the voltage ramp rate at the RAMP pin.
When fully charged, RAMP can exceed SOURCE by 6 V, but the reference is internally clamped to 42 mV,
limiting load current to 42 mV/RSENSE. When the output is disabled via OV, UV, or due to a load fault, the RAMP
capacitor is discharged and held low to initialize for the next turn on.
RTN: Positive supply input. For negative voltage systems, this pin connects directly to the return node of the
input power bus.
SENSE: Current sense input. An external low-value resistor connected between SENSE and SOURCE is used
to monitor current magnitude. There are two internal device thresholds associated with the voltage at the
SENSE pin. During ramp-up of the load capacitance or during other periods of excessive demand, the linear
current amp (LCA) will regulate this voltage to 42 mV. Whenever the LCA is in current regulation mode, the
capacitor at FLTTIM is charging and the timer is running. If the LCA is saturated, GAT is pulled 14 V above
SOURCE. At this time, a fast fault such as a short circuit can cause the SENSE voltage to rapidly exceed 120 mV
(the overload threshold). In this case, the GAT pin is pulled low rapidly, bypassing the fault timer.
SOURCE: Connection to the sources of the input supply negative rail selector FETs and the negative terminal
of the current sense resistor. The supply select comparator will turn on the appropriate power FET to connect
SOURCE to the more negative of –VINA and –VINB.
UV: Under voltage comparator input. This input is typically connected to a voltage divider between RTN and
SOURCE to sense the magnitude of the more negative input supply. If UV is more than 1.4 V above SOURCE,
OV is less than 1.4 V above SOURCE, and there is no fault, the linear current amp will be enabled. In the event
of a fault, pulling UV low or OV high will reset the fault latch and allow restarting. UV can also be used as an
active high logic enable input. The under-voltage comparator hysteresis is programmed by the equivalent
resistance seen looking into the divider at the UV input.
−VINA: Negative supply input A. This pin connects directly to the first input supply negative rail.
−VINB: Negative supply input B. This pin connects directly to the second input supply negative rail.


Similar Part No. - TPS2350

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2350 TI1-TPS2350 Datasheet
1Mb / 27P
[Old version datasheet]   Hot Swap Power Manager for Redundant ??8-V Supplies
TPS2350D TI1-TPS2350D Datasheet
1Mb / 27P
[Old version datasheet]   Hot Swap Power Manager for Redundant ??8-V Supplies
TPS2350DG4 TI1-TPS2350DG4 Datasheet
1Mb / 27P
[Old version datasheet]   Hot Swap Power Manager for Redundant ??8-V Supplies
TPS2350DR TI1-TPS2350DR Datasheet
1Mb / 27P
[Old version datasheet]   Hot Swap Power Manager for Redundant ??8-V Supplies
TPS2350DRG4 TI1-TPS2350DRG4 Datasheet
1Mb / 27P
[Old version datasheet]   Hot Swap Power Manager for Redundant ??8-V Supplies
More results

Similar Description - TPS2350

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2350 TI1-TPS2350_15 Datasheet
1Mb / 27P
[Old version datasheet]   Hot Swap Power Manager for Redundant ??8-V Supplies
TPS2393 TI-TPS2393 Datasheet
373Kb / 31P
[Old version datasheet]   FULL-FEATURED -48-V HOT SWAP POWER MANAGER
TPS2399DGKG4 TI1-TPS2399DGKG4 Datasheet
993Kb / 28P
[Old version datasheet]   -48-V HOT SWAP CONTROLLER FOR REDUNDANT-SUPPLY SYSTEMS
logo
ON Semiconductor
TPS2398 ONSEMI-TPS2398 Datasheet
363Kb / 15P
   -48 V Hot Swap Controller for Redundant Supply Systems
August, 2017 ??Rev. 0
logo
Texas Instruments
TPS2394 TI1-TPS2394 Datasheet
340Kb / 18P
[Old version datasheet]   ??8-V Hot Swap Power Manager
TPS2394 TI1-TPS2394_15 Datasheet
676Kb / 20P
[Old version datasheet]   ??8-V Hot Swap Power Manager
UCC3915DP TI-UCC3915DP Datasheet
663Kb / 15P
[Old version datasheet]   15-V PROGRAMMABLE HOT SWAP POWER MANAGER
UCC2920 TI1-UCC2920 Datasheet
251Kb / 7P
[Old version datasheet]   ??V to ??5V Hot Swap Power Manager
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com