Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2350PW Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2350PW
Description  HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2350PW Datasheet(HTML) 4 Page - Texas Instruments

  TPS2350PW Datasheet HTML 1Page - Texas Instruments TPS2350PW Datasheet HTML 2Page - Texas Instruments TPS2350PW Datasheet HTML 3Page - Texas Instruments TPS2350PW Datasheet HTML 4Page - Texas Instruments TPS2350PW Datasheet HTML 5Page - Texas Instruments TPS2350PW Datasheet HTML 6Page - Texas Instruments TPS2350PW Datasheet HTML 7Page - Texas Instruments TPS2350PW Datasheet HTML 8Page - Texas Instruments TPS2350PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
TPS2350
SLUS574A − JULY 2003 − REVISED SEPTEMBER 2003
4
www.ti.com
ELECTRICAL CHARACTERISTICS
−VINA = −48 V, −VINB = 0 V, UV = 2.5 V, OV = 0.5 V, SENSE = 0 V, RAMP = 0 V, SOURCE = more negative of –VINA
and –VINB, all outputs unloaded, TA = −40 _C to 85 _C (unless otherwise noted)†‡
Overload Comparator
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VTH_OL SENSE current overload threshold
100
120
140
mV
tRSP
Response time
SENSE – SOURCE = 200 mV
2
4
7
µs
Fault Timer
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOL
FLTTIM low−level output voltage, to −VINA
UV = −48 V
5
mV
ICHG
FLTTIM charging current, current limit mode
FLTTIM − SOURCE = 2 V
−54
−50
−41
µA
VFLT
FLTTIM fault threshold voltage to SOURCE
3.75
4.00
4.25
V
VRST
Fault reset threshold to SOURCE
0.5
V
IDSG
FLTTIM Discharge current, retry mode
FLTTIM – SOURCE = 2 V
0.38
0.75
µA
D
Output duty cycle during retry cycles
SENSE − SOURCE = 80 mV,
FLTTIM − SOURCE = 2 V
1.0%
1.5%
IRST
FLTTIM discharge current, timer reset mode
FLTTIM − SOURCE = 2 V, SENSE = V
1
mA
Logic Outputs (FLT, PG)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOHFLT
FLT high-level output leakage current
UV = −48 V, FLT – SOURCE = 80 V
−10
10
A
IOHPG
PG high-level output leakage current
UV = −45 V, PG – SOURCE = 80 V
−10
10
µA
RDS(on)
FLT ON resistance
SENSE−SOURCE = 80 mV,
FLTTIM−SOURCE = 5 V,
I(FLT) = 1 mA
50
80
RDS(on)
PG ON resistance
UV = −48 V, IO(PG) = 1 mA
50
80
Supply Selector
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VTHA
Threshold voltage, −VINA falling
−VINB = −48 V, −VINA falling
−48.45
−48.40
−48.35
V
VTHB
Threshold voltage, −VINB falling
−VINA = −48 V, −VINB falling
−48.45
−48.40
−48.35
V
ISINK
GATA sink current
−VINA = 0 V, −VINB = −48 V,
GATA = −41 V
30
80
mA
ISOURCE GATA source current
−VINA = −48 V, −VINB = −0 V,
GATA = −41 V
−50
−20
µA
ISINK
GATB sink current
−VINA = −48 V, −VINB = −0 V,
GATB = −41 V
30
80
mA
ISOURCE GATB source current
−VINA = 0 V, −VINB = −48 V,
GATB = −41 V
−50
−20
µA
VOLA
GATA low voltage to –VINA
−VINA = 0 V, −VINB = −48 V
0.1
VOLA
GATA high voltage to –VINA
−VINA = −48 V, −VINB = 0 V
11
14
17
V
VOLB
GATB low voltage to –VINB
−VINA = −48 V, −VINB = 0 V
0.1
V
VOLB
GATB high voltage to −VINB
−VINA = 0 V, −VINB = −48 V
11
14
17
† All voltages are with respect to RTN unless otherwise stated.
‡ Currents are positive into and negative out of the specified terminal.


Similar Part No. - TPS2350PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2350PW TI1-TPS2350PW Datasheet
1Mb / 27P
[Old version datasheet]   Hot Swap Power Manager for Redundant ??8-V Supplies
TPS2350PWG4 TI1-TPS2350PWG4 Datasheet
1Mb / 27P
[Old version datasheet]   Hot Swap Power Manager for Redundant ??8-V Supplies
TPS2350PWR TI1-TPS2350PWR Datasheet
1Mb / 27P
[Old version datasheet]   Hot Swap Power Manager for Redundant ??8-V Supplies
TPS2350PWRG4 TI1-TPS2350PWRG4 Datasheet
1Mb / 27P
[Old version datasheet]   Hot Swap Power Manager for Redundant ??8-V Supplies
More results

Similar Description - TPS2350PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2350 TI1-TPS2350_15 Datasheet
1Mb / 27P
[Old version datasheet]   Hot Swap Power Manager for Redundant ??8-V Supplies
TPS2393 TI-TPS2393 Datasheet
373Kb / 31P
[Old version datasheet]   FULL-FEATURED -48-V HOT SWAP POWER MANAGER
TPS2399DGKG4 TI1-TPS2399DGKG4 Datasheet
993Kb / 28P
[Old version datasheet]   -48-V HOT SWAP CONTROLLER FOR REDUNDANT-SUPPLY SYSTEMS
logo
ON Semiconductor
TPS2398 ONSEMI-TPS2398 Datasheet
363Kb / 15P
   -48 V Hot Swap Controller for Redundant Supply Systems
August, 2017 ??Rev. 0
logo
Texas Instruments
TPS2394 TI1-TPS2394 Datasheet
340Kb / 18P
[Old version datasheet]   ??8-V Hot Swap Power Manager
TPS2394 TI1-TPS2394_15 Datasheet
676Kb / 20P
[Old version datasheet]   ??8-V Hot Swap Power Manager
UCC3915DP TI-UCC3915DP Datasheet
663Kb / 15P
[Old version datasheet]   15-V PROGRAMMABLE HOT SWAP POWER MANAGER
UCC2920 TI1-UCC2920 Datasheet
251Kb / 7P
[Old version datasheet]   ??V to ??5V Hot Swap Power Manager
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com