Electronic Components Datasheet Search |
|
TSH330IDT Datasheet(PDF) 10 Page - STMicroelectronics |
|
TSH330IDT Datasheet(HTML) 10 Page - STMicroelectronics |
10 / 19 page TSH330 Evaluation Boards 10/19 3 Evaluation Boards An evaluation board kit optimized for high-speed operational amplifiers is available (order code: KITHSEVAL/STDL). The kit includes the following evaluation boards, as well as a CD-ROM containing datasheets, articles, application notes and a user manual: SOT23_SINGLE_HF BOARD: Board for the evaluation of a single high-speed op-amp in SOT23-5 package. SO8_SINGLE_HF: Board for the evaluation of a single high-speed op-amp in SO8 package. SO8_DUAL_HF: Board for the evaluation of a dual high-speed op-amp in SO8 package. SO8_S_MULTI: Board for the evaluation of a single high-speed op-amp in SO8 package in inverting and non-inverting configuration, dual and single supply. SO14_TRIPLE: Board for the evaluation of a triple high-speed op-amp in SO14 package with video application considerations. Board material: 2 layers FR4 ( εr=4.6) epoxy 1.6mm copper thickness: 35µm Figure 30. Evaluation kit for high-speed op-amps |
Similar Part No. - TSH330IDT |
|
Similar Description - TSH330IDT |