Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE990 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE990
Description  Integrated Circuit Dual Audio Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE990 Datasheet(HTML) 1 Page - NTE Electronics

  NTE990 Datasheet HTML 1Page - NTE Electronics NTE990 Datasheet HTML 2Page - NTE Electronics NTE990 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTE990
Integrated Circuit
Dual Audio Power Amplifier
Description:
The NTE990 is a monolithic dual power amplifier designed to deliver 2W/channel continuous into 8
loads. The NTE990 is designed to operate with a low number of external components, and still pro-
vide flexibility for use in stereo phonographs, tape records and AM–FM stereo receivers, etc. Each
power amplifier is biased from a common internal regulator to provide high power supply rejection,
and output Q point centering. The NTE990 is internally compensated for all gains greater than 10.
Features:
D 2W/channel
D –65 dB Ripple Rejection, Output Referred
D –65 dB Channel Separation, Output Referred
D Wide Supply Range: 6V to 24V
D Very Low Cross–Over Distortion
D Low Audio Band Noise
D AC Short Circuit Protected
D Internal Thermal Shutdown
Applications:
D Multi–Channel Audio Systems
D Stereo Phonographs
D Tape Recorders and Players
D AM–FM Radio Receivers
D Servo Amplifiers
D Intercom Systems
D Automotive Products
Absolute Maximum Ratings:
Supply Voltage, VCC
26V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Voltage, VI
±0.7V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature, TJ
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
0
° to +70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (During Soldering, 10sec), TL
+300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .


Similar Part No. - NTE990

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE99 NTE-NTE99 Datasheet
27Kb / 3P
   Silicon NPN Transistor Darlington w/Base-Emitter Speed-up Diode
NTE992 NTE-NTE992 Datasheet
28Kb / 3P
   Integrated Circuit Quad, Single Supply Operational Amplifier
NTE9936 NTE-NTE9936 Datasheet
56Kb / 2P
   Integrated Circuit DTL, Hex Inverter
NTE994M NTE-NTE994M Datasheet
23Kb / 3P
   Integrated Circuit Voltage Controlled Oscillator
NTE995 NTE-NTE995 Datasheet
30Kb / 4P
   Integrated Circuit Frequency-to-Voltage Converter
More results

Similar Description - NTE990

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7061 NTE-NTE7061 Datasheet
23Kb / 2P
   Integrated Circuit Dual 5.3W Audio Power Amplifier Circuit
NTE1373 NTE-NTE1373 Datasheet
84Kb / 3P
   Integrated Circuit Dual Audio Power Amplifier Circuit, 7.5W
NTE1389 NTE-NTE1389 Datasheet
24Kb / 3P
   Integrated Circuit Dual, Audio Power Amplifier, 20W
NTE1626 NTE-NTE1626 Datasheet
79Kb / 2P
   Integrated Circuit 4.2W Dual Audio Power Amplifier
NTE7055 NTE-NTE7055 Datasheet
76Kb / 3P
   Integrated Circuit Dual Audio Power Amplifier, 2W
NTE1387 NTE-NTE1387 Datasheet
22Kb / 2P
   Integrated Circuit Dual, Audio Power Amplifier, 2.4W/Ch
NTE1398 NTE-NTE1398 Datasheet
22Kb / 2P
   Integrated Circuit Dual Audio Power Amplifier, 5.8W/Ch
logo
KEC(Korea Electronics)
KIA8246H KEC-KIA8246H Datasheet
116Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (DUAL AUDIO POWER AMPLIFIER)
KIA6240K KEC-KIA6240K Datasheet
381Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (DUAL AUDIO POWER AMPLIFIER)
KIA8200AH KEC-KIA8200AH Datasheet
193Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (DUAL AUDIO POWER AMPLIFIER)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com