Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W541C20X Datasheet(PDF) 2 Page - Winbond

Part # W541C20X
Description  4-BIT MICROCONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W541C20X Datasheet(HTML) 2 Page - Winbond

  W541C20X Datasheet HTML 1Page - Winbond W541C20X Datasheet HTML 2Page - Winbond W541C20X Datasheet HTML 3Page - Winbond W541C20X Datasheet HTML 4Page - Winbond W541C20X Datasheet HTML 5Page - Winbond W541C20X Datasheet HTML 6Page - Winbond W541C20X Datasheet HTML 7Page - Winbond W541C20X Datasheet HTML 8Page - Winbond W541C20X Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
W541C20X
- 2 -
1. GENERAL DESCRIPTION
The W541C20X is fully compatible with W741C20X in the terms of pin assignment and IC functon. It is
a high-performance 4-bit microcontroller (
µC) that operates on very low current. The device contains a
4-bit ALU, two 8-bit timers, a divider, a serial port, and five 4-bit I/O ports (including 3 output ports for
LED driving). There are also seven interrupt sources and 8-level subroutine nesting for interrupt
applications. The W541C20X has two power reduction modes, hold mode and stop mode, which help
to minimize power dissipation.
The W541C20X is suitable for remote controllers, toy controllers, keyboard controllers, speech
synthesis LSI controllers, and other products.
2. FEATURES
Operating voltage: 2.4V to 5.5V
Single system clock
− Oscillation frequency up to 4 MHz , Crystal or RC oscillator is selected by mask code option
− High-frequency (400 KHz to 4 MHz) or low-frequency (32.768 KHz) oscillation is delected by mask
code option
Memory
−2048 x 16 bit program ROM (including 2K x 4 bit look-up table)
−128 x 4 bit data RAM (including 16 working registers)
21 input/output pins
−Input/output ports: 4 ports/16 pins
− Serial input/output port: 1 port /4 pins (high sink current for LED driving)
− MFP output pin: 1 pin (MFP)
−Do not be floating when it is as input or output open-drain (NMOS type).
Power-down mode
−Hold function: no operation (except for oscillator)
−Stop function: no operation (including oscillator)
Seven types of interrupts
−Five internal interrupts (Divider 0, Timer 0, Timer 1, and Serial I/O)
−Two external interrupts (Port RC and IN pin)
T
MFP output pin
−Output is software selectable as modulating or nonmodulating frequency
−Works as frequency output specified by Timer 1
Built-in 14-bit clock frequency divider circuit


Similar Part No. - W541C20X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W541C200 ETC1-W541C200 Datasheet
439Kb / 15P
   4BIT MICROCONTROLLER
W541C201 ETC1-W541C201 Datasheet
439Kb / 15P
   4BIT MICROCONTROLLER
W541C202 ETC1-W541C202 Datasheet
439Kb / 15P
   4BIT MICROCONTROLLER
W541C203 ETC1-W541C203 Datasheet
439Kb / 15P
   4BIT MICROCONTROLLER
W541C204 ETC1-W541C204 Datasheet
439Kb / 15P
   4BIT MICROCONTROLLER
More results

Similar Description - W541C20X

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM73PE00 EMC-EM73PE00 Datasheet
722Kb / 51P
   4-BIT MICROCONTROLLER
logo
Winbond
W742C811 WINBOND-W742C811 Datasheet
23Kb / 2P
   4-BIT MICROCONTROLLER
W742S81A WINBOND-W742S81A Datasheet
242Kb / 47P
   4 BIT MICROCONTROLLER
logo
List of Unclassifed Man...
TM8704 ETC-TM8704 Datasheet
75Kb / 8P
   4 Bit Microcontroller
logo
Winbond
W741C20X WINBOND-W741C20X Datasheet
486Kb / 84P
   4-BIT MICROCONTROLLER
W741L260 WINBOND-W741L260 Datasheet
480Kb / 90P
   4-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HTG12B0 HOLTEK-HTG12B0 Datasheet
212Kb / 33P
   4-Bit Microcontroller
logo
Winbond
W541C250 WINBOND-W541C250 Datasheet
196Kb / 10P
   4-BIT MICROCONTROLLER
W742E816 WINBOND-W742E816 Datasheet
518Kb / 58P
   4-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
TM6811 ETC1-TM6811 Datasheet
59Kb / 5P
   4 Bit Microcontroller
logo
ELAN Microelectronics C...
EM73982 EMC-EM73982 Datasheet
216Kb / 41P
   4-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com