Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2795 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # 2SK2795
Description  Silicon N Channel MOS FET UHF Power Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK2795 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  2SK2795 Datasheet HTML 1Page - Hitachi Semiconductor 2SK2795 Datasheet HTML 2Page - Hitachi Semiconductor 2SK2795 Datasheet HTML 3Page - Hitachi Semiconductor 2SK2795 Datasheet HTML 4Page - Hitachi Semiconductor 2SK2795 Datasheet HTML 5Page - Hitachi Semiconductor 2SK2795 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SK2795
500
400
300
200
100
0
100
80
60
40
20
0
50
40
30
20
10
V
= 4.7 V
I
= 50 mA
f = 836.5MHz
DS
DO
0.1
0.2
0.5
1
2
5
10
100
2
10
5
20
50
1
V
= 0
f = 1 MHz
GS
Po
ηD
Output Power, Drain Rational
vs. Input Power
Input power Pin (mW)
Reverse Transfer Capacitance vs.
Gate to Source Votage
Gate to Source Voltege V
(V)
GS


Similar Part No. - 2SK2795

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK2791 SANYO-2SK2791 Datasheet
43Kb / 4P
   Ultrahigh-Speed Switching Applications
logo
Rohm
2SK2792 ROHM-2SK2792 Datasheet
150Kb / 5P
   Switching (600V, 4A)
2SK2793 ROHM-2SK2793 Datasheet
141Kb / 4P
   Switching (500V, 5A)
logo
Hitachi Semiconductor
2SK2796 HITACHI-2SK2796 Datasheet
54Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
logo
Renesas Technology Corp
2SK2796 RENESAS-2SK2796 Datasheet
95Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - 2SK2795

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK3390 HITACHI-2SK3390 Datasheet
78Kb / 7P
   Silicon N Channel MOS FET UHF Power Amplifier
logo
Renesas Technology Corp
2SK2596 RENESAS-2SK2596 Datasheet
61Kb / 5P
   Silicon N-Channel MOS FET UHF Power Amplifier
2SK2596 RENESAS-2SK2596_07 Datasheet
145Kb / 10P
   Silicon N-Channel MOS FET UHF Power Amplifier
2SK3390 RENESAS-2SK3390 Datasheet
180Kb / 12P
   Silicon N-Channel MOS FET UHF Power Amplifier
Nov 08, 2007
logo
Hitachi Semiconductor
2SK3175A HITACHI-2SK3175A Datasheet
79Kb / 8P
   Silicon N Channel MOS FET UHF Power Amplifier
logo
Renesas Technology Corp
2SK3391 RENESAS-2SK3391_07 Datasheet
150Kb / 10P
   Silicon N-Channel MOS FET UHF Power Amplifier
logo
Hitachi Semiconductor
2SK2922 HITACHI-2SK2922 Datasheet
36Kb / 7P
   Silicon N Channel MOS FET UHF Power Amplifier
logo
Renesas Technology Corp
2SK2595 RENESAS-2SK2595 Datasheet
115Kb / 14P
   Silicon N-Channel MOS FET UHF Power Amplifier
logo
Hitachi Semiconductor
2SK3174A HITACHI-2SK3174A Datasheet
81Kb / 8P
   Silicon N Channel MOS FET UHF Power Amplifier
logo
Renesas Technology Corp
2SK3391 RENESAS-2SK3391 Datasheet
62Kb / 5P
   Silicon N-Channel MOS FET UHF Power Amplifier
Rev.2.00, Apr.14.2004,
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com