Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

35GQ150 Datasheet(PDF) 1 Page - International Rectifier

Part # 35GQ150
Description  SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

35GQ150 Datasheet(HTML) 1 Page - International Rectifier

  35GQ150 Datasheet HTML 1Page - International Rectifier 35GQ150 Datasheet HTML 2Page - International Rectifier 35GQ150 Datasheet HTML 3Page - International Rectifier 35GQ150 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SCHOTTKY RECTIFIER
35 Amp, 150V
35GQ150
Major Ratings and Characteristics
Description/Features
06/19/01
CASE STYLE
IR Case Style TO-254AA
www.irf.com
1
Characteristics
35GQ150
Units
IF(AV)
35
A
VRRM
100
V
IFSM @ tp = 8.3ms half-sine
400
A
VF @ 35Apk, TJ =125°C
1.0
V
TJ,Tstg Operating and storage -55 to 150
°C
HIGH EFFICIENCY SERIES
The 35GQ150 Schottky rectifier has been expressly
designed to meet the rigorous requirements of hi-rel
environments. It is packaged in the hermeticly isolated
TO-254AA
package. The
device's forward voltage drop
and reverse leakage current are optimized for the lowest
power loss and the highest circuit efficiency for typical high
frequency switching power supplies and resonent power
converters. Full
MIL-PRF-19500 quality conformance
testing is available on source control drawings to TX, TXV
and S quality levels.
• Hermetically Sealed
• Low Forward Voltage Drop
• High Frequency Operation
• Guard Ring for Enhanced Ruggedness and Long term
Reliability
• Lightweight
3.78 ( .149 )
3.53 ( .139 )
-A -
13.84 ( .5 45 )
13.59 ( .5 35 )
6.6 0 ( .2 60 )
6.3 2 ( .2 49 )
20 .32 ( .800 )
20 .07 ( .790 )
13 .84 ( .545 )
13 .59 ( .535 )
-C -
1.14 ( .0 45 )
0.89 ( .0 35 )
3.81 ( .150 )
1.27 ( .0 50 )
1.02 ( .0 40 )
-B -
.12 ( .005 )
3X
2X
3.81 ( .15 0 )
1
2
3
17.4 0 ( .685 )
16.8 9 ( .665 )
31 .40 ( 1.235 )
30 .39 ( 1.199 )
.5 0 ( .0 20 )
M C A M B
.2 5 ( .0 10 )
M C
LEG EN D
1 - CO LL
2 - E MIT
3 - GA TE
CATHODEANODEANODE
PD -94233


Similar Part No. - 35GQ150

ManufacturerPart #DatasheetDescription
logo
International Rectifier
35GQ150 IRF-35GQ150 Datasheet
115Kb / 4P
   SCHOTTKY RECTIFIER
35GQ150 IRF-35GQ150_15 Datasheet
115Kb / 4P
   SCHOTTKY RECTIFIER
More results

Similar Description - 35GQ150

ManufacturerPart #DatasheetDescription
logo
International Rectifier
80SCLQ030 IRF-80SCLQ030 Datasheet
50Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
16YQ150C IRF-16YQ150C Datasheet
54Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
20CLQ045 IRF-20CLQ045 Datasheet
75Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
35CGQ150 IRF-35CGQ150 Datasheet
43Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
15JGQ100 IRF-15JGQ100 Datasheet
123Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
16YQ045C IRF-16YQ045C Datasheet
55Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
80SCLQ060 IRF-80SCLQ060 Datasheet
52Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
16SYQ030C IRF-16SYQ030C Datasheet
52Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
12CGQ150SCV IRF-12CGQ150SCV Datasheet
125Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
16CYQ150C IRF-16CYQ150C Datasheet
58Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
16JYQ100C IRF-16JYQ100C Datasheet
102Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com